Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616LV1622TI-70 Datasheet(PDF) 7 Page - Brilliance Semiconductor

Part # BS616LV1622TI-70
Description  Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV1622TI-70 Datasheet(HTML) 7 Page - Brilliance Semiconductor

Back Button BS616LV1622TI-70 Datasheet HTML 2Page - Brilliance Semiconductor BS616LV1622TI-70 Datasheet HTML 3Page - Brilliance Semiconductor BS616LV1622TI-70 Datasheet HTML 4Page - Brilliance Semiconductor BS616LV1622TI-70 Datasheet HTML 5Page - Brilliance Semiconductor BS616LV1622TI-70 Datasheet HTML 6Page - Brilliance Semiconductor BS616LV1622TI-70 Datasheet HTML 7Page - Brilliance Semiconductor BS616LV1622TI-70 Datasheet HTML 8Page - Brilliance Semiconductor BS616LV1622TI-70 Datasheet HTML 9Page - Brilliance Semiconductor BS616LV1622TI-70 Datasheet HTML 10Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Revision 2.1
Jan.
2004
7
NOTES:
1. WE is high in read Cycle.
2. Device is continuously selected when CE1 = VIL and CE2 = VIH.
3. Address valid prior to or coincident with CE1 transition low and CE2 transition high.
4. OE = VIL .
5. The parameter is guaranteed but not 100% tested.
SWITCHING WAVEFORMS (READ CYCLE)
BSI
BS616LV1622
R0201-BS616LV1622
READ CYCLE3 (1,4)
READ CYCLE2 (1,3,4)
READ CYCLE1 (1,2,4)
t RC
t OH
t AA
D
OUT
ADDRESS
t OH
t CLZ
t CHZ(5)
D
OUT
CE1
(5)
t ACS1
CE2
t OH
t RC
t OE
D
OUT
LB,UB
CE1
OE
ADDRESS
t CLZ
(5)
t ACS1
t CHZ
(1,5)
t OHZ (5)
t OLZ
t AA
t BDO
t BA
t BE
CE2
t ACS2
t ACS2


Similar Part No. - BS616LV1622TI-70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV1622TI-70 BSI-BS616LV1622TI-70 Datasheet
255Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
More results

Similar Description - BS616LV1622TI-70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV1626 BSI-BS616LV1626 Datasheet
255Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
logo
List of Unclassifed Man...
BS616LV1623 ETC-BS616LV1623 Datasheet
256Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
logo
Brilliance Semiconducto...
BS616UV1620 BSI-BS616UV1620 Datasheet
215Kb / 12P
   Ultra Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
BS616LV8023 BSI-BS616LV8023 Datasheet
204Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8021 BSI-BS616LV8021 Datasheet
205Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8022 BSI-BS616LV8022 Datasheet
210Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8025 BSI-BS616LV8025 Datasheet
207Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616UV8021 BSI-BS616UV8021 Datasheet
215Kb / 12P
   Ultra Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616UV8020 BSI-BS616UV8020 Datasheet
207Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV2021 BSI-BS616LV2021 Datasheet
254Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com