Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87C196KD Datasheet(PDF) 11 Page - Intel Corporation

Part # 87C196KD
Description  COMMERCIAL CHMOS MICROCONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C196KD Datasheet(HTML) 11 Page - Intel Corporation

Back Button 87C196KD Datasheet HTML 7Page - Intel Corporation 87C196KD Datasheet HTML 8Page - Intel Corporation 87C196KD Datasheet HTML 9Page - Intel Corporation 87C196KD Datasheet HTML 10Page - Intel Corporation 87C196KD Datasheet HTML 11Page - Intel Corporation 87C196KD Datasheet HTML 12Page - Intel Corporation 87C196KD Datasheet HTML 13Page - Intel Corporation 87C196KD Datasheet HTML 14Page - Intel Corporation 87C196KD Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
8XC196KD/8XC196KD20
DC CHARACTERISTICS (Over Specified Operating Conditions) (Continued)
Symbol Description
Min
Typ
Max
Units Test Conditions
IOH1
Logical 1 Output Current in Reset
b
0.8
mA
VIH e VCC b 1.5V
on P2.0. Do not exceed this or
device may enter test modes.
IIL2
Logical 0 Input Current in Reset
b
12.0
mA
VIN e 0.45V
on P2.0. Maximum current that
must be sunk by external device
to ensure test mode entry.
IIH1
Logical 1 Input Current. Maximum
a
200
m
AVIN e 2.4V
current that external device must
source to initiate NMI.
ILI
Input Leakage Current (Std.
g
10
m
A0 k VIN k VCC b 0.3V
Inputs) (Note 5)
ILI1
Input Leakage Current (Port 0)
g
3
m
A0 k VIN k VREF
ITL
1 to 0 Transition Current (QBD
b
650
m
AVIN e 2.0V
Pins)
IIL
Logical 0 Input Current (QBD Pins)
b
70
m
AVIN e 0.45V
IIL1
AD Bus in Reset
b
70
m
AVIN e 0.45V
ICC
Active Mode Current in Reset
65
75
mA
XTAL1 e 16 MHz
(8XC196KD)
VCC e VPP e VREF e 5.5V
ICC
Active Mode Current in Reset
80
92
mA
XTAL1 e 20 MHz
(8XC196KD20)
VCC e VPP e VREF e 5.5V
IIDLE
Idle Mode Current (8XC196KD)
17
25
mA
XTAL1 e 16 MHz
VCC e VPP e VREF e 5.5V
IIDLE
Idle Mode Current (8XC196KD20)
21
30
mA
XTAL1 e 20 MHz
VCC e VPP e VREF e 5.5V
IPD
Powerdown Mode Current
8
15
m
AVCC e VPP e VREF e 5.5V
IREF
A/D Converter Reference Current
2
5
mA
VCC e VPP e VREF e 5.5V
RRST
Reset Pullup Resistor
6K
65K
X
VCC e 5.5V, VIN e 4.0V
CS
Pin Capacitance (Any Pin to VSS)10
pF
NOTES:
1. All pins except RESET and XTAL1.
2. Violating these specifications in Reset may cause the part to enter test modes.
3. QBD (Quasi-bidirectional) pins include Port 1, P2.6 and P2.7.
4. Standard Outputs include AD0±15, RD,WR, ALE, BHE, INST, HSO pins, PWM/P2.5, CLKOUT, RESET, Ports 3 and 4,
TXD/P2.0 and RXD (in serial mode 0). The VOH specification is not valid for RESET. Ports 3 and 4 are open-drain outputs.
5. Standard Inputs include HSI pins, READY, BUSWIDTH, RXD/P2.1, EXTINT/P2.2, T2CLK/P2.3 and T2RST/P2.4.
6. Maximum current per pin must be externally limited to the following values if VOL is held above 0.45V or VOH is held
below VCC b 0.7V:
IOL on Output pins: 10 mA
IOH on quasi-bidirectional pins: self limiting
IOH on Standard Output pins: 10 mA
7. Maximum current per bus pin (data and control) during normal operation is g3.2 mA.
8. During normal (non-transient) conditions the following total current limits apply:
Port 1, P2.6
IOL:29mA
IOH is self limiting
HSO, P2.0, RXD, RESET IOL:29mA
IOH:26mA
P2.5, P2.7, WR, BHE
IOL:13mA
IOH:11mA
AD0±AD15
IOL:52mA
IOH:52mA
RD, ALE, INST±CLKOUT IOL:13mA
IOH:13mA
11


Similar Part No. - 87C196KD

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
87C196KD INTEL-87C196KD Datasheet
255Kb / 21P
   16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
More results

Similar Description - 87C196KD

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC196KD INTEL-8XC196KD Datasheet
383Kb / 25P
   COMMERCIAL CHMOS MICROCONTROLLER
EE87C196KDH20 INTEL-EE87C196KDH20 Datasheet
1Mb / 25P
   COMMERCIAL CHMOS MICROCONTROLLER
80C196KT INTEL-80C196KT Datasheet
1Mb / 31P
   COMMERCIAL CHMOS MICROCONTROLLER
87C196KB INTEL-87C196KB Datasheet
1Mb / 22P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
80C196KC INTEL-80C196KC Datasheet
322Kb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
EN87C196KB16 INTEL-EN87C196KB16 Datasheet
380Kb / 22P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
logo
ARTSCHIP ELECTRONICS CO...
8XC196KB ARTSCHIP-8XC196KB Datasheet
1Mb / 22P
   Commercial/Express CHMOS Microcontroller
logo
Intel Corporation
EE80C196KB16 INTEL-EE80C196KB16 Datasheet
380Kb / 22P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
8XC198 INTEL-8XC198 Datasheet
275Kb / 19P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
EE80C196KC20 INTEL-EE80C196KC20 Datasheet
457Kb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com