Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6650 Datasheet(PDF) 8 Page - Linear Technology

Part # LT6650
Description  Micropower, 400mV Reference with Rail-to-Rail Buffer Amplifier in SOT-23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6650 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT6650 Datasheet HTML 4Page - Linear Technology LT6650 Datasheet HTML 5Page - Linear Technology LT6650 Datasheet HTML 6Page - Linear Technology LT6650 Datasheet HTML 7Page - Linear Technology LT6650 Datasheet HTML 8Page - Linear Technology LT6650 Datasheet HTML 9Page - Linear Technology LT6650 Datasheet HTML 10Page - Linear Technology LT6650 Datasheet HTML 11Page - Linear Technology LT6650 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LT6650
8
6650f
operated from a small battery or other relatively high
impedance source, a minimum 1
µF capacitor is recom-
mended. PSRR can be significantly enhanced by adding a
low-pass RC filter on the input, with a time-constant of
1ms or higher, as shown in Figure 1. The Typical Perfor-
mance Characteristics graphs show performance as a
function of several combinations of input and output
capacitance.
An input RC of 100ms or more is recommended (such as
5k and 22
µF) when output transients must be minimized
in the face of high supply noise, such as in automotive
applications. Figure 2 shows an input filter structure that
effectively eliminates supply transients from affecting the
output. With this extra input decoupling and the LT6650
operating normally from a 12V bus, 50V transients induce
less than <0.5% VOUT perturbations.
Figure 3 shows the turn-on response time for the circuit in
Figure 1. The input voltage steps from 0V to 3V, and the
output is configured to produce 400mV. Input bypass and
output load capacitance are 1
µF, RIN = 0Ω, RZ = 0Ω, and
the output settles in approximately 0.5ms. Figure 4 shows
APPLICATIO S I FOR ATIO
Figure 2. High Noise-Immunity Input Network
Figure 3. LT6650 Turn-On Characteristic
Figure 4. Output Response to
±0.5V Input Step
Figure 5. Output Response to Bidirectional Load Step
(100
µA to –100µA)
Figure 6. Output Response to Current-Sourcing Load Step
(–100
µA to –200µA)
VIN
4.7k
NOISY
POWER BUS
6650 F02
22
µF
1N751
5V
33k
1
µF
the same circuit responding to input transients of 0.5V,
settling in about 0.3ms. Figures 5 through 7 show the
same circuit responding to various load steps: changes
between
±100µA in Figure 5; sourcing current step be-
tween –100
µA and –200µA in Figure 6; and sinkingcurrent
6650 F05
VOUT
10mV/DIV
IOUT
SINKING
SOURCING
100
µA
SINKING
100
µA
SOURCING
6650 F06
VOUT
10mV/DIV
AC
IOUT
–100
µA
–200
µA
VOUT
0.2ms/DIV
6650 F03
VIN
3V
0V
0.4V
0V
2ms/DIV
6650 F04
VIN
VOUT
3V
2.5V
0.4V
0V


Similar Part No. - LT6650

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6650 LINER-LT6650 Datasheet
844Kb / 18P
   SOT-23 Precision Wide Supply High Output Drive Low Noise Reference
LT6650 LINER-LT6650 Datasheet
452Kb / 12P
   Micropower, 400mV Reference with Rail-to-Rail Buffer Amplifier in SOT-23
logo
Linear Integrated Syste...
LT6650 LINEAR-LT6650 Datasheet
747Kb / 22P
   1.5ppm C Drift, Low Noise, Buffered Reference
logo
Linear Technology
LT6650 LINER-LT6650_15 Datasheet
452Kb / 12P
   Micropower, 400mV Reference with Rail-to-Rail Buffer Amplifier in SOT-23
More results

Similar Description - LT6650

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6650 LINER-LT6650_15 Datasheet
452Kb / 12P
   Micropower, 400mV Reference with Rail-to-Rail Buffer Amplifier in SOT-23
LT6700-1 LINER-LT6700-1 Datasheet
237Kb / 12P
   Micropower, Low Voltage, SOT-23, Dual Comparator with 400mV Reference
LT1716 LINER-LT1716_15 Datasheet
261Kb / 12P
   SOT-23, 44V, Over-the-Top, Micropower, Precision Rail-to-Rail Comparator
LT1716 LINER-LT1716 Datasheet
353Kb / 12P
   SOT-23, 44V, Over-The-Top, Micropower, Precision Rail-to-Rail Comparator
LT1635 LINER-LT1635_15 Datasheet
241Kb / 12P
   Micropower Rail-to-Rail Op Amp and Reference
LT1635 LINER-LT1635 Datasheet
306Kb / 12P
   Micropower Rail-to-Rail Op Amp and Reference
LT1783IS5 LINER-LT1783IS5 Datasheet
164Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1783 LINER-LT1783 Datasheet
211Kb / 12P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
logo
Linear Dimensions Semic...
LT1783IS5-TRMPBF LINEAR_DIMENSIONS-LT1783IS5-TRMPBF Datasheet
184Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
logo
Linear Technology
LT1783 LINER-LT1783_1 Datasheet
172Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com