Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT34AC02JE-TE13 Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT34AC02JE-TE13
Description  2K-Bit SMBus EEPROM for ACR Card Configuration
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT34AC02JE-TE13 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT34AC02JE-TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT34AC02JE-TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT34AC02JE-TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT34AC02JE-TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT34AC02JE-TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT34AC02JE-TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT34AC02JE-TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT34AC02JE-TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT34AC02JE-TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CAT34AC02
2
Doc. No. 1025, Rev. E
D.C. OPERATING CHARACTERISTICS
VCC = +1.8V to +6.0V, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
ICC
Power Supply Current (Read)
fSCL = 100 kHz
1
mA
ICC
Power Supply Current (Write)
fSCL = 100 kHz
3
mA
ISB(5)
Standby Current (VCC = 5.0V)
VIN = GND or VCC
0
µA
ILI
Input Leakage Current
VIN = GND to VCC
10
µA
ILO
Output Leakage Current
VOUT = GND to VCC
10
µA
VIL
Input Low Voltage
–1VCC x 0.3
V
VIH
Input High Voltage
VCC x 0.7
VCC + 0.5
V
VOL1
Output Low Voltage (VCC = 3.0V)
IOL = 3 mA
0.4
V
VOL2
Output Low Voltage (VCC = 1.8V)
IOL = 1.5 mA
0.5
V
CAPACITANCE TA = 25°C, f = 1.0 MHz, VCC = 5V
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
CI/O(3)
Input/Output Capacitance (SDA)
VI/O = 0V
8
pF
CIN(3)
Input Capacitance (A0, A1, A2, SCL)
VIN = 0V
6
pF
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Reference Test Method
Min
Typ
Max
Units
NEND(3)
Endurance
MIL-STD-883, Test Method 1033 1,000,000
Cycles/Byte
TDR(3)
Data Retention
MIL-STD-883, Test Method 1008
100
Years
VZAP(3)
ESD Susceptibility
MIL-STD-883, Test Method 3015
2000
Volts
ILTH(3)(4)
Latch-up
JEDEC Standard 17
100
mA
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias
–55
°C to +125°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on Any Pin with
Respect to Ground(1) ........... –2.0V to +VCC + 2.0V
VCC with Respect to Ground ............... –2.0V to +7.0V
Package Power Dissipation
Capability (TA = 25
°C) ................................... 1.0W
Lead Soldering Temperature (10 secs) ............ 300
°C
Output Short Circuit Current(2) ........................ 100mA
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of
the device at these or any other conditions outside of those
listed in the operational sections of this specification is not
implied. Exposure to any absolute maximum rating for
extended periods may affect device performance and
reliability.
Note:
(1) The minimum DC input voltage is –0.5V. During transitions, inputs may undershoot to –2.0V for periods of less than 20 ns. Maximum DC
voltage on output pins is VCC +0.5V, which may overshoot to VCC + 2.0V for periods of less than 20ns.
(2) Output shorted for no more than one second. No more than one output shorted at a time.
(3) This parameter is tested initially and after a design or process change that affects the parameter.
(4) Latch-up protection is provided for stresses up to 100 mA on address and data pins from –1V to VCC +1V.
(5) Standby Current (ISB) = 0µA (<900nA).


Similar Part No. - CAT34AC02JE-TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT34C02 CATALYST-CAT34C02 Datasheet
309Kb / 17P
   2-Kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02 Datasheet
173Kb / 15P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
CAT34C02 ONSEMI-CAT34C02 Datasheet
171Kb / 14P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect TSSOP?? Y SUFFIX
March, 2011 ??Rev. 17
CAT34C02 ONSEMI-CAT34C02 Datasheet
171Kb / 14P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
March, 2011 ??Rev. 17
CAT34C02 ONSEMI-CAT34C02 Datasheet
229Kb / 17P
   EEPROM Serial 2-Kb I2C forDDR2 DIMM SPD
May, 2018 ??Rev. 20
More results

Similar Description - CAT34AC02JE-TE13

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M34A02 STMICROELECTRONICS-M34A02 Datasheet
123Kb / 15P
   2 Kbit Serial SMBus EEPROM for ACR Card Configuration
logo
Panasonic Semiconductor
MN63112S PANASONIC-MN63112S Datasheet
36Kb / 4P
   2K-Bit EEPROM
MN6311S PANASONIC-MN6311S Datasheet
40Kb / 6P
   2K-Bit EEPROM
logo
List of Unclassifed Man...
24LLC02 ETC-24LLC02 Datasheet
663Kb / 19P
   2K-bit Serial EEPROM for Low Power
logo
Catalyst Semiconductor
93C57 CATALYST-93C57 Datasheet
406Kb / 9P
   2K-Bit Microwire Serial EEPROM
CAT93C56 CATALYST-CAT93C56_06 Datasheet
411Kb / 9P
   2K-Bit Microwire Serial EEPROM
logo
Microchip Technology
24LC09 MICROCHIP-24LC09 Datasheet
237Kb / 20P
   8K 2.5V ACR SERIAL EEPROM
2001
24LC09 MICROCHIP-24LC09_04 Datasheet
190Kb / 18P
   8K 2.5V ACR SERIAL EEPROM
2004
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
logo
Seiko Instruments Inc
S-29255A SII-S-29255A Datasheet
846Kb / 14P
   CMOS 2K/4K-bit SERIAL EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com