Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW1300BFG1 Datasheet(PDF) 11 Page - New Japan Radio

Part # NJW1300BFG1
Description  SIGNAL PROCESSOR FOR COLOR TFT
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1300BFG1 Datasheet(HTML) 11 Page - New Japan Radio

Back Button NJW1300BFG1 Datasheet HTML 7Page - New Japan Radio NJW1300BFG1 Datasheet HTML 8Page - New Japan Radio NJW1300BFG1 Datasheet HTML 9Page - New Japan Radio NJW1300BFG1 Datasheet HTML 10Page - New Japan Radio NJW1300BFG1 Datasheet HTML 11Page - New Japan Radio NJW1300BFG1 Datasheet HTML 12Page - New Japan Radio NJW1300BFG1 Datasheet HTML 13Page - New Japan Radio NJW1300BFG1 Datasheet HTML 14Page - New Japan Radio NJW1300BFG1 Datasheet HTML 15Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Ver.5
-11 -
NJW1300B
s
s
s
s APPLICATION CIRCUIT (PAL)
(VCC1=5V,VCC2=5V,VCC3=7V,VDD=5V,VEE1=-5V,GND=0V,DIGREF=0V)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
1M
0.1u
0.1u
0.1u
0.47u
0.01u
0.1u
SYNCSEP
AFC
32fH
VCO
Cin
Vcc1
Ext
RGB
input
B1
G1
R1
RGB output
BOUT
ROUT
GOUT
Vcc3
*2
*1
Syncin
1u
360
Yin
910K
0.1u
0.1u
Sync output
VD
HD
0.047
5.6k
8.2k
VEE1
COLOR
KILLER
IDENT
ACC
TINT
APC
VCO
DEMOD
MATRIX
PICTURE
V
COUNT DOWN
H
COUNT DOWN
REG
ALT
AMP
ALT
AMP
ALT
AMP
CLA
MP
CLA
MP
CLA
MP
INT/EXT SW
FRP
Vcc2
CONT
RAST
CONT
RAST
CONT
RAST
GAIN
R
GAIN
B
*5
*6
0.01u
1 2 3
6
4
3
4
2
1
390
500
*4
*1:2SC2120Y,2SC1959Y
*2:2SA950Y,2SA562TM
*3:32fH Ceramic CSBLA500KECZF2 (Murata)
*6:Deray Line ADL-CP145
(Asahi Garasu)
*7:Burst Creaning Coil 332PN-2636BS (Toko)
*4:4.433619MHz
X’ta NR18 (Nippon Denpa Kougyo)
*5:Maching Coil 5PNP-3086UH (Toko)
680p
0.01u
56p
*7
10M
*3


Similar Part No. - NJW1300BFG1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1300A NJRC-NJW1300A Datasheet
578Kb / 13P
   SIGNAL PROCESSOR FOR COLOR TV
NJW1300AFG1 NJRC-NJW1300AFG1 Datasheet
578Kb / 13P
   SIGNAL PROCESSOR FOR COLOR TV
More results

Similar Description - NJW1300BFG1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2527 NJRC-NJM2527 Datasheet
301Kb / 34P
   COLOR TFT SIGNAL PROCESSOR
logo
List of Unclassifed Man...
NJM2529 ETC1-NJM2529 Datasheet
325Kb / 38P
   COLOR TFT SIGNAL PROCESSOR
logo
New Japan Radio
NJW1301 NJRC-NJW1301 Datasheet
325Kb / 37P
   SIGNAL PROCESSOR FOR COLOR TFT FOR NTSC
logo
Rohm
BA7267F ROHM-BA7267F Datasheet
141Kb / 4P
   Color Signal Processor for APCs
BU2763S ROHM-BU2763S Datasheet
153Kb / 4P
   Color Signal Processor for APCs
logo
New Japan Radio
NJW1300A NJRC-NJW1300A Datasheet
578Kb / 13P
   SIGNAL PROCESSOR FOR COLOR TV
logo
NTE Electronics
NTE1813 NTE-NTE1813 Datasheet
25Kb / 2P
   Integrated Circuit Color Signal Processor for VCR
logo
Sharp Corporation
LR38603 SHARP-LR38603 Datasheet
160Kb / 26P
   Digital Signal Processor for Color CCD Cameras
LR38266 SHARP-LR38266 Datasheet
92Kb / 20P
   Digital Signal Processor for Color CCD Cameras
LR38269 SHARP-LR38269 Datasheet
93Kb / 20P
   Digital Signal Processor for Color CCD Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com