Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT1027LE-28TE13 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT1027LE-28TE13
Description  Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1027LE-28TE13 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT1027LE-28TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT1027LE-28TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT1027LE-28TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT1027LE-28TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT1027LE-28TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT1027LE-28TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT1027LE-28TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT1027LE-28TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT1027LE-28TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
DESCRIPTION
The CAT1026 and CAT1027 are complete memory and
supervisory solutions for microcontroller-based systems.
A 2k-bit serial EEPROM memory and a system power
supervisor with brown-out protection are integrated
together in low power CMOS technology. Memory
interface is via a 400kHz I2C bus.
The CAT1026 and CAT1027 provide a precision VCC
sense circuit with five reset threshold voltage options
that support 5V, 3.3V and 3V systems. The power
supply monitor and reset circuit protects memory and
systems controllers during power up/down and against
brownout conditions. If power supply voltages are out of
tolerance reset signals become active preventing the
system microcontroller, ASIC, or peripherals from
operating.
The CAT1026 features two open drain reset outputs:
one (RESET) drives high and the other (
RESET) drives
low whenever VCC falls below the threshold. Reset
outputs become inactive typically 200 ms after the
supply voltage exceeds the reset threshold value. With
both active high and low reset signals, interface to
microcontrollers and other ICs is simple. CAT1027 has
only a
RESET output. In addition, the RESET pin can be
CAT1026, CAT1027
Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
FEATURES
Precision VCC power supply voltage monitor
— 5V, 3.3 V and 3 V systems
— Five threshold voltage options
Additional voltage monitoring
— Externally adjustable down to 1.25 V
Watchdog timer (CAT1027 only)
Active high or low reset
— Valid reset guaranteed to V
CC = 1 V
400 kHz I2C bus
3.0 V to 5.5 V operation
Low power CMOS technology
16-Byte page write buffer
Built-in inadvertent write protection
1,000,000 Program/Erase cycles
Manual reset capability
100 year data retention
8-pin DIP, SOIC, TSSOP, MSOP or TDFN
(3 x 3 mm foot-print) packages
— TDFN max height is 0.8mm
Industrial and extended temperature ranges
© 2004 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Doc No. 3010, Rev. K
used as an input for push-button manual reset capability.
The CAT1026 and CAT1027 provide an auxiliary voltage
sensor input, VSENSE, which is used to monitor a second
system supply. The auxiliary high impedance comparator
drives the open drain output, VLOW, whenever the sense
voltage is below 1.25V threshold.
The CAT1027 is designed with a 1.6 second watchdog timer
circuit that resets a system to a known state if software or a
hardware glitch halts or “hangs” the system. The CAT1027
features a watchdog timer interrupt input, WDI.
The on-chip 2k-bit EEPROM memory features a 16-byte
page. In addition, hardware data protection is provided by a
VCC sense circuit that prevents writes to memory whenever
VCC falls below the reset threshold or until VCC reaches the
reset threshold during power up.
Available packages include an 8-pin DIP, 8-pin SOIC, 8-
pin TSSOP, 8-pin TDFN and 8-pin MSOP. The TDFN
package thickness is 0.8mm maximum. TDFN footprint is
3x3mm.
ALO
GEN FR
TM
LEAD FREE


Similar Part No. - CAT1027LE-28TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1027LI-25 CATALYST-CAT1027LI-25 Datasheet
313Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
logo
ON Semiconductor
CAT1027LI-25-G ONSEMI-CAT1027LI-25-G Datasheet
602Kb / 20P
   Dual Voltage Supervisory Circuits with I짼C Serial 2k-bit CMOS EEPROM
Doc. No. MD-3010 Rev. P
logo
Catalyst Semiconductor
CAT1027LI-25-GT2 CATALYST-CAT1027LI-25-GT2 Datasheet
313Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
CAT1027LI-25-GT2 CATALYST-CAT1027LI-25-GT2 Datasheet
249Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
CAT1027LI-25-GT3 CATALYST-CAT1027LI-25-GT3 Datasheet
313Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
More results

Similar Description - CAT1027LE-28TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1026_0711 CATALYST-CAT1026_0711 Datasheet
249Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
CAT1026 CATALYST-CAT1026_07 Datasheet
313Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
logo
ON Semiconductor
CAT1021 ONSEMI-CAT1021_18 Datasheet
409Kb / 24P
   Supervisory Circuits with EEPROM Serial 2k-bit I2C
May, 2018 ??Rev. 19
CAT1026 ONSEMI-CAT1026 Datasheet
602Kb / 20P
   Dual Voltage Supervisory Circuits with I짼C Serial 2k-bit CMOS EEPROM
Doc. No. MD-3010 Rev. P
CAT1023WI-28 ONSEMI-CAT1023WI-28 Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS
Doc. No. MD-3009 Rev. P
logo
Catalyst Semiconductor
CAT1024 CATALYST-CAT1024 Datasheet
140Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
CAT1024_0711 CATALYST-CAT1024_0711 Datasheet
228Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
logo
ON Semiconductor
CAT1025JI-28 ONSEMI-CAT1025JI-28 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025WI-30-G ONSEMI-CAT1025WI-30-G Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025JI-30 ONSEMI-CAT1025JI-30 Datasheet
206Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com