Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI90LV14Q Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI90LV14Q
Description  1:5 Clock Distribution
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LV14Q Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI90LV14Q Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LV14Q Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LV14Q Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LV14Q Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LV14Q Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LV14Q Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
PS8538
04/25/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI90LV14/PI90LVT14
1:5 Clock Distribution
DIN
DOUT+
DOUT–
VODOUT–
VODOUT+
IOY
GND
VOD
VI
VOC
(VODOUT++VODOUT–)/2
II
IOZ
Figure 1. Voltage and Current Definitions
Parameter Measurement Information
Figure 2. VOD Test Circuit
Note:
1. All input pulses are supplied by a generator having the following characteristics: tr or tf
≤1ns, Pulse Repetition Rate
(PRR) = 50 Mpps, Pulse width = 10 ±0.2ns. CL includes instrumentation and fixture capacitance within 0.06m of the D.U.T.
The measurement of VOC(PP) is made on test equipment with a –3dB bandwidth of at least 300MHz.
Figure 3. Test Circuit & Definitions for the Driver Common-Mode Output Voltage
Input
VOD
100
3.75k
3.75k
0V
≤ VTEST ≤ 2.4V
±
DOUT+
DOUT–
Input
3V
0V
VI
VOC
VOC(PP)
VOC(SS)
49.9
Ω ±1% (2 places)
DOUT+
DOUT–


Similar Part No. - PI90LV14Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV179 PERICOM-PI90LV179 Datasheet
242Kb / 14P
   3.3V LVDS High-Speed Differential Line Drivers and Receivers
PI90LV179U PERICOM-PI90LV179U Datasheet
242Kb / 14P
   3.3V LVDS High-Speed Differential Line Drivers and Receivers
PI90LV179UE PERICOM-PI90LV179UE Datasheet
995Kb / 11P
   3.3V LVDS High-Speed Differential Line Driver and Receiver
PI90LV179UEX PERICOM-PI90LV179UEX Datasheet
995Kb / 11P
   3.3V LVDS High-Speed Differential Line Driver and Receiver
PI90LV179W PERICOM-PI90LV179W Datasheet
242Kb / 14P
   3.3V LVDS High-Speed Differential Line Drivers and Receivers
More results

Similar Description - PI90LV14Q

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SK10EL14WD SEMTECH-SK10EL14WD Datasheet
93Kb / 4P
   1:5 Clock DISTRIBUTION CHIP
logo
ON Semiconductor
MC100LVEL14 ONSEMI-MC100LVEL14 Datasheet
100Kb / 4P
   1:5 Clock Distribution Chip
1996 REV 1
logo
Micrel Semiconductor
SY100EL14V MICREL-SY100EL14V Datasheet
67Kb / 4P
   5V/3.3V 1:5 CLOCK DISTRIBUTION
SY100EL14V MICREL-SY100EL14V_06 Datasheet
61Kb / 5P
   5V/3.3V 1:5 CLOCK DISTRIBUTION
logo
PhaseLink Corporation
PLL103-05 PLL-PLL103-05 Datasheet
122Kb / 4P
   1-to-5 Clock Distribution Buffer
logo
Micrel Semiconductor
SY100EL14V MICREL-SY100EL14V_14 Datasheet
333Kb / 7P
   5V/3.3V 1:5 Clock Distribution
logo
ON Semiconductor
MC100EL14 ONSEMI-MC100EL14_06 Datasheet
122Kb / 8P
   5V ECL 1:5 Clock Distribution Chip
October, 2006 ??Rev. 7
MC100LVEL14 ONSEMI-MC100LVEL14_06 Datasheet
127Kb / 6P
   3.3V ECL 1:5 Clock Distribution Chip
November, 2006 ??Rev. 8
MC10EL15 ONSEMI-MC10EL15_16 Datasheet
163Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
July, 2016 ??Rev. 7
MC100LVEL14 ONSEMI-MC100LVEL14_16 Datasheet
158Kb / 7P
   3.3 V ECL 1:5 Clock Distribution Chip
July, 2016 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com