Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NM27P512QM200 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NM27P512QM200
Description  524,288-Bit (64K x 8) Processor Oriented CMOS EPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NM27P512QM200 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  NM27P512QM200 Datasheet HTML 1Page - National Semiconductor (TI) NM27P512QM200 Datasheet HTML 2Page - National Semiconductor (TI) NM27P512QM200 Datasheet HTML 3Page - National Semiconductor (TI) NM27P512QM200 Datasheet HTML 4Page - National Semiconductor (TI) NM27P512QM200 Datasheet HTML 5Page - National Semiconductor (TI) NM27P512QM200 Datasheet HTML 6Page - National Semiconductor (TI) NM27P512QM200 Datasheet HTML 7Page - National Semiconductor (TI) NM27P512QM200 Datasheet HTML 8Page - National Semiconductor (TI) NM27P512QM200 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Storage Temperature
b
65 Cto a150 C
All Input Voltages Except A9 with
Respect to Ground
b
06V to a7V
VPP and A9 with Respect to Ground
b
07V to a14V
VCC Supply Voltage with
Respect to Ground
b
06V to a7V
ESD Protection
(MIL Std 883 Method 30152)
l
2000V
All Output Voltages with
Respect to Ground
VCC a 10V to GND b06V
Operating Range
Range
Temperature
VCC
Tolerance
Comm’l
0 Cto a70 C
a
5V
g
10%
Industrial
b
40 Cto a85 C
a
5V
g
10%
Military
b
55 Cto a125 C
a
5V
g
10%
Read Operation
DC Electrical Characteristics
Symbol
Parameter
Test Conditions
Min
Max
Units
VIL
Input Low Level
b
05
08
V
VIH
Input High Level
20
VCC a 1V
VOL
Output Low Voltage
IOL e 21 mA
04
V
VOH
Output High Voltage
IOH eb25 mA
35
V
ISB1(10)
VCC Standby Current (CMOS)
CE e VCC g03V
100
m
A
ISB2
VCC Standby Current
CE e VIH
1mA
ICC
VCC Active Current
CE e OE e VIL
f e 5 MHz
40
mA
IO e 0mA
IPP
VPP Supply Current
VPP e VCC
10
m
A
VPP
VPP Read Voltage
VCC b 07
VCC
V
ILI
Input Load Current
VIN e 55V or GND
b
11
m
A
ILO
Output Leakage Current
VOUT e 55V or GND
b
10
10
m
A
AC Electrical Characteristics
Symbol
Parameter
120
150
200
Units
Min
Max
Min
Max
Min
Max
tACC
Address to Output Delay
120
150
200
ns
tCE
CE to Output Delay
120
150
200
tOE
OE to Output Delay
50
50
50
tDF(2)
Output Disable to Output Float
25
25
25
tCF(2)
Chip Disable to Output Float
30
30
30
tOH(2)
Output Hold from Addresses CE
777
or OE Whichever Occurred First
3


Similar Part No. - NM27P512QM200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NM27P040 NSC-NM27P040 Datasheet
151Kb / 10P
   4,194,304-Bit (512K x 8) Processor Oriented CMOS EPROM
NM27P040Q120 NSC-NM27P040Q120 Datasheet
151Kb / 10P
   4,194,304-Bit (512K x 8) Processor Oriented CMOS EPROM
NM27P040Q150 NSC-NM27P040Q150 Datasheet
151Kb / 10P
   4,194,304-Bit (512K x 8) Processor Oriented CMOS EPROM
NM27P040Q170 NSC-NM27P040Q170 Datasheet
151Kb / 10P
   4,194,304-Bit (512K x 8) Processor Oriented CMOS EPROM
NM27P040QE150 NSC-NM27P040QE150 Datasheet
151Kb / 10P
   4,194,304-Bit (512K x 8) Processor Oriented CMOS EPROM
More results

Similar Description - NM27P512QM200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NM27C512 NSC-NM27C512 Datasheet
159Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
logo
Fairchild Semiconductor
FM27C512 FAIRCHILD-FM27C512_01 Datasheet
97Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
FM27C512 FAIRCHILD-FM27C512 Datasheet
100Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
NM27C512 FAIRCHILD-NM27C512 Datasheet
105Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
logo
National Semiconductor ...
NM27P040 NSC-NM27P040 Datasheet
151Kb / 10P
   4,194,304-Bit (512K x 8) Processor Oriented CMOS EPROM
logo
Macronix International
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
   64K BIT CMOS EPROM (8K X 8)
November 12 1990
27C64A PHILIPS-27C64A Datasheet
528Kb / 14P
   64K-bit CMOS EPROM(8K x 8)
November 12 1990
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
   64K X 8 OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com