Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SUP85N02-03 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SUP85N02-03
Description  N-Channel 20-V (D-S) 175 Degree Celcious MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUP85N02-03 Datasheet(HTML) 3 Page - Vishay Siliconix

  SUP85N02-03 Datasheet HTML 1Page - Vishay Siliconix SUP85N02-03 Datasheet HTML 2Page - Vishay Siliconix SUP85N02-03 Datasheet HTML 3Page - Vishay Siliconix SUP85N02-03 Datasheet HTML 4Page - Vishay Siliconix SUP85N02-03 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SUP/SUB85N02-03
Vishay Siliconix
Document Number: 71421
S-32619—Rev. B, 29-Dec-03
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
6000
12000
18000
24000
30000
04
8
12
16
20
0
2
4
6
8
0
50
100
150
200
250
0
100
200
300
400
500
0
20
40
60
80
100
120
0.000
0.001
0.002
0.003
0.004
0.005
0
20
40
60
80
100
120
0
50
100
150
200
250
0.0
0.5
1.0
1.5
2.0
2.5
0
50
100
150
200
250
0
2468
10
Output Characteristics
Transfer Characteristics
Capacitance
Gate Charge
Transconductance
On-Resistance vs. Drain Current
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)
Qg − Total Gate Charge (nC)
ID − Drain Current (A)
VDS − Drain-to-Source Voltage (V)
25_C
125_C
TC = −55_C
VDS = 10 V
ID = 30 A
VGS = 4.5 thru 2 V
VGS = 1.8 V
Ciss
Coss
Crss
TC = −55_C
25_C
125_C
1.5 V
VGS = 4.5 V
1, 0.5 V
ID − Drain Current (A)
VGS = 2.5 V


Similar Part No. - SUP85N02-03

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SUP85N03 TFUNK-SUP85N03 Datasheet
101Kb / 6P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SUP85N03-04P VISHAY-SUP85N03-04P Datasheet
57Kb / 5P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. B, 12-Mar-02
logo
VBsemi Electronics Co.,...
SUP85N03-04P-E3 VBSEMI-SUP85N03-04P-E3 Datasheet
963Kb / 7P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SUP85N03-07P VISHAY-SUP85N03-07P Datasheet
64Kb / 5P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. B, 10-Apr-00
SUP85N03-07P VISHAY-SUP85N03-07P Datasheet
72Kb / 5P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. B, 10-Apr-00
More results

Similar Description - SUP85N02-03

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD50N02-09P VISHAY-SUD50N02-09P Datasheet
52Kb / 4P
   N-Channel 20-V (D-S) 175 Degree Celcious MOSFET
Rev. C, 14-Jun-04
SUD40N08-16 VISHAY-SUD40N08-16 Datasheet
60Kb / 4P
   N-Channel 80-V (D-S) 175 Degree Celcious MOSFET
Rev. C, 23-Feb-04
SUD50N04-07L VISHAY-SUD50N04-07L Datasheet
73Kb / 5P
   N-Channel 40-V (D-S), 175 Degree Celcious MOSFET
Rev. B, 13-Oct-03
SUP60N10-16L VISHAY-SUP60N10-16L Datasheet
41Kb / 5P
   N-Channel 100-V (D-S) 175 Degree Celcious MOSFET
Rev. B, 31-Mar-03
SUB85N08-08 VISHAY-SUB85N08-08 Datasheet
63Kb / 5P
   N-Channel 75-V (D-S) 175 Degree Celcious MOSFET
Rev. B, 28-Aug-00
SUV85N10-10 VISHAY-SUV85N10-10 Datasheet
45Kb / 5P
   N-Channel 100-V (D-S) 175 Degree Celcious MOSFET
Rev. B, 31-Mar-03
SUP90N10-09 VISHAY-SUP90N10-09 Datasheet
42Kb / 5P
   N-Channel 100-V (D-S) 175 Degree Celcious MOSFET
Rev. A, 25-Nov-02
SUM47N10-24L VISHAY-SUM47N10-24L Datasheet
64Kb / 4P
   N-Channel 100-V (D-S) 175 Degree Celcious MOSFET
Rev. A, 15-Mar-04
SUM09N20-270 VISHAY-SUM09N20-270 Datasheet
39Kb / 5P
   N-Channel 200-V (D-S) 175 Degree Celcious MOSFET
Rev. A, 03-Mar-03
SUM55P06-19L VISHAY-SUM55P06-19L Datasheet
61Kb / 5P
   P-Channel 60-V (D-S) 175 Degree Celcious MOSFET
Rev. B, 04-Oct-04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com