Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC5018 Datasheet(PDF) 2 Page - Texas Instruments

Part # GC5018
Description  8-CHANNEL WIDEBAND RECEIVER
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5018 Datasheet(HTML) 2 Page - Texas Instruments

  GC5018 Datasheet HTML 1Page - Texas Instruments GC5018 Datasheet HTML 2Page - Texas Instruments GC5018 Datasheet HTML 3Page - Texas Instruments GC5018 Datasheet HTML 4Page - Texas Instruments GC5018 Datasheet HTML 5Page - Texas Instruments GC5018 Datasheet HTML 6Page - Texas Instruments GC5018 Datasheet HTML 7Page - Texas Instruments GC5018 Datasheet HTML 8Page - Texas Instruments GC5018 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 115 page
background image
www.ti.com
Contents
2
General Description
GC5018
8-CHANNEL WIDEBAND RECEIVER
SLWS169 – MAY 2005
1
Introduction
............................................... 1
5.1
Digital Receive Section Signals
.................... 105
1.1
FEATURES
........................................... 1
5.2
Microprocessor Signals
............................ 108
1.2
APPLICATIONS
...................................... 1
5.3
JTAG Signals
...................................... 109
2
General Description
..................................... 2
5.4
Factory Test and No Connect Signals
............. 109
3
RECEIVE DIGITAL SIGNAL PROCESSING
......... 3
5.5
Power and Ground Signals
........................ 110
3.1
Receive Input Interface
............................... 4
5.6
Digital Supply Monitoring
.......................... 110
3.2
DDC Organization
................................... 15
5.7
JTAG
............................................... 110
4
GC5018 GENERAL CONTROL
....................... 42
6
SPECIFICATIONS
..................................... 111
4.1
Microprocessor Interface Control Data, Address,
6.1
ABSOLUTE MAXIMUM RATINGS
................. 111
and Strobes
......................................... 43
6.2
RECOMMENDED OPERATING CONDITIONS
... 111
4.2
Synchronization Signals
............................. 45
6.3
THERMAL CHARACTERISTICS
.................. 111
4.3
Interrupt Handling
................................... 46
6.4
DC CHARACTERISTICS
.......................... 112
4.4
GC5018 Programming
.............................. 47
6.5
AC TIMING CHARACTERISTICS
................. 112
5
GC5018 PINS
........................................... 105
The GC5018 is a multi-channel communications signal processor that provides digital downconversion
optimized for cellular base transceiver systems. The device supports UMTS, CDMA-1X and TD-SCDMA
air interface cellular standards.
The chip provides up to 8 UMTS digital downconverter channels (DDC), 16 CDMA DDCs or 16
TD-SCDMA DDCs. The DDC channels are independent and operate simultaneously.
The GC5018 has four 16-bit inputs. Each DDC channel can be programmed to accept data from any one
(or two for complex input mode) of the four input ports.
2
Contents


Similar Part No. - GC5018

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GC5018 TI-GC5018 Datasheet
1Mb / 134P
[Old version datasheet]   8-CHANNEL WIDEBAND RECEIVER
GC5018IZDL TI-GC5018IZDL Datasheet
1Mb / 134P
[Old version datasheet]   8-CHANNEL WIDEBAND RECEIVER
GC5018 TI-GC5018_06 Datasheet
1Mb / 134P
[Old version datasheet]   8-CHANNEL WIDEBAND RECEIVER
More results

Similar Description - GC5018

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GC5018 TI-GC5018_06 Datasheet
1Mb / 134P
[Old version datasheet]   8-CHANNEL WIDEBAND RECEIVER
AFE8406IZDQ TI-AFE8406IZDQ Datasheet
3Mb / 151P
[Old version datasheet]   14-BIT, 85 MSPS DUAL ADC, 8-CHANNEL WIDEBAND RECEIVER
AFE8406 TI-AFE8406 Datasheet
5Mb / 138P
[Old version datasheet]   14-Bit, 85 MSPS Dual ADC, 8-Channel Wideband Receiver
AFE8405 TI-AFE8405 Datasheet
3Mb / 152P
[Old version datasheet]   14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
logo
Linear Technology
LTM9013 LINER-LTM9013_15 Datasheet
960Kb / 38P
   300MHz Wideband Receiver
logo
LANSDALE Semiconductor ...
ML3356 LANSDALE-ML3356 Datasheet
973Kb / 9P
   Wideband FSK Receiver
ML3356 LANSDALE-ML3356_08 Datasheet
276Kb / 9P
   Wideband FSK Receiver
logo
Sanyo Semicon Device
LA7775M SANYO-LA7775M Datasheet
74Kb / 5P
   Wideband FSK Receiver
logo
Motorola, Inc
MC3356 MOTOROLA-MC3356_1 Datasheet
211Kb / 8P
   Wideband FSK Receiver
logo
LANSDALE Semiconductor ...
ML13055 LANSDALE-ML13055 Datasheet
313Kb / 9P
   Wideband FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com