Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JT1ADC6V Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # JT1ADC6V
Description  COMPACT ECONOMICAL 30 AMP. RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

JT1ADC6V Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  JT1ADC6V Datasheet HTML 1Page - Nais(Matsushita Electric Works) JT1ADC6V Datasheet HTML 2Page - Nais(Matsushita Electric Works) JT1ADC6V Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
JT-N·JT
343
ORDERING INFORMATION
TMP
S
1a
JTN
1. JT-N Relays (PCB and TMP type)
F
Contact
arrangement
Protective
construction
Mounting
classtification
1a: 1 Form A
1: 1 Form C
1a
JT
2. JT Relays (Open type)
Contact
arrangement
1a: 1 Form A
1: 1 Form C
S: Sealed type
PA: PCB type
(UL508)
TMP: TMP type
(UL508)
F: Class F
DC 5, 6, 9, 12,
15, 18, 24 V
Coil insulation
Coil voltage
DC 5, 6, 9, 12,
15, 18, 24 V
Coil voltage
UL/CSA approved type is standard.
Note: DC rating is available for class A type. For the class A type, please consult us.
DC12V
DC12V
COIL DATA (at 20°C 68°F)
Nominal
voltage, V DC
Pick-up voltage,
V DC (max.) (Initial)
Drop-out voltage,
V DC (min.) (Initial)
Coil resistance, Ohm (±10%)
Nominal operating power, mW Max. allowable voltage,
V DC (at 70°C 158°F)
Open
PCB & TMP
Open
PCB & TMP
5
3.75
0.5
26
31
962
800
6
6
4.5
0.6
38
45
947
800
7.2
9
6.75
0.9
94
101
862
800
10.8
12
9.0
1.2
155
180
930
800
14.4
15
11.25
1.5
256
281
879
800
18
18
13.5
1.8
380
405
853
800
21.6
24
18.0
2.4
660
720
873
800
28.8
DIMENSIONS
mm inch
2-0.8
×1.6
2-.031
×.063
Terminals
1.14
×1.14
.045
×.045
Terminal
2-0.6 dia.
2-.024 dia.
Coil Terminals
20.2
±0.6
.795
±.024
26.9
±0.6
1.059
±.024
3.6
±0.5
.142
±.020
31.9
±0.6
1.256
±.024
1 Form C
7.62
.300
15.24
.600
2.54
.100
17.78
.700
13.97
.550
3.81
.150
2-1.1 dia.
2-.043 dia.
3-2.1 dia.
3-.083 dia.
PC board pattern (Copper-side view)
Schematic (Bottom view)
Tolerance:
±0.1 ±.004
0.8
×1.6
.031
×.063
Terminals
1.14
×1.14
.045
×.045
Terminal
2-0.6 dia.
2-.024 dia.
Coil Terminals
20.2
±0.6
.795
±.024
26.9
±0.6
1.059
±.024
3.6
±0.5
.142
±.020
31.9
±0.6
1.256
±.024
1 Form A
15.24
.600
2.54
.100
17.78
.700
13.97
.550
3.81
.150
2-1.1 dia.
2-.043 dia.
2-2.1 dia.
2-.083 dia.
PC board pattern (Copper-side view)
Schematic (Bottom view)
1. PCB type
2-0.8
×1.6
2-.031
×.063
Terminals
27.9
±0.6
1.096
±.024
27.4
±0.6
1.079
±.024
6.35
±0.1
.250
±.004
3.6
±0.5
.142
±.020
32.2
±0.6
1.268
±.024
1 Form C
7.62
.300
15.24
.600
2.54
.100
17.78
.700
13.97
.550
3.81
.150
2-1.1 dia.
2-.043 dia.
PC board pattern (Copper-side view)
Schematic
COM
N.C.
N.O.
0.8
±0.1
.031
±.004
0.8
±0.1
.031
±.004
2-0.6 dia.
2-.024 dia.
Coil Terminals
1.14
×1.14
.045
×.045
Terminal
N.C.
N.O.
COM
(Top view)
(Bottom view)
6.20
±0.5
.244
±.020
10.93
±0.5
.430
±.020
3-2.1 dia.
3-.083 dia.
0.8
×1.6
.031
×.063
Terminals
27.9
±0.6
1.096
±.024
27.4
±0.6
1.079
±.024
6.35
±0.1
.250
±.004
3.6
±0.5
.142
±.020
32.2
±0.6
1.268
±.024
1 Form A
17.78
.700
13.97
.550
3.81
.150
2-1.1 dia.
2-.043 dia.
PC board pattern (Copper-side view)
2. TMP type
Schematic
COM
N.C.
N.O.
0.8
±0.1
.031
±.004
0.8
±0.1
.031
±.004
2-0.6 dia.
2-.024 dia.
Coil Terminals
1.14
×1.14
.045
×.045
Terminal
N.O.
COM
(Top view)
(Bottom view)
6.20
±0.5
.244
±.020
10.93
±0.5
.430
±.020
2-2.1 dia.
2-.083 dia.
2.54
.100
15.24
.600
Tolerance:
±0.1 ±.004


Similar Part No. - JT1ADC6V

ManufacturerPart #DatasheetDescription
logo
Yuechung International ...
JT10.7 YIC-JT10.7 Datasheet
493Kb / 1P
   LTCS10.7 Ssries of ceramic filter SMD Type 10.7MHz
logo
Token Electronics Indus...
JT10.7MC1 TOKEN-JT10.7MC1 Datasheet
324Kb / 4P
   JT10.7M Ceramic Discriminators for FM
logo
Shenzhen Luguang Electr...
JT10.7MC1 LUGUANG-JT10.7MC1 Datasheet
141Kb / 7P
   Ceramics discriminator for FM receiver
logo
Yuechung International ...
JT10.7MC1 YIC-JT10.7MC1 Datasheet
493Kb / 1P
   LTCS10.7 Ssries of ceramic filter SMD Type 10.7MHz
logo
Token Electronics Indus...
JT10.7MC1AP TOKEN-JT10.7MC1AP Datasheet
324Kb / 4P
   JT10.7M Ceramic Discriminators for FM
More results

Similar Description - JT1ADC6V

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
CCD100 OMEGA-CCD100 Datasheet
201Kb / 1P
   Compact, Economical Temperature Controllers
logo
ZETTLER Electronics
AZ2704 ZETTLER-AZ2704 Datasheet
75Kb / 3P
   30 AMP POWER RELAY
logo
American Zettler, Inc.
AZ2702 AZETTLER-AZ2702 Datasheet
102Kb / 2P
   30 AMP POWER RELAY
AZ2703 AZETTLER-AZ2703 Datasheet
104Kb / 2P
   30 AMP POWER RELAY
logo
Picker Components
PC730 PICKER-PC730_16 Datasheet
626Kb / 3P
   30 Amp Power Relay
logo
American Zettler, Inc.
AZ2704 AZETTLER-AZ2704 Datasheet
103Kb / 2P
   30 AMP POWER RELAY
AZ2705 AZETTLER-AZ2705 Datasheet
108Kb / 2P
   30 AMP POWER RELAY
AZ2701 AZETTLER-AZ2701 Datasheet
91Kb / 2P
   30 AMP POWER RELAY
logo
Picker Components
PC730 PICKER-PC730 Datasheet
207Kb / 3P
   30 Amp Power Relay
logo
American Zettler, Inc.
AZ2700 AZETTLER-AZ2700 Datasheet
103Kb / 2P
   30 AMP POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com