Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9384EWP Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9384EWP
Description  ECL/PECL Dual Differential 2:1 Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9384EWP Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9384EWP Datasheet HTML 1Page - Maxim Integrated Products MAX9384EWP Datasheet HTML 2Page - Maxim Integrated Products MAX9384EWP Datasheet HTML 3Page - Maxim Integrated Products MAX9384EWP Datasheet HTML 4Page - Maxim Integrated Products MAX9384EWP Datasheet HTML 5Page - Maxim Integrated Products MAX9384EWP Datasheet HTML 6Page - Maxim Integrated Products MAX9384EWP Datasheet HTML 7Page - Maxim Integrated Products MAX9384EWP Datasheet HTML 8Page - Maxim Integrated Products MAX9384EWP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The MAX9384 fully differential dual 2:1 multiplexer
(mux) features extremely low propagation delay (560ps
max) and output-to-output skew (40ps max). The
device is ideal for clock and data multiplexing applica-
tions. The two 2:1 muxes are controlled individually or
simultaneously through mux select inputs COM_SEL,
SEL0, and SEL1. The mux select inputs are compatible
with ECL/PECL logic, and are referenced to on-chip
outputs VBB0 and VBB1, nominally VCC - 1.33V.
The differential inputs D, D can be configured to accept
a single-ended signal when the unused complementary
input is connected to the on-chip supply output VBB as
a reference voltage. All the differential inputs have bias
and clamp circuits that force the outputs to a low
default when the inputs are left open or at VEE. The sin-
gle-ended mux select inputs have pulldowns to VEE,
providing low default inputs when the select inputs are
left open.
The device operates with a wide supply range (VCC -
VEE) of +3.0V to +5.5V for PECL or -3.0V to -5.5V for
ECL, and is pin compatible with the MC100LVEL56 and
MC100EL56. The MAX9384 is offered in a 20-pin wide
SO package, and is specified for operation from -40
°C
to +85
°C.
Applications
High-Speed Telecom, Datacom Applications
Central-Office Backplane Clock Distribution
Access Multiplexers (DSLAM/DLC)
Features
o 40psP-P Deterministic Jitter
o 440ps Differential Propagation Delay
o 12ps Output-to-Output Skew
o Individual and Common Select
o +3.0V to +5.5V Supplies for Differential
LVPECL/PECL
o -3.0V to -5.5V Supplies for Differential LVECL/ECL
o Outputs Low for Inputs Open or at VEE
o >2kV ESD Protection (Human Body Model)
o Pin Compatible with MC100LVEL56 and
MC100EL56
ECL/PECL Dual Differential 2:1 Multiplexer
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
VCC
SEL0
D0b
VBB0
VBB1
D0a
TOP VIEW
COM_SEL
SEL1
VCC
Q1
D1a
D1b
12
11
9
10
VEE
MAX9384
SO
DOa
DOb
D1a
D1b
Q1
Q0
Q0
Pin Configuration
19-2484; Rev 0; 7/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Functional Diagram appears at end of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
MAX9384EWP
-40°C to +85°C
20 Wide SO


Similar Part No. - MAX9384EWP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9380 MAXIM-MAX9380 Datasheet
166Kb / 8P
   Single-Ended-to-Differential LVECL/LVPECL 2:1 Multiplexer
Rev 0; 10/01
MAX9380ESA MAXIM-MAX9380ESA Datasheet
166Kb / 8P
   Single-Ended-to-Differential LVECL/LVPECL 2:1 Multiplexer
Rev 0; 10/01
MAX9380EUA MAXIM-MAX9380EUA Datasheet
166Kb / 8P
   Single-Ended-to-Differential LVECL/LVPECL 2:1 Multiplexer
Rev 0; 10/01
MAX9381 MAXIM-MAX9381 Datasheet
188Kb / 7P
   Lowest Power 3.0GHz ECL/PECL Differential Data and Clock D Flip-Flop
Rev 0; 4/02
MAX9381ESA MAXIM-MAX9381ESA Datasheet
190Kb / 7P
   Lowest Power 3.0GHz ECL/PECL Differential Data and Clock D Flip-Flop
Rev 0; 4/02
More results

Similar Description - MAX9384EWP

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP56V MICREL-SY100EP56V Datasheet
478Kb / 8P
   3.3V/5V PECL/ECL 3GHz DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
Arizona Microtek, Inc
AZ100LVEL58 AZM-AZ100LVEL58_12 Datasheet
464Kb / 8P
   PECL/ECL 2:1 Multiplexer
AZ10EL58 AZM-AZ10EL58 Datasheet
73Kb / 6P
   ECL/PECL 2:1 Multiplexer
AZ100LVEL58 AZM-AZ100LVEL58 Datasheet
74Kb / 6P
   ECL/PECL 2:1 Multiplexer
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56_14 Datasheet
127Kb / 11P
   ECL Dual Differential 2:1 Multiplexer
April, 2014 ??Rev. 17
MC100EL56 ONSEMI-MC100EL56_06 Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
MC100EL56 ONSEMI-MC100EL56 Datasheet
153Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
July, 2016 ??Rev. 9
MC100LVEL56 ONSEMI-MC100LVEL56_06 Datasheet
120Kb / 7P
   3.3V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 11
logo
Freescale Semiconductor...
MC100ES6056 FREESCALE-MC100ES6056 Datasheet
254Kb / 8P
   2.5 V/3.3 V ECL/PECL/LVDS Dual Differential 2:1 Multiplexer
logo
Maxim Integrated Produc...
MAX9389 MAXIM-MAX9389 Datasheet
231Kb / 10P
   Differential 8:1 ECL/PECL Multiplexer with Dual Output Buffers
Rev 0; 1/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com