Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES51918 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ES51918
Description  11,000 Counts Auto DMM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ES51918 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ES51918 Datasheet HTML 7Page - List of Unclassifed Manufacturers ES51918 Datasheet HTML 8Page - List of Unclassifed Manufacturers ES51918 Datasheet HTML 9Page - List of Unclassifed Manufacturers ES51918 Datasheet HTML 10Page - List of Unclassifed Manufacturers ES51918 Datasheet HTML 11Page - List of Unclassifed Manufacturers ES51918 Datasheet HTML 12Page - List of Unclassifed Manufacturers ES51918 Datasheet HTML 13Page - List of Unclassifed Manufacturers ES51918 Datasheet HTML 14Page - List of Unclassifed Manufacturers ES51918 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
v1.02
05/06/30
11
ES51918
11,000 Counts Auto DMM
1.2 Resistance Measurement
A re-configurable divider automatically provides a suitable full-scale range in
resistance measurement mode. The following table summarizes the full-scale ranges
and the reference resistors in each configuration. In 110.00MΩ, if SHIFT pin connects
to V-, the least digit will not be displayed and the other digits and decimal point will
shift right away. So the full scale becomes 110.0MΩ instead of 110.00MΩ.
Configuration
Full Scale Range
Divider Ratio
Resister Connection
OR1
110.00Ω
R6
100Ω
OR2
1.1000KΩ
R5
1KΩ
OR3
11.000KΩ
R4
10KΩ
OR4
110.00KΩ
R1‖ R3
100KΩ
OR5
1.1000MΩ
R1‖ R2
1MΩ
OR6
11.000MΩ
R1
10MΩ
OR7
110.00MΩ
R1
10MΩ
1.3 Current measurement
ES51918 has 2 automatic and 1 manual current measurement modes for multimeter and
5 manual current measurement modes for clampmeter. The following table summarizes
the full-scale range of each mode. When ES51918 operate in the current measurement
modes for multimeter, It takes high input from pin IVSH or IVSL, low input from pin
SGND and reference voltage from pin VR. When ES51918 operate in the current
measurement modes for Clampmeter, It takes high input from pin ADP, low input from
pin SGND and reference voltage from pins VA+ and VA-. The test circuits are shown in
page 31.
Mode
Range Selection
Full Scale
Designed for
Automatic Mode 1
µA110.00µA / 1100.0µA
Multimeter
Automatic Mode 2
mA
11.000mA / 110.00mA
Multimeter
Manual Mode 1
A
11.000A
Multimeter
Manual Mode 2
A
1.1000A
Clampmeter
Manual Mode 3
A
11.000A
Clampmeter
Manual Mode 4
A
110.00A
Clampmeter
Manual Mode 5
A
1100.0A
Clampmeter
Manual Mode 6
A
11000A
Clampmeter
Note:
1. In Manual DC current measurement modes for clampmeter, ES51918 provides Zero function for offset
removing.
2. In Automatic mode1 and Automatic mode2, the pin VBAR is used to control the display of “µ” and
“m” sign on the LCD panel. If pin VBAR is floating or connected to DGND, the “µ” and “m” sign will
be displayed. If pin VBAR is connected to V-, the “µ” and “m” sign will not be displayed.


Similar Part No. - ES51918

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51918 CYRUSTEK-ES51918 Datasheet
515Kb / 32P
   11,000 Counts Auto DMM
ES51918P CYRUSTEK-ES51918P Datasheet
515Kb / 32P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918_11 Datasheet
806Kb / 30P
   11,000 Counts Auto DMM
More results

Similar Description - ES51918

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
ES51911 CYRUSTEK-ES51911 Datasheet
462Kb / 29P
   11,000 Counts Auto DMM
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918 Datasheet
515Kb / 32P
   11,000 Counts Auto DMM
ES51911 CYRUSTEK-ES51911_11 Datasheet
803Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918_11 Datasheet
806Kb / 30P
   11,000 Counts Auto DMM
ES51932 CYRUSTEK-ES51932 Datasheet
471Kb / 35P
   22,000 Counts Auto DMM
ES51921 CYRUSTEK-ES51921_10 Datasheet
587Kb / 35P
   22,000 Counts Auto DMM
ES51967 CYRUSTEK-ES51967 Datasheet
538Kb / 30P
   6,600 Counts Auto DMM
ES51969 CYRUSTEK-ES51969 Datasheet
556Kb / 32P
   6,600 Counts Auto DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com