Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JTN1STMPDC6V Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # JTN1STMPDC6V
Description  COMPACT ECONOMICAL 30 AMP. RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

JTN1STMPDC6V Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  JTN1STMPDC6V Datasheet HTML 1Page - Nais(Matsushita Electric Works) JTN1STMPDC6V Datasheet HTML 2Page - Nais(Matsushita Electric Works) JTN1STMPDC6V Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
342
JT-N·JT
RELAYS
COMPACT ECONOMICAL
30 AMP. RELAY
PCB type
TMP type
Open type
FEATURES
• High switching capacity — 30 A for 1 Form A
• 2 contact arrangements — 1 Form A or 1 Form C
• Sealed and “TMP” types available
• UL/CSA recognized (PCB & TMP type: UL508
group A spacing, UL873 spacing)
• Class F types standard for PCB & TMP type
SPECIFICATIONS
Contacts
* For sealed types, the life shown is for open venting-hole condition.
Coil at 20°C 68°F
Characteristics
Remarks
* Specifications will vary with foreign standards certification ratings.
*1 Measurement at same location as “Intial breakdown voltage” section
*2 Detection current: 10 mA
*3 Excluding contact bounce time
*4 Half-wave pulse of sine wave: 11ms; detection time: 10µs
*5 Half-wave pulse of sine wave: 6ms
*6 Detection time: 10µs
*7 Refer to 5. Conditions for operation, transport and storage mentioned in
AMBIENT ENVIRONMENT (Page 61).
PCB & TMP type
Open type
Arrangement
1 Form A
1 Form C
1 Form A
1 Form C
Initial contact
resistance, max.
(By voltage drop
method, 6 V DC 1
A)
50 mOhm
20 mOhm
Contact material
Silver alloy
Rating
Max. switch-
ing power
8310 VA
N.C.: 2770 VA
N.O.: 5440 VA
8310 VA
900 W
N.C.:
2770 VA, 300 W
N.O.:
5440 VA, 600 W
Max. switch-
ing voltage
277 V AC
277 V AC, 30 V DC
Max. switch-
ing current
30 A
N.C.: 10 A
N.O.: 20 A
30 A
N.C.: 10 A
N.O.: 20 A
Expected life
Mechanical
Electrical
(Resistive load)
Min. 1x107
20 A 277 V AC
Min. 1x105*
N.O.:
20 A 277 V AC
Min. 1x105*
N.C.:
10 A 277 V AC
Min. 1x105*
30 A 277 V AC
30 A 30 V DC
Min. 1x105
N.O.:
20 A 277 V AC
20 A 30 V DC
Min. 1x105
N.C.:
10 A 277 V AC
10 A 30 V DC
Min. 1x105
JT-N
JT
PCB & TMP type
Open type
Minimum operating power
Approx. 450 mW
Approx. 500 mW
Nominal operating power
Approx. 800 mW
Approx. 900 mW
PCB & TMP type
Open type
Initial insulation resistance*1
Min. 100 MOhm at 500 V DC
Initial
breakdown
voltage*2
Between contacts
1,200 Vrms
1,500 Vrms
Between contacts
and coil
2,500 Vrms
1,500 Vrms
Operate time*3
(at nominal voltage)
Max. 15 ms
Release time (without diode)*3
(at nominal voltage)
Max. 10 ms
Shock
resistance
Functional*4
Min. 98 m/s2 {10 G}
Destructive*5
Min. 980 m/s2 {100 G}
Vibration
resistance
Functional*6
Max. 88.2 m/s2 {9 G}, 10 to 55 Hz
at double amplitude of 1.5 mm
Destructive
Max. 117.6 m/s2 {12 G}, 10 to 55 Hz
at double amplitude of 2 mm
Conditions for
operation, trans-
port and storage*7
(Not freezing and
condensing at low
temperature)
Ambient
temp.
–55°C to +85°C –67°F to +185°F
Humidity
5 to 85% R.H.
Unit weight
PCB type:
Approx. 25 g (.88 oz)
TMP type:
Approx. 30 g (1.06 oz)
Approx.
20 g (.71 oz)
TYPICAL APPLICATIONS
• Automotive
• Air conditioner
• Heating & ventilation
• Home appliance


Similar Part No. - JTN1STMPDC6V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JTN1S-PA-F-DC12V PANASONIC-JTN1S-PA-F-DC12V Datasheet
88Kb / 4P
   High switching capacity 1a/1c 30A power relays Heating & ventilation Home appliance
JTN1S-PA-F-DC15V PANASONIC-JTN1S-PA-F-DC15V Datasheet
88Kb / 4P
   High switching capacity 1a/1c 30A power relays Heating & ventilation Home appliance
JTN1S-PA-F-DC18V PANASONIC-JTN1S-PA-F-DC18V Datasheet
88Kb / 4P
   High switching capacity 1a/1c 30A power relays Heating & ventilation Home appliance
JTN1S-PA-F-DC24V PANASONIC-JTN1S-PA-F-DC24V Datasheet
88Kb / 4P
   High switching capacity 1a/1c 30A power relays Heating & ventilation Home appliance
JTN1S-PA-F-DC5V PANASONIC-JTN1S-PA-F-DC5V Datasheet
88Kb / 4P
   High switching capacity 1a/1c 30A power relays Heating & ventilation Home appliance
More results

Similar Description - JTN1STMPDC6V

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
CCD100 OMEGA-CCD100 Datasheet
201Kb / 1P
   Compact, Economical Temperature Controllers
logo
ZETTLER Electronics
AZ2704 ZETTLER-AZ2704 Datasheet
75Kb / 3P
   30 AMP POWER RELAY
logo
American Zettler, Inc.
AZ2702 AZETTLER-AZ2702 Datasheet
102Kb / 2P
   30 AMP POWER RELAY
AZ2703 AZETTLER-AZ2703 Datasheet
104Kb / 2P
   30 AMP POWER RELAY
logo
Picker Components
PC730 PICKER-PC730_16 Datasheet
626Kb / 3P
   30 Amp Power Relay
logo
American Zettler, Inc.
AZ2704 AZETTLER-AZ2704 Datasheet
103Kb / 2P
   30 AMP POWER RELAY
AZ2705 AZETTLER-AZ2705 Datasheet
108Kb / 2P
   30 AMP POWER RELAY
AZ2701 AZETTLER-AZ2701 Datasheet
91Kb / 2P
   30 AMP POWER RELAY
logo
Picker Components
PC730 PICKER-PC730 Datasheet
207Kb / 3P
   30 Amp Power Relay
logo
American Zettler, Inc.
AZ2700 AZETTLER-AZ2700 Datasheet
103Kb / 2P
   30 AMP POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com