Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A23L06161 Datasheet(PDF) 9 Page - AMIC Technology

Part # A23L06161
Description  1M X 16 / 2M X 8 BIT CMOS MASK ROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A23L06161 Datasheet(HTML) 9 Page - AMIC Technology

Back Button A23L06161 Datasheet HTML 3Page - AMIC Technology A23L06161 Datasheet HTML 4Page - AMIC Technology A23L06161 Datasheet HTML 5Page - AMIC Technology A23L06161 Datasheet HTML 6Page - AMIC Technology A23L06161 Datasheet HTML 7Page - AMIC Technology A23L06161 Datasheet HTML 8Page - AMIC Technology A23L06161 Datasheet HTML 9Page - AMIC Technology A23L06161 Datasheet HTML 10Page - AMIC Technology A23L06161 Datasheet HTML 11Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
A23L0616/A23L06161/A23L06162 Series
PRELIMINARY
(June, 2005, Version 0.2)
8
AMIC Technology, Corp.
Function Table
CE
OE /NC
BYTE
O15/A-1
O0 - O7
O8 - O15
Mode
L
L
H
Data Pin O15
Data Out
Data out
Word
L
L
L
LSB Address A-1
Data Out
Hi - Z
Byte
H
X
X
X
Hi - Z
Hi - Z
Power-down
L
H
X
X
Hi - Z
Hi - Z
Output Disable
Ordering Information
Part No.
Access Time (ns)
Package
A23L0616M-70
70
44L SOP
A23L0616V-70
70
48L TSOP (Forward)
A23L0616R-70
70
48L TSOP (Reverse)
A23L06161V-70
70
48L TSOP AMD (Flash Compatible)
A23L06162V-70
70
48L TSOP Intel (Flash Compatible)


Similar Part No. - A23L06161

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A23L0616 AMICC-A23L0616_15 Datasheet
172Kb / 10P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
More results

Similar Description - A23L06161

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A23L0616 AMICC-A23L0616_15 Datasheet
172Kb / 10P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L9316 AMICC-A23L9316 Datasheet
260Kb / 11P
   512K X 16 / 1M X 8 BIT CMOS MASK ROM
A23L1616 AMICC-A23L1616 Datasheet
124Kb / 11P
   2M X 16 / 4M X 8 BIT CMOS MASK ROM
A23L1616 AMICC-A23L1616_15 Datasheet
160Kb / 11P
   2M X 16 / 4M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23C2100 MCNIX-MX23C2100 Datasheet
52Kb / 7P
   2M-BIT 256K x 8/128K x 16 CMOS MASK ROM
MX23C1024 MCNIX-MX23C1024 Datasheet
106Kb / 7P
   1M-BIT [64K x 16] CMOS MASK ROM
MX23C8000 MCNIX-MX23C8000 Datasheet
637Kb / 11P
   8M-BIT [1M x 8] CMOS MASK ROM
MX23L1610 MCNIX-MX23L1610 Datasheet
770Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
MX27C1610 MCNIX-MX27C1610 Datasheet
321Kb / 19P
   16M-BIT [2M x 8/1M x 16] CMOS OTP ROM
MX23C1610 MCNIX-MX23C1610 Datasheet
768Kb / 11P
   5 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com