Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A23L3616V Datasheet(PDF) 5 Page - AMIC Technology

Part # A23L3616V
Description  8M X 16 / 16M X 8 BIT CMOS MASK ROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A23L3616V Datasheet(HTML) 5 Page - AMIC Technology

  A23L3616V Datasheet HTML 1Page - AMIC Technology A23L3616V Datasheet HTML 2Page - AMIC Technology A23L3616V Datasheet HTML 3Page - AMIC Technology A23L3616V Datasheet HTML 4Page - AMIC Technology A23L3616V Datasheet HTML 5Page - AMIC Technology A23L3616V Datasheet HTML 6Page - AMIC Technology A23L3616V Datasheet HTML 7Page - AMIC Technology A23L3616V Datasheet HTML 8Page - AMIC Technology A23L3616V Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
A23L3616/A23L36161 Series
PRELIMINARY
(November, 2004, Version 0.2)
4
AMIC Technology, Corp.
Absolute Maximum Ratings*
Ambient Operating Temperature . . . . . . . . 0
°C to + 70°C
Storage Temperature . . . . . . . . . . . . . . -65
°C to + 125°C
Output Voltage . . . . . . . . . . . . . . . . . -0.5V to VCC + 0.5V
Input Voltage . . . . . . . . . . . . . . . . . . -0.5V to VCC + 0.5V
*Comments
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to this device.
These are stress ratings only. Functional operation of this
device at these or any other conditions above those
indicated in the operational sections of this specification is
not implied or intended. Exposure to the absolute maximum
rating conditions for extended periods may affect device
reliability.
DC Electrical Characteristics
(TA = 0
°C to + 70°C, VCC = 2.7V~3.6V, GND = 0V for -100, VCC = 3.0V~3.6V, GND = 0 for -70)
Symbol
Parameter
Min.
Max.
Unit
Conditions
Note
VOH
Output High Voltage
2.4
V
IOH = -0.4mA (3V)
VOL
Output Low Voltage
0.4
V
IOL = 1.6mA (3V)
VlH
Input High Voltage
2.2
VCC + 0.3
V
VlL
Input Low Voltage
-0.3
0.6
V
⎢lLI
Input Leakage Current
+10
µA
VCC = max.
VIN = VCC to GND
⎢lLO
Output Leakage Current
+10
µA
VCC = max.
VOUT = VCC to GND
1
ICC
Operating Supply Current
60
mA
tCYC = min.
2
ISB
Standby Supply Current (TTL)
1.5
mA
CE = VIH
ISB1
Standby Supply Current (CMOS)
30
µA
CE ≥ VCC - 0.2V


Similar Part No. - A23L3616V

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A23L36166 AMICC-A23L36166 Datasheet
190Kb / 10P
   8M X 16 / 16M X 8 BIT CMOS MASK ROM WITH PAGE MODE
More results

Similar Description - A23L3616V

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A23L36166 AMICC-A23L36166 Datasheet
190Kb / 10P
   8M X 16 / 16M X 8 BIT CMOS MASK ROM WITH PAGE MODE
A23L2616 AMICC-A23L2616_15 Datasheet
160Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
A23L2616 AMICC-A23L2616 Datasheet
122Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23C8000 MCNIX-MX23C8000 Datasheet
637Kb / 11P
   8M-BIT [1M x 8] CMOS MASK ROM
MX23L12810-1 MCNIX-MX23L12810-1 Datasheet
589Kb / 8P
   NEW 128M-BIT (16M x 8 / 8M x 16) MASK ROM FOR TSOP PACKAGE
MX23L6410 MCNIX-MX23L6410 Datasheet
621Kb / 10P
   64M-BIT (8M x 8 / 4M x 16) Mask ROM
logo
AMIC Technology
A23L2617 AMICC-A23L2617 Datasheet
213Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM WITH PAGE MODE
A23L26166 AMICC-A23L26166 Datasheet
197Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM WITH PAGE MODE
logo
Macronix International
MX23L1651 MCNIX-MX23L1651 Datasheet
218Kb / 13P
   16M-BIT [16M x 1] CMOS SERIAL MASK-ROM
MX23L8051 MCNIX-MX23L8051 Datasheet
217Kb / 13P
   8M-BIT [8M x 1] CMOS SERIAL MASK-ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com