Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A29DL32X Datasheet(PDF) 5 Page - AMIC Technology

Part # A29DL32X
Description  32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29DL32X Datasheet(HTML) 5 Page - AMIC Technology

  A29DL32X Datasheet HTML 1Page - AMIC Technology A29DL32X Datasheet HTML 2Page - AMIC Technology A29DL32X Datasheet HTML 3Page - AMIC Technology A29DL32X Datasheet HTML 4Page - AMIC Technology A29DL32X Datasheet HTML 5Page - AMIC Technology A29DL32X Datasheet HTML 6Page - AMIC Technology A29DL32X Datasheet HTML 7Page - AMIC Technology A29DL32X Datasheet HTML 8Page - AMIC Technology A29DL32X Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
A29DL32x Series
PRELIMINARY
(May, 2005, Version 0.0)
4
AMIC Technology, Corp.
Block Diagram
A0-A20
STATE
CONTROL
&
COMMAND
REGISTER
I/O0-I/O15
RESET
WE
CE
WP/ACC
RY/BY
Status
Control
BYTE
OE BYTE
Upper Bank Address
Lower Bank Address
I/O0-I/O15
Upper Bank
X-Decoder
Upper Bank
X-Decoder
VCC
VSS
OE BYTE
A0-A20
A0-A20
Pin Descriptions
Pin No.
Description
A0 – A20
Address Inputs
I/O0 - I/O14
Data Inputs/Outputs
I/O15
Data Input/Output, Word Mode
I/O15 (A-1)
A-1
LSB Address Input, Byte Mode
CE
Chip Enable
WE
Write Enable
OE
Output Enable
WP /ACC
Hardware Write Protect/Acceleration Pin
RESET
Hardware Reset Pin, Active Low
BYTE
Selects 8-bit or 16-bit Mode
RY/
BY
Ready/ BUSY Output
VSS
Ground
VCC
3.0 volt-only single power supply
NC
Pin Not Connected Internally
Logic Symbol
A0-A20
CE
OE
WE
RESET
BYTE
RY/BY
I/O0-I/O15
(A-1)
21
16 or 8
WP/ACC


Similar Part No. - A29DL32X

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29DL323 AMICC-A29DL323 Datasheet
496Kb / 46P
   32M-Bit CMOS Low Voltage Dual Operation Flash Memory 4M-Byte by 8-Bit (Byte Mode) / 2M-Word by 16-Bit (Word Mode)
A29DL323TG-90 AMICC-A29DL323TG-90 Datasheet
496Kb / 46P
   32M-Bit CMOS Low Voltage Dual Operation Flash Memory 4M-Byte by 8-Bit (Byte Mode) / 2M-Word by 16-Bit (Word Mode)
A29DL323TV-90 AMICC-A29DL323TV-90 Datasheet
496Kb / 46P
   32M-Bit CMOS Low Voltage Dual Operation Flash Memory 4M-Byte by 8-Bit (Byte Mode) / 2M-Word by 16-Bit (Word Mode)
A29DL323UG-90 AMICC-A29DL323UG-90 Datasheet
496Kb / 46P
   32M-Bit CMOS Low Voltage Dual Operation Flash Memory 4M-Byte by 8-Bit (Byte Mode) / 2M-Word by 16-Bit (Word Mode)
A29DL323UV-90 AMICC-A29DL323UV-90 Datasheet
496Kb / 46P
   32M-Bit CMOS Low Voltage Dual Operation Flash Memory 4M-Byte by 8-Bit (Byte Mode) / 2M-Word by 16-Bit (Word Mode)
More results

Similar Description - A29DL32X

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29JL032J70TFI420 SPANSION-S29JL032J70TFI420 Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S29JL032J70TFI320 SPANSION-S29JL032J70TFI320 Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S29JL032J SPANSION-S29JL032J Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
logo
AMIC Technology
A29DL16X AMICC-A29DL16X Datasheet
738Kb / 47P
   16 Megabit (2M x 8-Bit/1M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
Excel Semiconductor Inc...
ES29DL320 EXCELSEMI-ES29DL320 Datasheet
770Kb / 59P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM49DL32XBG AMD-AM49DL32XBG Datasheet
1Mb / 64P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit)
AM29DL322C AMD-AM29DL322C Datasheet
691Kb / 52P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL322D AMD-AM29DL322D Datasheet
1Mb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM29DL32XG SPANSION-AM29DL32XG_06 Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM29DL320G AMD-AM29DL320G Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com