Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A29DL32X Datasheet(PDF) 6 Page - AMIC Technology

Part # A29DL32X
Description  32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29DL32X Datasheet(HTML) 6 Page - AMIC Technology

Back Button A29DL32X Datasheet HTML 2Page - AMIC Technology A29DL32X Datasheet HTML 3Page - AMIC Technology A29DL32X Datasheet HTML 4Page - AMIC Technology A29DL32X Datasheet HTML 5Page - AMIC Technology A29DL32X Datasheet HTML 6Page - AMIC Technology A29DL32X Datasheet HTML 7Page - AMIC Technology A29DL32X Datasheet HTML 8Page - AMIC Technology A29DL32X Datasheet HTML 9Page - AMIC Technology A29DL32X Datasheet HTML 10Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
A29DL32x Series
PRELIMINARY
(May, 2005, Version 0.0)
5
AMIC Technology, Corp.
DEVICE BUS OPERATIONS
This section describes the requirements and use of the
device bus operations, which are initiated through the
internal command register. The command register itself does
not occupy any addressable memory location. The register is
composed of latches that store the commands, along with
the address and data information needed to execute the
command. The contents of the register serve as inputs to the
internal state machine. The state machine outputs dictate the
function of the device. The appropriate device bus operations
table lists the inputs and control levels required, and the
resulting output. The following subsections describe each of
these operations in further detail.
Table 1. A29DL32x Device Bus Operations
I/O8 - I/O15
Operation
CE
OE
WE
RESET
WP /ACC
A0 – A20
(Note 1)
I/O0 - I/O7
BYTE =VIH
BYTE =VIL
Read
L
L
H
H
L/H
AIN
DOUT
DOUT
I/O8~I/O15=High-Z
Write
L
H
L
H
(Note 3)
AIN
DIN
DIN
I/O8~I/O14=High-Z
I/O15=A-1
Standby
VCC
±
0.3 V
X
X
VCC
±
0.3 V
H
X
High-Z
High-Z
High-Z
Output Disable
L
H
H
H
L/H
X
High-Z
High-Z
High-Z
Reset
X
X
X
L
L/H
X
High-Z
High-Z
High-Z
Sector Protect
(See Note 2)
L
H
L
VID
L/H
SA, A6=L,
A1=H, A0=L
DIN
X
X
Sector Unprotect
(See Note 2)
L
H
L
VID
(Note 3)
SA, A6=H,
A1=H, A0=L
DIN
X
X
Temporary Sector
Unprotect
X
X
X
VID
(Note 3)
AIN
DIN
DIN
High-Z
Legend:
L = Logic Low = VIL, H = Logic High = VIH, VID = 8.5 -12.5V, VHH = 9.0 ± 0.5 V, X = Don’t Care, SA = Sector Address, AIN =
Address In, DIN= Data In, DOUT = Data Out
Notes:
1. Addresses are A20:A0 in word mode (
BYTE=VIH), A20: A-1 in byte mode (BYTE=VIL).
2. The sector protect and sector unprotect functions may also be implemented via programming equipment. See the
“Sector/Sector Block Protection and Unprotection” section.
3. If WP /ACC = VIL, the two outermost boot sectors remain protected. If WP /ACC = VIH, the two outermost boot sector
protection depends on whether they were last protected or unprotected using the method described in “Sector/Sector Block
Protection and Unprotection”. If WP /ACC = VHH all sectors will be unprotected.


Similar Part No. - A29DL32X

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29DL323 AMICC-A29DL323 Datasheet
496Kb / 46P
   32M-Bit CMOS Low Voltage Dual Operation Flash Memory 4M-Byte by 8-Bit (Byte Mode) / 2M-Word by 16-Bit (Word Mode)
A29DL323TG-90 AMICC-A29DL323TG-90 Datasheet
496Kb / 46P
   32M-Bit CMOS Low Voltage Dual Operation Flash Memory 4M-Byte by 8-Bit (Byte Mode) / 2M-Word by 16-Bit (Word Mode)
A29DL323TV-90 AMICC-A29DL323TV-90 Datasheet
496Kb / 46P
   32M-Bit CMOS Low Voltage Dual Operation Flash Memory 4M-Byte by 8-Bit (Byte Mode) / 2M-Word by 16-Bit (Word Mode)
A29DL323UG-90 AMICC-A29DL323UG-90 Datasheet
496Kb / 46P
   32M-Bit CMOS Low Voltage Dual Operation Flash Memory 4M-Byte by 8-Bit (Byte Mode) / 2M-Word by 16-Bit (Word Mode)
A29DL323UV-90 AMICC-A29DL323UV-90 Datasheet
496Kb / 46P
   32M-Bit CMOS Low Voltage Dual Operation Flash Memory 4M-Byte by 8-Bit (Byte Mode) / 2M-Word by 16-Bit (Word Mode)
More results

Similar Description - A29DL32X

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29JL032J70TFI420 SPANSION-S29JL032J70TFI420 Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S29JL032J70TFI320 SPANSION-S29JL032J70TFI320 Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S29JL032J SPANSION-S29JL032J Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
logo
AMIC Technology
A29DL16X AMICC-A29DL16X Datasheet
738Kb / 47P
   16 Megabit (2M x 8-Bit/1M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
Excel Semiconductor Inc...
ES29DL320 EXCELSEMI-ES29DL320 Datasheet
770Kb / 59P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM49DL32XBG AMD-AM49DL32XBG Datasheet
1Mb / 64P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit)
AM29DL322C AMD-AM29DL322C Datasheet
691Kb / 52P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL322D AMD-AM29DL322D Datasheet
1Mb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM29DL32XG SPANSION-AM29DL32XG_06 Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM29DL320G AMD-AM29DL320G Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com