Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A23L9316M Datasheet(PDF) 7 Page - AMIC Technology

Part # A23L9316M
Description  512K X 16 / 1M X 8 BIT CMOS MASK ROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A23L9316M Datasheet(HTML) 7 Page - AMIC Technology

Back Button A23L9316M Datasheet HTML 3Page - AMIC Technology A23L9316M Datasheet HTML 4Page - AMIC Technology A23L9316M Datasheet HTML 5Page - AMIC Technology A23L9316M Datasheet HTML 6Page - AMIC Technology A23L9316M Datasheet HTML 7Page - AMIC Technology A23L9316M Datasheet HTML 8Page - AMIC Technology A23L9316M Datasheet HTML 9Page - AMIC Technology A23L9316M Datasheet HTML 10Page - AMIC Technology A23L9316M Datasheet HTML 11Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
A23L9316/A23L93161/A23L93162 Series
PRELIMINARY
(May, 2005, Version 0.2)
6
AMIC Technology, Corp.
Capacitance
Symbol
Parameter
Min.
Max.
Unit
Test Conditions
Note
CI
Input Capacitance
10
pF
TA = 25
°C
3
CO
Output Capacitance
10
pF
f = 1.0MHz
AC Characteristics
(TA = 0
°C to +70°C, VCC = 2.7V~3.6V for -100, VCC = 3.0V~3.6V for -70, GND = 0V)
Symbol
Parameter
A23L9316/A23L93
161/A23L93162-70
A23L9316/A23L931
61/A23L93162-100
Unit
Note
Min.
Max.
Min.
Max.
tCYC
Cycle Time
70
100
ns
tAA
Address Access Time
70
100
ns
tACE
Chip Enable Access Time
70
100
ns
tAOE
Output Enable Access Time
30
50
ns
tOH
Output Hold after Address Change
10
10
ns
tLZ
Output Low Z Delay
10
10
ns
4, 6
tHZ
Output High Z Delay*
20
20
ns
5, 6
* tHZ is specified from either OE or CE going disabled, whichever occurs first.
Notes:
1. OE / CE = VIH (Output is unloaded)
2. VIN = VIH/VIL, OE / CE = VIL (Output is unloaded)
3. This parameter is periodically sampled and is not 100% tested. All pins, except pins under test, are tied to AC ground.
4. Output LOW impedance delay (tLZ) is measured from CE or OE going active.
5. Output HIGH impedance delay (tHZ) is measured from CE or OE going inactive.
6. This parameter is sampled and not 100% tested.


Similar Part No. - A23L9316M

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A23L9308 AMICC-A23L9308 Datasheet
132Kb / 12P
   524,288 X 8 BIT CMOS MASK ROM
A23L9308-15 AMICC-A23L9308-15 Datasheet
132Kb / 12P
   524,288 X 8 BIT CMOS MASK ROM
A23L9308-20 AMICC-A23L9308-20 Datasheet
132Kb / 12P
   524,288 X 8 BIT CMOS MASK ROM
A23L9308H-15 AMICC-A23L9308H-15 Datasheet
132Kb / 12P
   524,288 X 8 BIT CMOS MASK ROM
A23L9308H-20 AMICC-A23L9308H-20 Datasheet
132Kb / 12P
   524,288 X 8 BIT CMOS MASK ROM
More results

Similar Description - A23L9316M

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A23L8316 AMICC-A23L8316 Datasheet
221Kb / 12P
   256K X 16 / 512K X 8 BIT CMOS MASK ROM
A23L0616 AMICC-A23L0616_15 Datasheet
172Kb / 10P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L0616 AMICC-A23L0616 Datasheet
259Kb / 11P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23C1024 MCNIX-MX23C1024 Datasheet
106Kb / 7P
   1M-BIT [64K x 16] CMOS MASK ROM
logo
King blillion Electroni...
SF23C4000 KB-SF23C4000 Datasheet
208Kb / 6P
   512K x 8 bit CMOS Mask Programmable ROM
logo
Macronix International
MX23C8000 MCNIX-MX23C8000 Datasheet
637Kb / 11P
   8M-BIT [1M x 8] CMOS MASK ROM
logo
King blillion Electroni...
HF88M08 KB-HF88M08 Datasheet
308Kb / 19P
   512K x 8 bit Mask ROM
HF88M04 KB-HF88M04 Datasheet
309Kb / 19P
   512K x 8 bit Mask ROM
logo
Macronix International
MX23C4100 MCNIX-MX23C4100 Datasheet
322Kb / 8P
   4M-BIT [512K x 8/256K x 16] MASK ROM
logo
List of Unclassifed Man...
TC531024P-12 ETC1-TC531024P-12 Datasheet
226Kb / 5P
   1M BIT (65536 WORD X 16 BIT) CMOS MASK ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com