Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A23L3616M-100 Datasheet(PDF) 6 Page - AMIC Technology

Part # A23L3616M-100
Description  8M X 16 / 16M X 8 BIT CMOS MASK ROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A23L3616M-100 Datasheet(HTML) 6 Page - AMIC Technology

Back Button A23L3616M-100 Datasheet HTML 2Page - AMIC Technology A23L3616M-100 Datasheet HTML 3Page - AMIC Technology A23L3616M-100 Datasheet HTML 4Page - AMIC Technology A23L3616M-100 Datasheet HTML 5Page - AMIC Technology A23L3616M-100 Datasheet HTML 6Page - AMIC Technology A23L3616M-100 Datasheet HTML 7Page - AMIC Technology A23L3616M-100 Datasheet HTML 8Page - AMIC Technology A23L3616M-100 Datasheet HTML 9Page - AMIC Technology A23L3616M-100 Datasheet HTML 10Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
A23L3616/A23L36161 Series
PRELIMINARY
(November, 2004, Version 0.2)
5
AMIC Technology, Corp.
Capacitance
Symbol
Parameter
Min.
Max.
Unit
Test Conditions
Note
CI
Input Capacitance
10
pF
TA = 25
°C
3
CO
Output Capacitance
10
pF
f = 1.0MHz
AC Characteristics
(TA = 0
°C to +70°C, VCC = 2.7V~3.6V for -120, VCC = 3.0V~3.6V for -100, GND = 0V)
Symbol
Parameter
A23L3616/
A23L36161 -100
A23L3616/
A23L36161 -120
Unit
Note
Min.
Max.
Min.
Max.
tCYC
Cycle Time
100
120
ns
tAA
Address Access Time
100
120
ns
tACE
Chip Enable Access Time
100
120
ns
tAOE
Output Enable Access Time
30
50
ns
tOH
Output Hold after Address Change
0
0
ns
tLZ
Output Low Z Delay
0
0
ns
4, 6
tHZ
Output High Z Delay*
20
20
ns
5, 6
* tHZ is specified from either OE or CE going disabled, whichever occurs first.
Notes:
1. OE / CE = VIH (Output is unloaded)
2. VIN = VIH/VIL, OE / CE = VIL (Output is unloaded)
3. This parameter is periodically sampled and is not 100% tested. All pins, except pins under test, are tied to AC ground.
4. Output LOW impedance delay (tLZ) is measured from CE or OE going active.
5. Output HIGH impedance delay (tHZ) is measured from CE or OE going inactive.
6. This parameter is sampled and not 100% tested.


Similar Part No. - A23L3616M-100

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A23L36166 AMICC-A23L36166 Datasheet
190Kb / 10P
   8M X 16 / 16M X 8 BIT CMOS MASK ROM WITH PAGE MODE
More results

Similar Description - A23L3616M-100

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A23L36166 AMICC-A23L36166 Datasheet
190Kb / 10P
   8M X 16 / 16M X 8 BIT CMOS MASK ROM WITH PAGE MODE
A23L2616 AMICC-A23L2616_15 Datasheet
160Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
A23L2616 AMICC-A23L2616 Datasheet
122Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23C8000 MCNIX-MX23C8000 Datasheet
637Kb / 11P
   8M-BIT [1M x 8] CMOS MASK ROM
MX23L12810-1 MCNIX-MX23L12810-1 Datasheet
589Kb / 8P
   NEW 128M-BIT (16M x 8 / 8M x 16) MASK ROM FOR TSOP PACKAGE
MX23L6410 MCNIX-MX23L6410 Datasheet
621Kb / 10P
   64M-BIT (8M x 8 / 4M x 16) Mask ROM
logo
AMIC Technology
A23L2617 AMICC-A23L2617 Datasheet
213Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM WITH PAGE MODE
A23L26166 AMICC-A23L26166 Datasheet
197Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM WITH PAGE MODE
logo
Macronix International
MX23L1651 MCNIX-MX23L1651 Datasheet
218Kb / 13P
   16M-BIT [16M x 1] CMOS SERIAL MASK-ROM
MX23L8051 MCNIX-MX23L8051 Datasheet
217Kb / 13P
   8M-BIT [8M x 1] CMOS SERIAL MASK-ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com