Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A23L9316R-70 Datasheet(PDF) 5 Page - AMIC Technology

Part # A23L9316R-70
Description  512K X 16 / 1M X 8 BIT CMOS MASK ROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A23L9316R-70 Datasheet(HTML) 5 Page - AMIC Technology

  A23L9316R-70 Datasheet HTML 1Page - AMIC Technology A23L9316R-70 Datasheet HTML 2Page - AMIC Technology A23L9316R-70 Datasheet HTML 3Page - AMIC Technology A23L9316R-70 Datasheet HTML 4Page - AMIC Technology A23L9316R-70 Datasheet HTML 5Page - AMIC Technology A23L9316R-70 Datasheet HTML 6Page - AMIC Technology A23L9316R-70 Datasheet HTML 7Page - AMIC Technology A23L9316R-70 Datasheet HTML 8Page - AMIC Technology A23L9316R-70 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
A23L9316/A23L93161/A23L93162 Series
PRELIMINARY
(May, 2005, Version 0.2)
4
AMIC Technology, Corp.
Pin Descriptions
Pin No.
44L SOP
(A23L9316)
48L TSOP
(A23L9316)
48L TSOP
(A23L93161)
48L TSOP
(A23L93162)
Symbol
Description
2-11,
34-42
2-10,
14-23
1-8,
16-25, 48
1-8,
16-25, 48
A0-A18
Address Inputs
15-22,
24-30
28-35,
39-45
29-36,
38-44
29-36,
38-44
O0-O14
Data Outputs
31
46
45
45
O15/A-1
Output 15(WORD mode)
/LSB Address (BYTE mode)
12
24
26
26
CE
Chip Enable Input
14
27
28
28
OE
Output Enable Input
33
1
47
-
BYTE
BYTE or WORD mode Selection
23
37-38
37
37, 47
VCC
Power Supply
13, 32
12, 25-26,
47-48
27, 46
27, 46
GND
Ground
1, 43-44
11, 13, 36
9-15
9-15
NC
No Connection
Recommended DC Operating Conditions
(TA = 0
°C to + 70°C)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
2.7
3.6
V
GND
Ground
0
0
V
VIH
Input High Voltage
2.2
VCC+0.3
V
VIL
Input Low Voltage
- 0.3
0.6
V


Similar Part No. - A23L9316R-70

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A23L9308 AMICC-A23L9308 Datasheet
132Kb / 12P
   524,288 X 8 BIT CMOS MASK ROM
A23L9308-15 AMICC-A23L9308-15 Datasheet
132Kb / 12P
   524,288 X 8 BIT CMOS MASK ROM
A23L9308-20 AMICC-A23L9308-20 Datasheet
132Kb / 12P
   524,288 X 8 BIT CMOS MASK ROM
A23L9308H-15 AMICC-A23L9308H-15 Datasheet
132Kb / 12P
   524,288 X 8 BIT CMOS MASK ROM
A23L9308H-20 AMICC-A23L9308H-20 Datasheet
132Kb / 12P
   524,288 X 8 BIT CMOS MASK ROM
More results

Similar Description - A23L9316R-70

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A23L8316 AMICC-A23L8316 Datasheet
221Kb / 12P
   256K X 16 / 512K X 8 BIT CMOS MASK ROM
A23L0616 AMICC-A23L0616_15 Datasheet
172Kb / 10P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L0616 AMICC-A23L0616 Datasheet
259Kb / 11P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23C1024 MCNIX-MX23C1024 Datasheet
106Kb / 7P
   1M-BIT [64K x 16] CMOS MASK ROM
logo
King blillion Electroni...
SF23C4000 KB-SF23C4000 Datasheet
208Kb / 6P
   512K x 8 bit CMOS Mask Programmable ROM
logo
Macronix International
MX23C8000 MCNIX-MX23C8000 Datasheet
637Kb / 11P
   8M-BIT [1M x 8] CMOS MASK ROM
logo
King blillion Electroni...
HF88M08 KB-HF88M08 Datasheet
308Kb / 19P
   512K x 8 bit Mask ROM
HF88M04 KB-HF88M04 Datasheet
309Kb / 19P
   512K x 8 bit Mask ROM
logo
Macronix International
MX23C4100 MCNIX-MX23C4100 Datasheet
322Kb / 8P
   4M-BIT [512K x 8/256K x 16] MASK ROM
logo
List of Unclassifed Man...
TC531024P-12 ETC1-TC531024P-12 Datasheet
226Kb / 5P
   1M BIT (65536 WORD X 16 BIT) CMOS MASK ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com