Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A29L800ATV-70U Datasheet(PDF) 10 Page - AMIC Technology

Part # A29L800ATV-70U
Description  1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L800ATV-70U Datasheet(HTML) 10 Page - AMIC Technology

Back Button A29L800ATV-70U Datasheet HTML 6Page - AMIC Technology A29L800ATV-70U Datasheet HTML 7Page - AMIC Technology A29L800ATV-70U Datasheet HTML 8Page - AMIC Technology A29L800ATV-70U Datasheet HTML 9Page - AMIC Technology A29L800ATV-70U Datasheet HTML 10Page - AMIC Technology A29L800ATV-70U Datasheet HTML 11Page - AMIC Technology A29L800ATV-70U Datasheet HTML 12Page - AMIC Technology A29L800ATV-70U Datasheet HTML 13Page - AMIC Technology A29L800ATV-70U Datasheet HTML 14Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
A29L800A Series
(June, 2005, Version 1.1)
9
AMIC Technology, Corp.
Autoselect Mode
The autoselect mode provides manufacturer and device
identification, through identifier codes output on I/O7 - I/O0.
This mode is primarily intended for programming equipment to
automatically match a device to be programmed with its
corresponding
programming
algorithm.
However,
the
autoselect codes can also be accessed in-system through the
command register.
When using programming equipment, the autoselect mode
requires VID (11.5V to 12.5 V) on address pin A9. Address pins
A6, A1, and A0 must be as shown in Autoselect Codes (High
Voltage Method) table. In addition, when verifying sector
protection, the sector address must appear on the appropriate
highest order address bits. Refer to the corresponding Sector
Address Tables. The Command Definitions table shows the
remaining address bits that are don't care. When all necessary
bits have been set as required, the programming equipment
may then read the corresponding identifier code on I/O7 -
I/O0.To access the autoselect codes in-system, the host
system can issue the autoselect command via the command
register, as shown in the Command Definitions table. This
method does not require VID. See "Command Definitions" for
details on using the autoselect mode.
Table 4. A29L800A Autoselect Codes (High Voltage Method)
Description
Mode
CE
OE
WE
A18
to
A12
A11
to
A10
A9
A8
to
A7
A6
A5
to
A2
A1
A0
I/O8
to
I/O15
I/O7
to
I/O0
Manufacturer ID: AMIC
L
L
H
X
X
VID
X
L
X
L
L
X
37h
Word
B3h
1Ah
Device ID:
A29L800A
(Top Boot Block)
Byte
L
L
H
X
X
VID
XLX
L
H
X
1Ah
Word
B3h
9Bh
Device ID:
A29L800A
(Bottom Boot Block)
Byte
L
L
H
X
X
VID
XLX
L
H
X
9Bh
Continuation ID
L
L
H
X
X
VID
X
L
X
H
H
X
7Fh
L=Logic Low= VIL, H=Logic High=VIH, SA=Sector Address, X=Don’t Care.
Note: The autoselect codes may also be accessed in-system via command sequences.
Hardware Data Protection
The
requirement
of
command
unlocking
sequence
for
programming or erasing provides data protection against
inadvertent writes (refer to the Command Definitions table). In
addition, the following hardware data protection measures
prevent accidental erasure or programming, which might
otherwise be caused by spurious system level signals during
VCC power-up transitions, or from system noise. The device is
powered up to read array data to avoid accidentally writing
data to the array.
Write Pulse "Glitch" Protection
Noise pulses of less than 5ns (typical) on
OE , CE or WE do
not initiate a write cycle.
Logical Inhibit
Write cycles are inhibited by holding any one of
OE =VIL, CE
= VIH or
WE = VIH. To initiate a write cycle, CE and WE
must be a logical zero while
OE is a logical one.
Power-Up Write Inhibit
If
WE = CE = VIL and OE = VIH during power up, the device
does not accept commands on the rising edge of
WE . The
internal state machine is automatically reset to reading array
data on the initial power-up.


Similar Part No. - A29L800ATV-70U

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L800 AMICC-A29L800 Datasheet
396Kb / 41P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800B AMICC-A29L800B Datasheet
445Kb / 37P
   Boot Sector Flash Memory
A29L800C AMICC-A29L800C Datasheet
444Kb / 37P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only,Boot Sector Flash Memory
A29L800CTG-70F AMICC-A29L800CTG-70F Datasheet
444Kb / 37P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only,Boot Sector Flash Memory
A29L800CTG-70UF AMICC-A29L800CTG-70UF Datasheet
444Kb / 37P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only,Boot Sector Flash Memory
More results

Similar Description - A29L800ATV-70U

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L800C AMICC-A29L800C Datasheet
444Kb / 37P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only,Boot Sector Flash Memory
A29L800 AMICC-A29L800 Datasheet
396Kb / 41P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29800B AMICC-A29800B Datasheet
488Kb / 40P
   1M X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29801B AMICC-A29801B Datasheet
489Kb / 40P
   1M X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400 AMICC-A29L400 Datasheet
387Kb / 40P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400A AMICC-A29L400A Datasheet
539Kb / 38P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400C AMICC-A29L400C Datasheet
440Kb / 37P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008 AMICC-A29L008 Datasheet
335Kb / 36P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004A AMICC-A29L004A Datasheet
528Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com