Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A43E06321 Datasheet(PDF) 8 Page - AMIC Technology

Part # A43E06321
Description  512K X 32 Bit X 2 Banks Low Power Synchronous DRAM
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43E06321 Datasheet(HTML) 8 Page - AMIC Technology

Back Button A43E06321 Datasheet HTML 4Page - AMIC Technology A43E06321 Datasheet HTML 5Page - AMIC Technology A43E06321 Datasheet HTML 6Page - AMIC Technology A43E06321 Datasheet HTML 7Page - AMIC Technology A43E06321 Datasheet HTML 8Page - AMIC Technology A43E06321 Datasheet HTML 9Page - AMIC Technology A43E06321 Datasheet HTML 10Page - AMIC Technology A43E06321 Datasheet HTML 11Page - AMIC Technology A43E06321 Datasheet HTML 12Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
A43E06321
PRELIMINARY
(July, 2005, Version 0.0)
7
AMIC Technology, Corp.
Operating AC Parameter
(AC operating conditions unless otherwise noted)
Version
Symbol
Parameter
-75
-95
Unit
Note
tRRD(min)
Row active to row active delay
15
19
ns
1
tRCD(min)
RAS to
CAS delay
20
24
ns
1
tRP(min)
Row precharge time
20
24
ns
1
tRAS(min)
50
50
ns
1
tRAS(max)
Row active time
100
100
µs
tRC(min)
Row cycle time
72.5
74
ns
1
tCDL(min)
Last data in new col. Address delay
7.5
9.5
ns
2
tRDL(min)
Last data in row precharge
15
15
ns
2
tBDL(min)
Last data in to burst stop
7.5
9.5
ns
2
tCCD(min)
Col. Address to col. Address delay
7.5
9.5
ns
Note:
1. The minimum number of clock cycles is determined by dividing the minimum time required with clock cycle time and
then rounding off to the next higher integer.
2. Minimum delay is required to complete write.


Similar Part No. - A43E06321

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43E0632G-75I AMICC-A43E0632G-75I Datasheet
502Kb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
A43E0632G-95I AMICC-A43E0632G-95I Datasheet
502Kb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
A43E0632V-75I AMICC-A43E0632V-75I Datasheet
502Kb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
A43E0632V-95I AMICC-A43E0632V-95I Datasheet
502Kb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
More results

Similar Description - A43E06321

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43L0632 AMICC-A43L0632 Datasheet
1Mb / 44P
   512K X 32 Bit X 2 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12S64322A ESMT-M12S64322A Datasheet
725Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A_1 Datasheet
776Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A Datasheet
813Kb / 44P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A_07 Datasheet
783Kb / 47P
   512K x 32 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L1632 AMICC-A43L1632 Datasheet
1Mb / 43P
   512K X 32 Bit X 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS6632A4A A-DATA-VDS6632A4A Datasheet
648Kb / 8P
   Synchronous DRAM(512K X 32 Bit X 4 Banks)
Rev 1.0 April, 2001
logo
Elite Semiconductor Mem...
M12S64322A ESMT-M12S64322A_09 Datasheet
759Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A_08 Datasheet
790Kb / 47P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M52L64322A ESMT-M52L64322A Datasheet
1Mb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com