Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A43E16161 Datasheet(PDF) 2 Page - AMIC Technology

Part # A43E16161
Description  1M X 16 Bit X 2 Banks Low Power Synchronous DRAM
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43E16161 Datasheet(HTML) 2 Page - AMIC Technology

  A43E16161 Datasheet HTML 1Page - AMIC Technology A43E16161 Datasheet HTML 2Page - AMIC Technology A43E16161 Datasheet HTML 3Page - AMIC Technology A43E16161 Datasheet HTML 4Page - AMIC Technology A43E16161 Datasheet HTML 5Page - AMIC Technology A43E16161 Datasheet HTML 6Page - AMIC Technology A43E16161 Datasheet HTML 7Page - AMIC Technology A43E16161 Datasheet HTML 8Page - AMIC Technology A43E16161 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
A43E16161
Preliminary
1M X 16 Bit X 2 Banks Low Power Synchronous DRAM
PRELIMINARY
(August, 2005, Version 0.0)
1
AMIC Technology, Corp.
Features
Low power supply
- VDD: 1.8V
VDDQ : 1.8V
LVCMOS compatible with multiplexed address
Two banks / Pulse
RAS
MRS cycle with address key programs
- CAS Latency (2 & 3)
- Burst Length (1,2,4,8 & full page)
- Burst Type (Sequential & Interleave)
All inputs are sampled at the positive going edge of the
system clock
Deep Power Down Mode
DQM for masking
Auto & self refresh
64ms refresh period (4K cycle)
Self refresh with programmable refresh period through
EMRS cycle
Programmable Power Reduction Feature by partial
array activation during Self-refresh through EMRS
cycle
Auto TCSR
Industrial operating temperature range: -40ºC to +85ºC
for -U series.
Available in 54-pin TSOP(II) package
Package is available to lead free (-F series)
Clock Frequency (max) : 105MHz @ CL=3 (-95)
133MHz @ CL=3 (-75)
General Description
The
A43E16161
is
33,554,432
bits
Low
Power
synchronous high data rate Dynamic RAM organized as 2
X 1,048,576 words by 16 bits, fabricated with AMIC’s high
performance CMOS technology. Synchronous design
allows precise cycle control with the use of system clock.
I/O transactions are possible on every clock cycle. Range
of operating frequencies, programmable latencies allows
the same device to be useful for a variety of high
bandwidth,
high
performance
memory
system
applications.
Pin Configuration
54 TSOP (II)
A43E16161V
54 53 52 51 50 49 48 47 46 45
43
44
42 41 40 39 38 37 36 35 34 33 32 31 30
12
3
4
56789
10
12
11
13 14 15 16 17 18 19 20 21 22 23 24 25 26 27
28
29


Similar Part No. - A43E16161

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43E16161 AMICC-A43E16161 Datasheet
563Kb / 48P
   1M X 16 Bit X 2 Banks Low Power Synchronous DRAM
A43E16161 AMICC-A43E16161_15 Datasheet
563Kb / 48P
   1M X 16 Bit X 2 Banks Low Power Synchronous DRAM
More results

Similar Description - A43E16161

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43E16161 AMICC-A43E16161_15 Datasheet
563Kb / 48P
   1M X 16 Bit X 2 Banks Low Power Synchronous DRAM
A43L1616 AMICC-A43L1616 Datasheet
1Mb / 44P
   1M X 16 Bit X 2 Banks Synchronous DRAM
A43L1616B AMICC-A43L1616B Datasheet
555Kb / 46P
   1M X 16 Bit X 2 Banks Synchronous DRAM
A43E26161 AMICC-A43E26161 Datasheet
1Mb / 10P
   1M X 16 BIT X 4 BANKS LOW POWER SYNCHRONOUS DRAM
A43P26161 AMICC-A43P26161 Datasheet
1Mb / 44P
   1M X 16 Bit X 4 Banks Low Power Synchronous DRAM
A43E26161 AMICC-A43E26161 Datasheet
544Kb / 45P
   1M X 16 Bit X 4 Banks Low Power Synchronous DRAM
A43P26161 AMICC-A43P26161_15 Datasheet
525Kb / 45P
   1M X 16 Bit X 4 Banks Low Power Synchronous DRAM
logo
Elite Semiconductor Mem...
M52S128168A ESMT-M52S128168A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12S64164A ESMT-M12S64164A Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_07 Datasheet
814Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com