Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A29L004AUW-70F Datasheet(PDF) 7 Page - AMIC Technology

Part # A29L004AUW-70F
Description  512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L004AUW-70F Datasheet(HTML) 7 Page - AMIC Technology

Back Button A29L004AUW-70F Datasheet HTML 3Page - AMIC Technology A29L004AUW-70F Datasheet HTML 4Page - AMIC Technology A29L004AUW-70F Datasheet HTML 5Page - AMIC Technology A29L004AUW-70F Datasheet HTML 6Page - AMIC Technology A29L004AUW-70F Datasheet HTML 7Page - AMIC Technology A29L004AUW-70F Datasheet HTML 8Page - AMIC Technology A29L004AUW-70F Datasheet HTML 9Page - AMIC Technology A29L004AUW-70F Datasheet HTML 10Page - AMIC Technology A29L004AUW-70F Datasheet HTML 11Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
A29L004A Series
PRELIMINARY
(March, 2005, Version 0.0)
6
AMIC Technology, Corp.
Table 2. A29L004A Top Boot Block Sector Address Table
Sector
A18
A17
A16
A15
A14
A13
Sector Size
(Kbytes)
Address Range
(in hexadecimal)
SA0
0
0
0
X
X
X
64
00000h - 0FFFFh
SA1
0
0
1
X
X
X
64
10000h - 1FFFFh
SA2
0
1
0
X
X
X
64
20000h - 2FFFFh
SA3
0
1
1
X
X
X
64
30000h - 3FFFFh
SA4
1
0
0
X
X
X
64
40000h - 4FFFFh
SA5
1
0
1
X
X
X
64
50000h - 5FFFFh
SA6
1
1
0
X
X
X
64
60000h - 6FFFFh
SA7
1
1
1
0
X
X
32
70000h - 77FFFh
SA8
1
1
1
1
0
0
8
78000h - 79FFFh
SA9
1
1
1
1
0
1
8
7A000h - 7BFFFh
SA10
1
1
1
1
1
X
16
7C000h - 7FFFFh
Table 3. A29L004A Bottom Boot Block Sector Address Table
Sector
A18
A17
A16
A15
A14
A13
Sector Size
(Kbytes)
Address Range
(in hexadecimal)
SA0
0
0
0
0
0
X
16
00000h - 03FFFh
SA1
0
0
0
0
1
0
8
04000h - 05FFFh
SA2
0
0
0
0
1
1
8
06000h - 07FFFh
SA3
0
0
0
1
X
X
32
08000h - 0FFFFh
SA4
0
0
1
X
X
X
64
10000h - 1FFFFh
SA5
0
1
0
X
X
X
64
20000h - 2FFFFh
SA6
0
1
1
X
X
X
64
30000h - 3FFFFh
SA7
1
0
0
X
X
X
64
40000h - 4FFFFh
SA8
1
0
1
X
X
X
64
50000h - 5FFFFh
SA9
1
1
0
X
X
X
64
60000h - 6FFFFh
SA10
1
1
1
X
X
X
64
70000h - 7FFFFh


Similar Part No. - A29L004AUW-70F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004L AMICC-A29L004L Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004TL-70 AMICC-A29L004TL-70 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004TL-90 AMICC-A29L004TL-90 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004TV-70 AMICC-A29L004TV-70 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - A29L004AUW-70F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400 AMICC-A29L400 Datasheet
387Kb / 40P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400A AMICC-A29L400A Datasheet
539Kb / 38P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400C AMICC-A29L400C Datasheet
440Kb / 37P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800C AMICC-A29L800C Datasheet
444Kb / 37P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only,Boot Sector Flash Memory
A29L800 AMICC-A29L800 Datasheet
396Kb / 41P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800A AMICC-A29L800A Datasheet
503Kb / 36P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L040 AMICC-A29L040 Datasheet
303Kb / 32P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com