Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A43E16161V-75F Datasheet(PDF) 10 Page - AMIC Technology

Part # A43E16161V-75F
Description  1M X 16 Bit X 2 Banks Low Power Synchronous DRAM
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43E16161V-75F Datasheet(HTML) 10 Page - AMIC Technology

Back Button A43E16161V-75F Datasheet HTML 6Page - AMIC Technology A43E16161V-75F Datasheet HTML 7Page - AMIC Technology A43E16161V-75F Datasheet HTML 8Page - AMIC Technology A43E16161V-75F Datasheet HTML 9Page - AMIC Technology A43E16161V-75F Datasheet HTML 10Page - AMIC Technology A43E16161V-75F Datasheet HTML 11Page - AMIC Technology A43E16161V-75F Datasheet HTML 12Page - AMIC Technology A43E16161V-75F Datasheet HTML 13Page - AMIC Technology A43E16161V-75F Datasheet HTML 14Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
A43E16161
PRELIMINARY
(August, 2005, Version 0.0)
9
AMIC Technology, Corp.
Mode Register Filed Table to Program Modes
Register Programmed with MRS
Address
BA
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Function
0
RFU
W.B.L
TM
CAS Latency
BT
Burst Length
(Note 3)
(Note 1)
(Note 2)
Test Mode
CAS Latency
Burst Type
Burst Length
A8
A7
Type
A6
A5
A4
Latency
A3
Type
A2
A1
A0
BT=0
BT=1
0
0
Mode Register Set
0
0
0
Reserved
0
Sequential
0
0
0
1
1
0
1
0
0
1
-
1
Interleave
0
0
1
2
2
1
0
0
1
0
2
0
1
0
4
4
1
1
Vendor
Use
Only
0
1
1
3
0
1
1
8
8
Write Burst Length
1
0
0
Reserved
1
0
0
Reserved
Reserved
A9
Length
1
0
1
Reserved
1
0
1
Reserved
Reserved
0
Burst
1
1
0
Reserved
1
1
0
Reserved
Reserved
1
Single Bit
1
1
1
Reserved
1
1
1
512(Full)
Reserved
Note :
1. RFU(Reserved for Future Use) should stay “0” during MRS cycle.
2. If A9 is high during MRS cycle, “Burst Read Single Bit Write” function will be enabled.
3. BA must be 0,0 to select the Mode Register (vs. the Extended Mode Register).
Extended Mode Register Table
BA
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Address Bus (Ax)
1
All have to be set to “0”
Bank
Up/Down
DS
0
PASR
(Note)
Driver Strength
Partial-Array Self Refresh:
Driver Strength
A6
A5
Driver Strength
A7
A2
A1
A0
Banks to be Self-Refreshed
0
0
Full
0
0
0
0
All banks (Bank 0, 1)
0
1
3/4
0
0
0
1
Reserved
1
0
1/2
0
0
1
0
Bank 0
1
1
1/4
0
0
1
1
Reserved
0
1
X
X
Reserved
1
0
0
0
All banks (Bank 0, 1)
1
0
0
1
Reserved
1
0
1
0
One bank (Bank 1)
1
0
1
1
Reserved
1
1
X
X
Reserved
Note:
BA must be 1 to select the Extended Mode Register (vs. the Mode Register)


Similar Part No. - A43E16161V-75F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43E16161 AMICC-A43E16161 Datasheet
563Kb / 48P
   1M X 16 Bit X 2 Banks Low Power Synchronous DRAM
A43E16161 AMICC-A43E16161_15 Datasheet
563Kb / 48P
   1M X 16 Bit X 2 Banks Low Power Synchronous DRAM
More results

Similar Description - A43E16161V-75F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43E16161 AMICC-A43E16161_15 Datasheet
563Kb / 48P
   1M X 16 Bit X 2 Banks Low Power Synchronous DRAM
A43L1616 AMICC-A43L1616 Datasheet
1Mb / 44P
   1M X 16 Bit X 2 Banks Synchronous DRAM
A43L1616B AMICC-A43L1616B Datasheet
555Kb / 46P
   1M X 16 Bit X 2 Banks Synchronous DRAM
A43E26161 AMICC-A43E26161 Datasheet
1Mb / 10P
   1M X 16 BIT X 4 BANKS LOW POWER SYNCHRONOUS DRAM
A43P26161 AMICC-A43P26161 Datasheet
1Mb / 44P
   1M X 16 Bit X 4 Banks Low Power Synchronous DRAM
A43E26161 AMICC-A43E26161 Datasheet
544Kb / 45P
   1M X 16 Bit X 4 Banks Low Power Synchronous DRAM
A43P26161 AMICC-A43P26161_15 Datasheet
525Kb / 45P
   1M X 16 Bit X 4 Banks Low Power Synchronous DRAM
logo
Elite Semiconductor Mem...
M52S128168A ESMT-M52S128168A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12S64164A ESMT-M12S64164A Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_07 Datasheet
814Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com