Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A29DL323UV-120 Datasheet(PDF) 10 Page - AMIC Technology

Part # A29DL323UV-120
Description  32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29DL323UV-120 Datasheet(HTML) 10 Page - AMIC Technology

Back Button A29DL323UV-120 Datasheet HTML 6Page - AMIC Technology A29DL323UV-120 Datasheet HTML 7Page - AMIC Technology A29DL323UV-120 Datasheet HTML 8Page - AMIC Technology A29DL323UV-120 Datasheet HTML 9Page - AMIC Technology A29DL323UV-120 Datasheet HTML 10Page - AMIC Technology A29DL323UV-120 Datasheet HTML 11Page - AMIC Technology A29DL323UV-120 Datasheet HTML 12Page - AMIC Technology A29DL323UV-120 Datasheet HTML 13Page - AMIC Technology A29DL323UV-120 Datasheet HTML 14Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
A29DL32x Series
PRELIMINARY
(May, 2005, Version 0.0)
9
AMIC Technology, Corp.
Table 3 Sector Addresses for Top Boot Sector Devices
Sector
Sector Address
A20–A12
Sector Size
(Kbytes/Kwords)
(x8)
Address Range
(x16)
Address Range
SA48
110000XXX
64/32
300000h-30FFFFh
180000h–187FFFh
SA49
110001XXX
64/32
310000h-31FFFFh
188000h–18FFFFh
SA50
110010XXX
64/32
320000h-32FFFFh
190000h–197FFFh
SA51
110011XXX
64/32
330000h-33FFFFh
198000h–19FFFFh
SA52
110100XXX
64/32
340000h-34FFFFh
1A0000h–1A7FFFh
SA53
110101XXX
64/32
350000h-35FFFFh
1A8000h–1AFFFFh
SA54
110110XXX
64/32
360000h-36FFFFh
1B0000h–1B7FFFh
SA55
110111XXX
64/32
370000h-37FFFFh
1B8000h–1BFFFFh
SA56
111000XXX
64/32
380000h-38FFFFh
1C0000h–1C7FFFh
SA57
111001XXX
64/32
390000h-39FFFFh
1C8000h–1CFFFFh
SA58
111010XXX
64/32
3A0000h-3AFFFFh
1D0000h–1D7FFFh
SA59
111011XXX
64/32
3B0000h-3BFFFFh
1D8000h–1DFFFFh
SA60
111100XXX
64/32
3C0000h-3CFFFFh
1E0000h–1E7FFFh
SA61
111101XXX
64/32
3D0000h-3DFFFFh
1E8000h–1EFFFFh
SA62
111110XXX
64/32
3E0000h-3EFFFFh
1F0000h–1F7FFFh
SA63
111111000
8/4
3F0000h-3FFFFFh
1F8000h–1F8FFFh
SA64
111111001
8/4
3F2000h-3F3FFFh
1F9000h–1F9FFFh
SA65
111111010
8/4
3F4000h-3F5FFFh
1FA000h–1FAFFFh
SA66
111111011
8/4
3F6000h-3F7FFFh
1FB000h–1FBFFFh
SA67
111111100
8/4
3F8000h-3F9FFFh
1FC000h–1FCFFFh
SA68
111111101
8/4
3FA000h-3FBFFFh
1FD000h–1FDFFFh
SA69
111111110
8/4
3FC000h-3FDFFFh
1FE000h–1FEFFFh
SA70
111111111
8/4
3FE000h-3FFFFFh
1FF000h–1FFFFFh
The address range is A20: A-1in byte mode (
BYTE=VIL) or A20:A0 in word mode (BYTE=VIH). The bank address bits are A20-
A18 for A29DL322T, A20 and A19 for A29DL323T, and A20 for A29DL324T.


Similar Part No. - A29DL323UV-120

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29DL323UV-90 AMICC-A29DL323UV-90 Datasheet
496Kb / 46P
   32M-Bit CMOS Low Voltage Dual Operation Flash Memory 4M-Byte by 8-Bit (Byte Mode) / 2M-Word by 16-Bit (Word Mode)
More results

Similar Description - A29DL323UV-120

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29JL032J70TFI420 SPANSION-S29JL032J70TFI420 Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S29JL032J70TFI320 SPANSION-S29JL032J70TFI320 Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S29JL032J SPANSION-S29JL032J Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
logo
AMIC Technology
A29DL16X AMICC-A29DL16X Datasheet
738Kb / 47P
   16 Megabit (2M x 8-Bit/1M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
Excel Semiconductor Inc...
ES29DL320 EXCELSEMI-ES29DL320 Datasheet
770Kb / 59P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM49DL32XBG AMD-AM49DL32XBG Datasheet
1Mb / 64P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit)
AM29DL322C AMD-AM29DL322C Datasheet
691Kb / 52P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL322D AMD-AM29DL322D Datasheet
1Mb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM29DL32XG SPANSION-AM29DL32XG_06 Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM29DL320G AMD-AM29DL320G Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com