Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A43L8316AV-5.5 Datasheet(PDF) 9 Page - AMIC Technology

Part # A43L8316AV-5.5
Description  128K X 16 Bit X 2 Banks Synchronous DRAM
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43L8316AV-5.5 Datasheet(HTML) 9 Page - AMIC Technology

Back Button A43L8316AV-5.5 Datasheet HTML 5Page - AMIC Technology A43L8316AV-5.5 Datasheet HTML 6Page - AMIC Technology A43L8316AV-5.5 Datasheet HTML 7Page - AMIC Technology A43L8316AV-5.5 Datasheet HTML 8Page - AMIC Technology A43L8316AV-5.5 Datasheet HTML 9Page - AMIC Technology A43L8316AV-5.5 Datasheet HTML 10Page - AMIC Technology A43L8316AV-5.5 Datasheet HTML 11Page - AMIC Technology A43L8316AV-5.5 Datasheet HTML 12Page - AMIC Technology A43L8316AV-5.5 Datasheet HTML 13Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
A43L8316A
(September, 2003, Version 1.0)
8
AMIC Technology, Corp.
Operating AC Parameter
(AC operating conditions unless otherwise noted)
Version
Symbol
Parameter
CAS
Latency
-5
-5.5
-6
-7
Unit
Note
3
tRRD(min)
Row active to row active delay
2
2
2
2
2
CLK
1
3
3
3
3
3
tRCD(min)
RAS to
CAS delay
2
-
-
-
2
CLK
1
3
3
3
3
3
tRP(min)
Row precharge time
2
-
-
-
2
CLK
1
3
8
8
7
6
tRAS(min)
2
-
-
-
5
CLK
1
3
tRAS(max)
Row active time
2
100
µs
3
11
11
10
9
tRC(min)
Row cycle time
2
-
-
-
7
CLK
1
3
tCDL(min)
Last data in new col. Address delay
2
1
CLK
2
3
2
2
2
2
tRDL(min)
Last data in row precharge
2
-
-
-
2
CLK
2
3
tBDL(min)
Last data in to burst stop
2
1
CLK
2
3
tCCD(min)
Col. Address to col. Address delay
2
1
CLK
3
2
CLK
4
Number of valid output data
2
1
CLK
Note: 1. The minimum number of clock cycles is determined by dividing the minimum time required with clock cycle time
and then rounding off to the next higher integer.
2. Minimum delay is required to complete write.
3. All parts allow every cycle column address change.
4. In case of row precharge interrupt, auto precharge and read burst stop.


Similar Part No. - A43L8316AV-5.5

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43L8316 AMICC-A43L8316 Datasheet
1Mb / 45P
   128K X 16 Bit X 2 Banks Synchronous DRAM
A43L8316G-75I AMICC-A43L8316G-75I Datasheet
502Kb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
A43L8316G-95I AMICC-A43L8316G-95I Datasheet
502Kb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
A43L8316V AMICC-A43L8316V Datasheet
1Mb / 45P
   128K X 16 Bit X 2 Banks Synchronous DRAM
A43L8316V-10 AMICC-A43L8316V-10 Datasheet
1Mb / 45P
   128K X 16 Bit X 2 Banks Synchronous DRAM
More results

Similar Description - A43L8316AV-5.5

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43L8316 AMICC-A43L8316 Datasheet
1Mb / 45P
   128K X 16 Bit X 2 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V161610D HYNIX-HY57V161610D Datasheet
73Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
logo
A-Data Technology
ADS4616A4A A-DATA-ADS4616A4A Datasheet
530Kb / 8P
   Synchronous DRAM(512K X 16 Bit X 2 Banks)
Rev 1 December, 2001
logo
AMIC Technology
A43L0616B AMICC-A43L0616B Datasheet
585Kb / 48P
   512K X 16 Bit X 2 Banks Synchronous DRAM
A43L1616 AMICC-A43L1616 Datasheet
1Mb / 44P
   1M X 16 Bit X 2 Banks Synchronous DRAM
A43L0616B AMICC-A43L0616B Datasheet
1Mb / 45P
   512K X 16 Bit X 2 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY67V161610D HYNIX-HY67V161610D Datasheet
75Kb / 11P
   2 Banks x 512K x 16 Bit Synchronous DRAM
logo
AMIC Technology
A43E06161 AMICC-A43E06161 Datasheet
1Mb / 46P
   512K X 16 Bit X 2 Banks Synchronous DRAM
A43L0616A AMICC-A43L0616A Datasheet
1,011Kb / 45P
   512K X 16 Bit X 2 Banks Synchronous DRAM
A43L1616B AMICC-A43L1616B Datasheet
555Kb / 46P
   1M X 16 Bit X 2 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com