Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A29L400ATG-90IF Datasheet(PDF) 8 Page - AMIC Technology

Part # A29L400ATG-90IF
Description  512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L400ATG-90IF Datasheet(HTML) 8 Page - AMIC Technology

Back Button A29L400ATG-90IF Datasheet HTML 4Page - AMIC Technology A29L400ATG-90IF Datasheet HTML 5Page - AMIC Technology A29L400ATG-90IF Datasheet HTML 6Page - AMIC Technology A29L400ATG-90IF Datasheet HTML 7Page - AMIC Technology A29L400ATG-90IF Datasheet HTML 8Page - AMIC Technology A29L400ATG-90IF Datasheet HTML 9Page - AMIC Technology A29L400ATG-90IF Datasheet HTML 10Page - AMIC Technology A29L400ATG-90IF Datasheet HTML 11Page - AMIC Technology A29L400ATG-90IF Datasheet HTML 12Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
A29L400A Series
PRELIMINARY
(July, 2005, Version 0.0)
7
AMIC Technology, Corp.
CMOS standby current (ICC4 ). If RESET is held at VIL but not
within VSS
± 0.3V, the standby current will be greater.
The RESET pin may be tied to the system reset circuitry. A
system reset would thus also reset the Flash memory,
enabling the system to read the boot-up firmware from the
Flash memory.
If RESET is asserted during a program or erase operation,
the RY/
BY pin remains a “0” (busy) until the internal reset
operation is complete, which requires a time tREADY (during
Embedded Algorithms). The system can thus monitor
RY/
BY to determine whether the reset operation is
complete. If RESET is asserted when a program or erase
operation is not executing (RY/
BY pin is “1”), the reset
operation is completed within a time of tREADY (not during
Embedded Algorithms). The system can read data tRH after
the RESET pin return to VIH.
Refer
to
the
AC
Characteristics
tables
for
RESET
parameters and diagram.
Table 2. A29L400A Top Boot Block Sector Address Table
Address Range (in hexadecimal)
Sector
A17
A16
A15
A14
A13
A12
Sector Size
(Kbytes/Kwords)
(x8)
Address Range
(x16)
Address Range
SA0
0
0
0
X
X
X
64/32
00000h - 0FFFFh
00000h - 07FFFh
SA1
0
0
1
X
X
X
64/32
10000h - 1FFFFh
08000h - 0FFFFh
SA2
0
1
0
X
X
X
64/32
20000h - 2FFFFh
10000h - 17FFFh
SA3
0
1
1
X
X
X
64/32
30000h - 3FFFFh
18000h - 1FFFFh
SA4
1
0
0
X
X
X
64/32
40000h - 4FFFFh
20000h - 27FFFh
SA5
1
0
1
X
X
X
64/32
50000h - 5FFFFh
28000h - 2FFFFh
SA6
1
1
0
X
X
X
64/32
60000h - 6FFFFh
30000h - 37FFFh
SA7
1
1
1
0
X
X
32/16
70000h - 77FFFh
38000h - 3BFFFh
SA8
1
1
1
1
0
0
8/4
78000h - 79FFFh
3C000h - 3CFFFh
SA9
1
1
1
1
0
1
8/4
7A000h - 7BFFFh
3D000h - 3DFFFh
SA10
1
1
1
1
1
X
16/8
7C000h - 7FFFFh
3E000h - 3FFFFh
Table 3. A29L400A Bottom Boot Block Sector Address Table
Address Range
Sector
A17
A16
A15
A14
A13
A12
Sector Size
(Kbytes/Kwords)
(x8)
Address Range
(x16)
Address Range
SA0
0
0
0
0
0
X
16/8
00000h - 03FFFh
00000h - 01FFFh
SA1
0
0
0
0
1
0
8/4
04000h - 05FFFh
02000h - 02FFFh
SA2
0
0
0
0
1
1
8/4
06000h - 07FFFh
03000h - 03FFFh
SA3
0
0
0
1
X
X
32/16
08000h - 0FFFFh
04000h - 07FFFh
SA4
0
0
1
X
X
X
64/32
10000h - 1FFFFh
08000h - 0FFFFh
SA5
0
1
0
X
X
X
64/32
20000h - 2FFFFh
10000h - 17FFFh
SA6
0
1
1
X
X
X
64/32
30000h - 3FFFFh
18000h - 1FFFFh
SA7
1
0
0
X
X
X
64/32
40000h - 4FFFFh
20000h - 27FFFh
SA8
1
0
1
X
X
X
64/32
50000h - 5FFFFh
28000h - 2FFFFh
SA9
1
1
0
X
X
X
64/32
60000h - 6FFFFh
30000h - 37FFFh
SA10
1
1
1
X
X
X
64/32
70000h - 7FFFFh
38000h - 3FFFFh


Similar Part No. - A29L400ATG-90IF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L400 AMICC-A29L400 Datasheet
387Kb / 40P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400B AMICC-A29L400B Datasheet
440Kb / 37P
   Boot Sector Flash Memory
A29L400C AMICC-A29L400C Datasheet
440Kb / 37P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400CTG-70F AMICC-A29L400CTG-70F Datasheet
440Kb / 37P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400CTG-70UF AMICC-A29L400CTG-70UF Datasheet
440Kb / 37P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - A29L400ATG-90IF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L400 AMICC-A29L400 Datasheet
387Kb / 40P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400C AMICC-A29L400C Datasheet
440Kb / 37P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29400B AMICC-A29400B Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV400A EON-EN29LV400A Datasheet
771Kb / 41P
   4 Megabit (512K X 8-bit / 256K X 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
AMIC Technology
A29400A AMICC-A29400A Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29400 AMICC-A29400 Datasheet
497Kb / 33P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV400A EON-EN29LV400A_11 Datasheet
427Kb / 43P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
AMIC Technology
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800C AMICC-A29L800C Datasheet
444Kb / 37P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only,Boot Sector Flash Memory
A29L800 AMICC-A29L800 Datasheet
396Kb / 41P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com