Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA7002R Datasheet(PDF) 1 Page - Sony Corporation

Part # CXA7002R
Description  I2C Bus Compatible Audio Video (AV) Switch & Electronic Volume Control
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA7002R Datasheet(HTML) 1 Page - Sony Corporation

  CXA7002R Datasheet HTML 1Page - Sony Corporation CXA7002R Datasheet HTML 2Page - Sony Corporation CXA7002R Datasheet HTML 3Page - Sony Corporation CXA7002R Datasheet HTML 4Page - Sony Corporation CXA7002R Datasheet HTML 5Page - Sony Corporation CXA7002R Datasheet HTML 6Page - Sony Corporation CXA7002R Datasheet HTML 7Page - Sony Corporation CXA7002R Datasheet HTML 8Page - Sony Corporation CXA7002R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
– 1 –
E02750A41
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXA7002R
64 pin LQFP (Plastic)
I2C Bus Compatible Audio Video (AV) Switch & Electronic Volume Control
Description
The Sony CXA7002R is an Audio/Video switch
designed primarily for application in Digital Set Top
Boxes. It provides video and audio routing from the
digital encoder source to the TV and VCR scart
(peri-television) connectors. In addition, the TV audio
output has a programmable volume control. The chip
is programmed by means of an I2C interface and can
operate from a single or dual power supply.
Target specifications: Canal+, BSkyB, TPS, NorDig,
and ECCA Euro-Box
Features
Supply
• Single: 0V, +5V, +12V
• Dual:
0V, –5V, +5V and +12V
(Low number of external parts required)
Video
• 2 scart switching (VCR, TV)
• VCR input supports RGB mode
• Integrated 75
Ω drivers for direct video connection
• Y/C mixer with trap for RF modulators
• Switchable clamps on inputs
• Low pass filters on six inputs
• Controllable gain on encoder inputs
• Adjustable gain on RGB outputs
• Video output shutdown for low power modes
• Fast blanking switch
• Slow blanking switch for TV and VCR output
• SVHS switch on VCR output
• Y/C auxiliary input
Audio
• Four stereo audio inputs
• Volume control (–56dB to +6dB in 2dB steps)
• Additional +6dB gain on audio DAC inputs
• Audio overlay facility
• Volume bypass for TV and Phono outputs
• Mono switching on TV, VCR outputs
• Switchable audio limiter function
• Switchable Mono output for RF modulators
• Audio output disable for standby mode
I2C and Logic
• Fast mode compatible I2C bus
• Function monitor with loop through
• Interrupt output for function monitor and sync
detect
• Logic output pin
• Sync detector for Y/CVBS inputs
Applications
• Digital Set Top Box
• Integrated digital television
Structure
Bipolar silicon monolithic IC
Absolute Maximum Ratings (Ta = 25°C)
unless stated
• Supply voltage
VCC
14
V
• Storage temperature
Tstg
–65 to +150
°C
• Allowable power dissipation
PD
1.1
W
(when mounted on the board)
Operating Conditions
• Single supply
12 ± 0.6
V
5 ± 0.25
V
• Dual supply
–5 ± 0.25
V
5 ± 0.25
V
12 ± 0.6
V
• Operating temperature
Topr
–20 to +75
°C
• Maximum ESD voltage
±2
kV
(Human Body Model)


Similar Part No. - CXA7002R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA7000R SONY-CXA7000R Datasheet
278Kb / 23P
   LCD Driver
More results

Similar Description - CXA7002R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2161R SONY-CXA2161R Datasheet
494Kb / 43P
   I2C Bus Compatible Audio Video (AV) Switch & Electronic Volume Control
CXA2078Q SONY-CXA2078Q Datasheet
568Kb / 35P
   I2C Bus-Compatible Audio/Video Switch with Electronic Volume
CXA1855Q SONY-CXA1855Q Datasheet
369Kb / 19P
   I2C BUS-COMPATIBLE AUDIO/VIDEO SWITCH
CXA1845Q SONY-CXA1845Q Datasheet
390Kb / 19P
   I2C BUS-COMPATIBLE AUDIO/VIDEO SWITCH
CXA1114P SONY-CXA1114P Datasheet
367Kb / 20P
   AUDIO VIDEO SWITCH COMPATIBLE WITH I2C BUS
logo
Renesas Technology Corp
M52790SP RENESAS-M52790SP Datasheet
188Kb / 14P
   AV Switch with I2C Bus Control
logo
Mitsubishi Electric Sem...
M52791SP MITSUBISHI-M52791SP Datasheet
121Kb / 10P
   AV SWITCH with I2C BUS CONTROL
M52795SP MITSUBISHI-M52795SP Datasheet
114Kb / 9P
   AV SWITCH with I2C BUS CONTROL
M52797SP MITSUBISHI-M52797SP Datasheet
104Kb / 9P
   AV SWITCH with I2C BUS CONTROL
logo
Renesas Technology Corp
M52791SP RENESAS-M52791SP Datasheet
175Kb / 14P
   AV Switch with I2C Bus Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com