Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BP5807 Datasheet(PDF) 4 Page - Rohm

Part # BP5807
Description  High efficiency switching-type motor driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BP5807 Datasheet(HTML) 4 Page - Rohm

  BP5807 Datasheet HTML 1Page - Rohm BP5807 Datasheet HTML 2Page - Rohm BP5807 Datasheet HTML 3Page - Rohm BP5807 Datasheet HTML 4Page - Rohm BP5807 Datasheet HTML 5Page - Rohm BP5807 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BP5807
Operation notes
Electrical characteristic curves
Application example
(1) The output current should be reduced according to an increase in the output voltage or ambient
temperature. Use the module within the derating curve range.
(2) The protection circuit for output current is not incorporated. Be sure to take safety measures such as
fusing if short-circuit loads or overcurrent is probable.
(3) External capacitor
Since the switching system is employed for the purpose of changing the voltage, ripple current flows to the
capacitor to be added to pins 1, 4, 11, 13, 14, 17. Select the product of which allowable ripple current is
more than this value.
BP5807
+
470
µF
+
100
µF
+
470
µF
+
470
µF
+
100
µF
+
100
µF
14V
Power Supply
for Motor
Be sure to use
fuse for safety
5V
Control Signal
Fig.3
1
3
4
6
7
8
9
11
12
13
14
16
17
Successive
operating
0.25
×
0.6
×
1.3
× VO
12.8
VO
12.8
VO
12.8
8
12.8
Operating : 2sec.
Standby
: 2min.
40
100
70
AMBIENT TEMPERATURE : Ta(
°C)
Fig.4
Derating curve
EX. Output voltage : 8V
0.6
×
= 0.375A
0
0
2
4
6
14
12
10
8
20
40
60
80
100
DUTY : DCTL (%)
Fig.5
Output voltage vs. Duty
fCTL=1kHz
0V
5.00V
for PWM
0
0
Fig.6
Output voltage vs. DC voltage
DC VOLTAGE : VCTL (V)
12345
2
4
6
8
10
12
14
for DC voltage
0
0
3.80Max.
P=2.54
±0.2
3.3Max.
2.54
×17=40.64
1
3 46 7 8 9
12
11
13 14
16 17
0.5
±0.1
1.3
±0.2
0.25
±0.05
47.50Max.
12.0Max.
8.20Max.
1pin SIDE MARK
SIP17
External dimensions (Units : mm)
Marked side
Marked
side
+
+
+
4/5


Similar Part No. - BP5807

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5801 ROHM-BP5801 Datasheet
65Kb / 7P
   High efficiency switching-type motor driver
More results

Similar Description - BP5807

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5801 ROHM-BP5801 Datasheet
65Kb / 7P
   High efficiency switching-type motor driver
logo
Maxim Integrated Produc...
MAX14570 MAXIM-MAX14570 Datasheet
1Mb / 20P
   High-Efficiency Voice Coil Motor Driver
Rev 0; 9/11
logo
Toshiba Semiconductor
2SD2271 TOSHIBA-2SD2271 Datasheet
204Kb / 4P
   NPN TRIPLE DIFFUSED TYPE (MOTOR DRIVER, HIGH CURRENT SWITCHING APPLICATIONS)
logo
STMicroelectronics
UM0677 STMICROELECTRONICS-UM0677 Datasheet
786Kb / 16P
   High-efficiency switching LED driver for high-current LEDs
logo
Toshiba Semiconductor
2SD1160 TOSHIBA-2SD1160 Datasheet
188Kb / 4P
   NPN EPITAXIAL TYPE (SWITCHING, SUITABLE FOR MOTOR DRIVER APPLICATIONS)
logo
Rohm
BD9040FV ROHM-BD9040FV_09 Datasheet
585Kb / 19P
   Step-down,High-efficiency Switching Regulators (Controller type)
logo
Toshiba Semiconductor
1DL41A TOSHIBA-1DL41A Datasheet
140Kb / 2P
   HIGH EFFICIENCY RECTIFIER (SWITCHING TYPE POWER SUPPLY APPLICATIONS)
logo
Rohm
BD9011EKN ROHM-BD9011EKN_08 Datasheet
1Mb / 30P
   Step-down, High-efficiency Switching Regulators (Controller type)
logo
Toshiba Semiconductor
2GLZ47A TOSHIBA-2GLZ47A Datasheet
151Kb / 2P
   HIGH EFFICIENCY RECTIFIER (SWITCHING TYPE POWER SUPPLY APPLICATION)
2SD2129 TOSHIBA-2SD2129 Datasheet
201Kb / 4P
   NPN TRIPLE DIFFUSE TYPE (HIGH POWER SWITCHING, HAMMER DRIVE, PULSE MOTOR DRIVER APPLICATIONS)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com