Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KD40F120 Datasheet(PDF) 2 Page - SanRex Corporation

Part # KD40F120
Description  DIODE MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

KD40F120 Datasheet(HTML) 2 Page - SanRex Corporation

  KD40F120 Datasheet HTML 1Page - SanRex Corporation KD40F120 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SanRex 50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
DD40F/KD40F
Maximum Forward Characteristics
Forward Voltage Drop(V)
10
3
10
2
10
1
Average Forward Current vs.
Power Dissipation
Average Forward Current(A)
30
40
70
50
80
60
20
10
10
20
60
30
70
40
80
50
Single Phase
Three Phase
Per one element
D.C.
Max.
Average Forward Current vs.
Allowable Case Temperature
Average Forward Current(A)
130
110
120
100
60
80
90
50
70
10
20
80
30
70
40
60
50
Per one element
Cycle Surge Forward Current Rating
(Non-Repetitive)
Time(Cycles)
1600
1200
800
400
10
10
1
10
2
Per one element
j=25℃ start
60Hz
50Hz
Transient Thermal Impedance
Time
t(sec)
1.
0.
0.
0.
0.
0.
0.
0.
0.
0.
10
-3
10
-2
10
-1
10
4
10
10
1
10
2
10
3
Per one element
Junction to Case
Id(Av)
Output Current
Output Current(A)
120
125
110
100
90
20 40
100
80
60
40
80
120
B2;Two Pluse Bridge
connection
200
300
400
100
Ambient Temperature(℃)
B2
Rth:1.0℃/W
Rth:0.8℃/W
Rth:0.6℃/W
Rth:0.4℃/W
Rth:0.2℃/W
Rth:0.1℃/W
Id(AV)
Output Current
Output Current(A)
B6;Six pulse Bridge
connection
Ambient Temperature(℃)
110
120
125
100
90
40
80
20 40
100
80
60
120
200
400
100
300
Rth:0.8℃/W
Rth:0.6℃/W
Rth:0.4℃/W
Rth:0.2℃/W
Rth:0.1℃/W
B6


Similar Part No. - KD40F120

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
KD421210A7 POWEREX-KD421210A7 Datasheet
398Kb / 4P
   Dual Darlington Transistor Module (100 Amperes/1200 Volts)
KD421A20 POWEREX-KD421A20 Datasheet
103Kb / 2P
   Fast Switching Dual Darlington Transistor Module (200 Amperes/125 Volts)
KD421K10 POWEREX-KD421K10 Datasheet
405Kb / 4P
   Dual Darlington Transistor Module (100 Amperes/1000 Volts)
KD421K15 POWEREX-KD421K15 Datasheet
402Kb / 4P
   Dual Darlington Transistor Module (150 Amperes/1000 Volts)
KD424520 POWEREX-KD424520 Datasheet
408Kb / 4P
   Dual Darlington Transistor Module (200 Amperes/600 Volts)
More results

Similar Description - KD40F120

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
100NDD NAINA-100NDD Datasheet
137Kb / 2P
   Diode ??Diode Module
160NDD NAINA-160NDD Datasheet
130Kb / 2P
   Diode - Diode Module
logo
SEMPO ELECTRONIC Limite...
SMDD-50 SEMPO-SMDD-50 Datasheet
77Kb / 1P
   DIODE-DIODE MODULE
SMDD-90H SEMPO-SMDD-90H Datasheet
42Kb / 1P
   DIODE-DIODE MODULE
MAA-100 SEMPO-MAA-100 Datasheet
72Kb / 2P
   Diode-Diode Module
SMDD-320I SEMPO-SMDD-320I Datasheet
44Kb / 1P
   Diode-Diode Module
SMDD-160 SEMPO-SMDD-160 Datasheet
45Kb / 1P
   Diode-Diode Module
SMDD-70 SEMPO-SMDD-70 Datasheet
49Kb / 1P
   DIODE-DIODE MODULE
SMDD-50H SEMPO-SMDD-50H Datasheet
42Kb / 1P
   DIODE-DIODE MODULE
SMDD-110H SEMPO-SMDD-110H Datasheet
42Kb / 1P
   DIODE-DIODE MODULE
SMDD-160H SEMPO-SMDD-160H Datasheet
44Kb / 1P
   Diode-Diode Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com