Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A49LF040TX-33 Datasheet(PDF) 11 Page - AMIC Technology

Part # A49LF040TX-33
Description  4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A49LF040TX-33 Datasheet(HTML) 11 Page - AMIC Technology

Back Button A49LF040TX-33 Datasheet HTML 7Page - AMIC Technology A49LF040TX-33 Datasheet HTML 8Page - AMIC Technology A49LF040TX-33 Datasheet HTML 9Page - AMIC Technology A49LF040TX-33 Datasheet HTML 10Page - AMIC Technology A49LF040TX-33 Datasheet HTML 11Page - AMIC Technology A49LF040TX-33 Datasheet HTML 12Page - AMIC Technology A49LF040TX-33 Datasheet HTML 13Page - AMIC Technology A49LF040TX-33 Datasheet HTML 14Page - AMIC Technology A49LF040TX-33 Datasheet HTML 15Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
A49LF040
PRELIMINARY
(August, 2004, Version 0.1)
10
AMIC Technology, Corp.
JEDEC ID Registers
The JEDEC ID registers identify the device as A49LF040 and
manufacturer as SST in LPC mode. See Table 9 for memory
address locations for its respective JEDEC ID location.
Table 8: General Purpose Inputs Register
Pin Number
Bit
Bit
Function
32-PLCC
32-TSOP
7:5
-
Reserved
-
-
4
GPI[4]
GPI_REG Bit 4
30
6
3
GPI[3]
GPI_REG Bit 3
3
11
2
GPI[2]
GPI_REG Bit 2
4
12
1
GPI[1]
GPI_REG Bit 1
5
13
0
GPI[0]
GPI_REG Bit 0
6
14
Table 9 Memory Map Register Addresses for A49LF040
JEDEC ID
Device#
Hardware Strapping
ID[3:0]
GPI_REG
Manufacturer
Continuation
Device
0 (Boot device)
0000
FFBC 0100H
FFBC 0000H
FFBC 0003H
FFBC 0001H
1
0001
FFB4 0100H
FFB4 0000H
FFB4 0003H
FFB4 0001H
2
0010
FFAC 0100H
FFAC 0000H
FFAC 0003H
FFAC 0001H
3
0011
FFA4 0100H
FFA4 0000H
FFA4 0003H
FFA4 0001H
4
0100
FF9C 0100H
FF9C 0000H
FF9C 0003H
FF9C 0001H
5
0101
FF94 0100H
FF94 0000H
FF94 0003H
FF94 0001H
6
0110
FF8C 0100H
FF8C 0000H
FF8C 0003H
FF8C 0001H
7
0111
FF84 0100H
FF84 0000H
FF84 0003H
FF84 0001H
8
1000
FF3C 0100H
FF3C 0000H
FF3C 0003H
FF3C 0001H
9
1001
FF34 0100H
FF34 0000H
FF34 0003H
FF34 0001H
10
1010
FF2C 0100H
FF2C 0000H
FF2C 0003H
FF2C 0001H
11
1011
FF24 0100H
FF24 0000H
FF24 0003H
FF24 0001H
12
1100
FF1C 0100H
FF1C 0000H
FF1C 0003H
FF1C 0001H
13
1101
FF14 0100H
FF14 0000H
FF14 0003H
FF14 0001H
14
1110
FF0C 0100H
FF0C 0000H
FF0C 0003H
FF0C 0001H
15
1111
FF04 0100H
FF04 0000H
FF04 0003H
FF04 0001H


Similar Part No. - A49LF040TX-33

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A49LF040A AMICC-A49LF040A Datasheet
607Kb / 32P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
A49LF040ATL-33 AMICC-A49LF040ATL-33 Datasheet
607Kb / 32P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
A49LF040ATL-33F AMICC-A49LF040ATL-33F Datasheet
607Kb / 32P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
A49LF040ATX-33 AMICC-A49LF040ATX-33 Datasheet
607Kb / 32P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
A49LF040ATX-33F AMICC-A49LF040ATX-33F Datasheet
607Kb / 32P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
More results

Similar Description - A49LF040TX-33

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A49LF040A AMICC-A49LF040A Datasheet
607Kb / 32P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
A49LF004 AMICC-A49LF004 Datasheet
595Kb / 10P
   4 Mbit CMOS 3.3Volt-only Firmware Hub Flash Memory
A49FL004 AMICC-A49FL004 Datasheet
713Kb / 36P
   4 Mbit CMOS 3.3Volt-only Firmware Hub/LPC Flash Memory
logo
STMicroelectronics
M50LPW040 STMICROELECTRONICS-M50LPW040 Datasheet
272Kb / 36P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
March 2002
logo
PMC-Sierra, Inc
PM39F040 PMC-PM39F040 Datasheet
200Kb / 23P
   1 Mbit / 2 Mbit / 4 Mbit 5 Volt-only CMOS Flash Memory
logo
STMicroelectronics
M50LPW041 STMICROELECTRONICS-M50LPW041 Datasheet
268Kb / 37P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
September 2002
logo
ATMEL Corporation
AT49LL080 ATMEL-AT49LL080 Datasheet
224Kb / 31P
   8-megabit Low-pin Count Flash Memory
logo
Elite Semiconductor Mem...
F49L004UA ESMT-F49L004UA Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L040A ESMT-F49L040A Datasheet
393Kb / 41P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F25L004A ESMT-F25L004A_09 Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com