Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT0407MI00 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FT0407MI00
Description  LOGIC LEVEL TRIAC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FT0407MI00 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FT0407MI00 Datasheet HTML 1Page - List of Unclassifed Manufacturers FT0407MI00 Datasheet HTML 2Page - List of Unclassifed Manufacturers FT0407MI00 Datasheet HTML 3Page - List of Unclassifed Manufacturers FT0407MI00 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Jul - 02
FT04...I
LOGIC LEVEL TRIAC
0 0.5
100
10
1
1 1.5 2 2.5 3 3.5
Fig. 8: On-state characteristics (maximum
values).
ITM(A)
4
1
100
10
1
0.1
10
ITSM(A). I2t (A2s)
Fig. 7: Non repetitive surge peak on-state
current for a sinusoidal pulse with width:
tp
≤ 10 ms, and corresponding value of I2t.
Tj initial = 25 ºC
tp(ms)
I2 t
ITSM
VTM(V)
4.5
Tj initial
25 ºC
Tj max
Tj max
Vto = 0.98 V
Rt = 0.180
PACKAGE MECHANICAL DATA
IPAK TO 251-AA
Marking: type number
Weight: 0.2 g
ø1x0.15
E
D
L3
L1
L
b
e
b1
H
±2º
A
±2º
±2º
±2º
c2
c
A1
D1
E1
±2º
A
A1
b
b1
c
c2
D
D1
E
E1
e
L
L1
L3
REF.
DIMENSIONS
Milimeters
Min.
Nominal
Max.
2.19
0.89
0.64
0.76
0.46
5.97
5.21
6.35
5.21
8.89
1.91
0.89
2.3±0.08
1.067±0.01
0.75±0.1
0.95
0.8±0.013
6.1±0.1
6.58±0.14
5.36±0.1
2.28BSC
9.2±0.2
2±0.1
2.38
1.14
0.89
1.14
0.58
6.22
5.52
6.73
5.46
9.65
2.28
1.27


Similar Part No. - FT0407MI00

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0001 SSDI-FT0001 Datasheet
268Kb / 2P
   POWER MOSFET
FT0001 SSDI-FT0001_15 Datasheet
268Kb / 2P
   POWER MOSFET
FT0004 SSDI-FT0004 Datasheet
61Kb / 2P
   POWER MOSFET
FT0004 SSDI-FT0004_15 Datasheet
61Kb / 2P
   N-CHANNEL POWER MOSFET
FT0006 SSDI-FT0006 Datasheet
50Kb / 2P
   POWER MOSFET
More results

Similar Description - FT0407MI00

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT1306-400D PHILIPS-BT1306-400D Datasheet
76Kb / 11P
   Logic level triac
Rev. 01-19 February 2004
Z00607MA NXP-Z00607MA Datasheet
82Kb / 12P
   Triac logic level
Rev. 01-26 February 2008
BT1308-400D PHILIPS-BT1308-400D Datasheet
76Kb / 11P
   Logic level triac
Rev. 01-19 February 2004
logo
List of Unclassifed Man...
FT16 ETC-FT16 Datasheet
142Kb / 4P
   LOGIC LEVEL TRIAC
logo
Unisonic Technologies
MAC97A6 UTC-MAC97A6_12 Datasheet
195Kb / 5P
   LOGIC LEVEL TRIAC
logo
NXP Semiconductors
MAC97A8 PHILIPS-MAC97A8 Datasheet
219Kb / 12P
   Logic level triac
Rev. 01-29 March 2001
logo
Unisonic Technologies
MAC97A6 UTC-MAC97A6 Datasheet
130Kb / 5P
   LOGIC LEVEL TRIAC
UT131 UTC-UT131_15 Datasheet
278Kb / 5P
   TRIAC LOGIC LEVEL
logo
List of Unclassifed Man...
MAC97A6 ETC-MAC97A6 Datasheet
291Kb / 4P
   0.8A Logic level TRIAC
logo
STMicroelectronics
T1610T-8I STMICROELECTRONICS-T1610T-8I Datasheet
179Kb / 10P
   Logic level 16 A Triac
April 2012 Rev 3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com