Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A63L7336E-3.5F Datasheet(PDF) 4 Page - AMIC Technology

Part # A63L7336E-3.5F
Description  128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A63L7336E-3.5F Datasheet(HTML) 4 Page - AMIC Technology

  A63L7336E-3.5F Datasheet HTML 1Page - AMIC Technology A63L7336E-3.5F Datasheet HTML 2Page - AMIC Technology A63L7336E-3.5F Datasheet HTML 3Page - AMIC Technology A63L7336E-3.5F Datasheet HTML 4Page - AMIC Technology A63L7336E-3.5F Datasheet HTML 5Page - AMIC Technology A63L7336E-3.5F Datasheet HTML 6Page - AMIC Technology A63L7336E-3.5F Datasheet HTML 7Page - AMIC Technology A63L7336E-3.5F Datasheet HTML 8Page - AMIC Technology A63L7336E-3.5F Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
A63L7336
PRELIMINARY
(July, 2005, Version 0.0)
3
AMIC Technology, Corp.
Block Diagram
MODE
LOGIC
CLK
LOGIC
ADDRESS
REGISTERS
BURST
LOGIC
ADDRESS
COUNTER
CLR
BYTE
WRITE
ENABLE
LOGIC
BYTE1
WRITE
DRIVER
BYTE2
WRITE
DRIVER
BYTE3
WRITE
DRIVER
BYTE4
WRITE
DRIVER
8
8
8
8
128KX9X4
MEMORY
ARRAY
9
9
9
9
36
OUTPUT
REGISTERS
DATA-IN
REGISTERS
4
CHIP
ENABLE
LOGIC
PIPELINED
ENABLE
LOGIC
OUTPUT
ENABLE
LOGIC
4
36
17
ZZ
MODE
ADV
CLK
ADSC
ADSP
A0-A16
GW
BWE
BW1
BW2
BW3
BW4
CE
CE2
CE2
OE
I/O1 - I/O36


Similar Part No. - A63L7336E-3.5F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A63L73361 AMICC-A63L73361 Datasheet
262Kb / 16P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L73361E AMICC-A63L73361E Datasheet
262Kb / 16P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L73361E-6.5 AMICC-A63L73361E-6.5 Datasheet
262Kb / 16P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L73361E-6.5F AMICC-A63L73361E-6.5F Datasheet
262Kb / 16P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L73361E-7.5 AMICC-A63L73361E-7.5 Datasheet
262Kb / 16P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
More results

Similar Description - A63L7336E-3.5F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A63P7336 AMICC-A63P7336 Datasheet
257Kb / 17P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L7332 AMICC-A63L7332 Datasheet
381Kb / 17P
   128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63G7332 AMICC-A63G7332 Datasheet
382Kb / 17P
   128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L0636 AMICC-A63L0636 Datasheet
257Kb / 17P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L8336 AMICC-A63L8336 Datasheet
257Kb / 17P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63P0636 AMICC-A63P0636 Datasheet
257Kb / 17P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63P8336 AMICC-A63P8336 Datasheet
257Kb / 17P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L73361 AMICC-A63L73361 Datasheet
262Kb / 16P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63P73361 AMICC-A63P73361 Datasheet
262Kb / 16P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L73321 AMICC-A63L73321 Datasheet
186Kb / 17P
   128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com