Electronic Components Datasheet Search |
|
MC100EL35 Datasheet(PDF) 2 Page - ON Semiconductor |
|
MC100EL35 Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 3 page MC10EL35 MC100EL35 MOTOROLA ECLinPS and ECLinPS Lite DL140 — Rev 3 3–2 DC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = GND) –40 °C 0 °C 25 °C 85 °C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Min Typ Max Unit IEE Power Supply 10EL Current 100EL 27 27 32 32 27 27 32 32 27 27 32 32 27 32 32 37 mA VEE Power Supply 10EL Voltage 100EL –5.2 –4.5 –4.75 –4.20 –5.2 –4.5 –5.5 –5.5 –4.75 –4.20 –5.2 –4.5 –5.5 –5.5 –4.75 –4.20 –5.2 –4.5 –5.5 –5.5 V IIH Input HIGH Current 150 150 150 150 µA AC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = GND) –40 °C 0 °C 25 °C 85 °C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Min Typ Max Unit fMAX Maximum Toggle Frequency 1.4 2.0 1.8 2.2 1.8 2.2 1.8 2.2 GHz tPLH tPHL Propagation Delay CLK to Output MR 290 225 515 450 740 675 340 275 515 450 690 625 350 275 525 450 700 625 395 350 570 525 745 700 ps tS Setup Time J, K 150 0 150 0 150 0 150 0 ps tH Hold Time J, K 250 100 250 100 250 100 250 100 ps tRR Reset Recovery 400 200 400 200 400 200 400 200 ps tPW Minimum Pulse Width CLK, Reset 400 400 400 400 ps tr tf Output Rise/Fall Times Q (20% – 80%) 100 225 350 100 225 350 100 225 350 100 225 350 ps |
Similar Part No. - MC100EL35 |
|
Similar Description - MC100EL35 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |