Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC2207 Datasheet(PDF) 11 Page - Raytheon Company

Part # RC2207
Description  Voltage Controlled Oscillator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAYTHEON [Raytheon Company]
Direct Link  http://www.raytheon.com
Logo RAYTHEON - Raytheon Company

RC2207 Datasheet(HTML) 11 Page - Raytheon Company

Back Button RC2207 Datasheet HTML 4Page - Raytheon Company RC2207 Datasheet HTML 5Page - Raytheon Company RC2207 Datasheet HTML 6Page - Raytheon Company RC2207 Datasheet HTML 7Page - Raytheon Company RC2207 Datasheet HTML 8Page - Raytheon Company RC2207 Datasheet HTML 9Page - Raytheon Company RC2207 Datasheet HTML 10Page - Raytheon Company RC2207 Datasheet HTML 11Page - Raytheon Company RC2207 Datasheet HTML 12Page - Raytheon Company  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
PRODUCT SPECIFICATION
RC2207
11
Mechanical Dimensions (continued)
14-Lead Ceramic DIP
A
.200
5.08
Symbol
Inches
Min.
Max.
Min.
Max.
Millimeters
Notes
b1
.014
.023
.36
.58
.065
1.65
b2
.045
1.14
c1
.008
.015
.20
.38
E
.220
.310
5.59
7.87
e
.100 BSC
2.54 BSC
L
.125
.200
3.18
5.08
.015
.060
.38
1.52
.005
.13
3
6
8
4
8
2
4
5, 9
eA
.300 BSC
7.62 BSC
7
Q
s1
90
°
105
°
90
°
105
°
α
D
.785
19.94
Notes:
1.
2.
3.
4.
5.
6.
7.
8.
9.
Index area: a notch or a pin one identification mark shall be located
adjacent to pin one. The manufacturer's identification shall not be
used as pin one identification mark.
The minimum limit for dimension "b2" may be .023 (.58mm) for leads
number 1, 7, 8 and 14 only.
Dimension "Q" shall be measured from the seating plane to the base
plane.
This dimension allows for off-center lid, meniscus and glass overrun.
The basic pin spacing is .100 (2.54mm) between centerlines. Each
pin centerline shall be located within
±.010 (.25mm) of its exact
longitudinal position relative to pins 1 and 14.
Applies to all four corners (leads number 1, 7, 8, and 14).
"eA" shall be measured at the center of the lead bends or at the
centerline of the leads when "
α" is 90°.
All leads – Increase maximum limit by .003 (.08mm) measured at the
center of the flat, when lead finish applied.
Twelve spaces.
NOTE 1
D
E
s1
8
14
7
1
b2
Q
A
e
b1
L
eA
c1
α


Similar Part No. - RC2207

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC2200 ETC-RC2200 Datasheet
372Kb / 17P
   ZigBee Ready RF Transceiver Modules
RC2200AT ETC-RC2200AT Datasheet
372Kb / 17P
   ZigBee Ready RF Transceiver Modules
RC2200MM ETC-RC2200MM Datasheet
372Kb / 17P
   ZigBee Ready RF Transceiver Modules
RC2202 ETC-RC2202 Datasheet
372Kb / 17P
   ZigBee Ready RF Transceiver Modules
RC2202AT ETC-RC2202AT Datasheet
372Kb / 17P
   ZigBee Ready RF Transceiver Modules
More results

Similar Description - RC2207

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCSR1280-8 SYNERGY-DCSR1280-8 Datasheet
488Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC1921-5 SYNERGY-MFC1921-5 Datasheet
279Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC8192-5 SYNERGY-MFC8192-5 Datasheet
494Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCMO80210-5 SYNERGY-DCMO80210-5 Datasheet
287Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
logo
Exar Corporation
XR-2209 EXAR-XR-2209 Datasheet
187Kb / 20P
   Voltage-Controlled Oscillator
logo
Z-Communications, Inc
CLV1137 ZCOMM-CLV1137 Datasheet
44Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com