Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A64S06161AG-70 Datasheet(PDF) 11 Page - AMIC Technology

Part # A64S06161AG-70
Description  16M(1M x 16bit) Normal mode & Page mode Static Random Access Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A64S06161AG-70 Datasheet(HTML) 11 Page - AMIC Technology

Back Button A64S06161AG-70 Datasheet HTML 5Page - AMIC Technology A64S06161AG-70 Datasheet HTML 6Page - AMIC Technology A64S06161AG-70 Datasheet HTML 7Page - AMIC Technology A64S06161AG-70 Datasheet HTML 8Page - AMIC Technology A64S06161AG-70 Datasheet HTML 9Page - AMIC Technology A64S06161AG-70 Datasheet HTML 10Page - AMIC Technology A64S06161AG-70 Datasheet HTML 11Page - AMIC Technology A64S06161AG-70 Datasheet HTML 12Page - AMIC Technology A64S06161AG-70 Datasheet HTML 13Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
A64S06161A
(March, 2005, Version 0.0)
AMIC Technology, Corp.
Preliminary
PAGE MODE WRITE CYCLE (/PD = VIH)
Notes (PAGE MODE WRITE CYCLE) :
1. A write occurs during the overlap of a low /CS and low /WE.
A write begins at the latest transition among /CS going low in initial page mode .
A write end at the earliest transition among /CS going high and Page Address transition.
tWP is measured from the beginning of write to the end of write in initial page access.
2. tPWC is measured from Page Address trasition (After initial page access)
to Page Address transition or /CS going high.
2. tCW is measured from the later of /CS going low to the end of write in initial page access.
3. tAS is measured from the address valid to the beginning of write.
4. Do not access device with cycle timing shorter than tRC for continuous periods > 16us.
5. tP (precharge time) should be guaranteed for new Page Address.
6. After initial page access is accomplished, the page mode operation provides fast read access speed of
random locations within that page
tWC
tBW
tWP(1)
tPDH
Address(A2 – A19)
Page Address(A0 – A1)
/CS
/UB,/LB
/WE
DATA IN
tPWC
tP
tPDW
tCW(3)
tDH
tDW
DATA OUT
High-Z
tAS(1)
tPDH
tPDW


Similar Part No. - A64S06161AG-70

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A64S0616 AMICC-A64S0616 Datasheet
171Kb / 15P
   1M X 16 Bit Low Voltage Super RAM
A64S06162A AMICC-A64S06162A Datasheet
200Kb / 14P
   16M(1M x 16bit) Normal mode & Page mode with Deep Power Down Static Random Access Memory
A64S06162A-70U AMICC-A64S06162A-70U Datasheet
200Kb / 14P
   16M(1M x 16bit) Normal mode & Page mode with Deep Power Down Static Random Access Memory
A64S06162AG-70 AMICC-A64S06162AG-70 Datasheet
200Kb / 14P
   16M(1M x 16bit) Normal mode & Page mode with Deep Power Down Static Random Access Memory
A64S06162AG-70F AMICC-A64S06162AG-70F Datasheet
200Kb / 14P
   16M(1M x 16bit) Normal mode & Page mode with Deep Power Down Static Random Access Memory
More results

Similar Description - A64S06161AG-70

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A64S06162A AMICC-A64S06162A Datasheet
200Kb / 14P
   16M(1M x 16bit) Normal mode & Page mode with Deep Power Down Static Random Access Memory
logo
Motorola, Inc
MCM6227A MOTOROLA-MCM6227A Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6227B MOTOROLA-MCM6227B Datasheet
147Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6949 MOTOROLA-MCM6949 Datasheet
122Kb / 10P
   1M x 4 Bit Static Random Access Memory
MCM6249 MOTOROLA-MCM6249 Datasheet
116Kb / 7P
   1M x4 Bit Static Random Access Memory
logo
Samsung semiconductor
K1S2816BCM SAMSUNG-K1S2816BCM Datasheet
138Kb / 10P
   8Mx16 bit Page Mode Uni-Transistor Random Access Memory
K1S6416BCC SAMSUNG-K1S6416BCC Datasheet
138Kb / 10P
   4Mx16 bit Page Mode Uni-Transistor Random Access Memory
K1S1616BCA SAMSUNG-K1S1616BCA Datasheet
186Kb / 10P
   1Mx16 bit Page Mode Uni-Transistor Random Access Memory
K1S16161CA SAMSUNG-K1S16161CA Datasheet
186Kb / 10P
   1Mx16 bit Page Mode Uni-Transistor Random Access Memory
K1S3216BCD SAMSUNG-K1S3216BCD Datasheet
168Kb / 10P
   2Mx16 bit Page Mode Uni-Transistor Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com