Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A64S06162AG-70U Datasheet(PDF) 5 Page - AMIC Technology

Part # A64S06162AG-70U
Description  16M(1M x 16bit) Normal mode & Page mode with Deep Power Down Static Random Access Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A64S06162AG-70U Datasheet(HTML) 5 Page - AMIC Technology

  A64S06162AG-70U Datasheet HTML 1Page - AMIC Technology A64S06162AG-70U Datasheet HTML 2Page - AMIC Technology A64S06162AG-70U Datasheet HTML 3Page - AMIC Technology A64S06162AG-70U Datasheet HTML 4Page - AMIC Technology A64S06162AG-70U Datasheet HTML 5Page - AMIC Technology A64S06162AG-70U Datasheet HTML 6Page - AMIC Technology A64S06162AG-70U Datasheet HTML 7Page - AMIC Technology A64S06162AG-70U Datasheet HTML 8Page - AMIC Technology A64S06162AG-70U Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
A64S06162A
(May, 2005, Version 0.0)
AMIC Technology, Corp.
Preliminary
Data Retention Electric Characteristic
TA = -40
℃ to 85℃ (Normal), unless otherwise specified
-
-
Typ.
(1)
tRC
0
2.4
Min
Refer to data retention wave
form
Vcc=2.4V,
/CS=/PD=VIH>Vcc-0.2V or
/UB,/LB≥Vcc-0.2V,
VIN≥VCC-0.2V or
VIN≤VSS + 0.2V
/CS=/PD=VIH>Vcc-0.2V or
/UB,/LB≥Vcc-0.2V,
VIN≥VCC-0.2V or
VIN≤VSS + 0.2V
Test Condition
-
-
100
3.3
Max
tR
tCDR
IccDR
VDR
Symbol
ns
Operating Recovery
Time
ns
Chip Deselect to Data
Retention Time
uA
Data Retention
Current
V
Voltage for Data
Retention
Unit
Item
(1) Vcc = 2.4V,
TA = 25℃
Data Retention Wave Form
VCC
2.7V
VIH
VDR
VSS
Data Retention Mode
/CS
≥ Vcc-0.2V
tCDR
tR
/CS


Similar Part No. - A64S06162AG-70U

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A64S0616 AMICC-A64S0616 Datasheet
171Kb / 15P
   1M X 16 Bit Low Voltage Super RAM
A64S06161A AMICC-A64S06161A Datasheet
189Kb / 13P
   16M(1M x 16bit) Normal mode & Page mode Static Random Access Memory
A64S06161A-70U AMICC-A64S06161A-70U Datasheet
189Kb / 13P
   16M(1M x 16bit) Normal mode & Page mode Static Random Access Memory
A64S06161AG-70 AMICC-A64S06161AG-70 Datasheet
189Kb / 13P
   16M(1M x 16bit) Normal mode & Page mode Static Random Access Memory
A64S06161AG-70F AMICC-A64S06161AG-70F Datasheet
189Kb / 13P
   16M(1M x 16bit) Normal mode & Page mode Static Random Access Memory
More results

Similar Description - A64S06162AG-70U

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A64S06161A AMICC-A64S06161A Datasheet
189Kb / 13P
   16M(1M x 16bit) Normal mode & Page mode Static Random Access Memory
logo
Motorola, Inc
MCM6227A MOTOROLA-MCM6227A Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6227B MOTOROLA-MCM6227B Datasheet
147Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6949 MOTOROLA-MCM6949 Datasheet
122Kb / 10P
   1M x 4 Bit Static Random Access Memory
MCM6249 MOTOROLA-MCM6249 Datasheet
116Kb / 7P
   1M x4 Bit Static Random Access Memory
logo
Samsung semiconductor
K1S2816BCM SAMSUNG-K1S2816BCM Datasheet
138Kb / 10P
   8Mx16 bit Page Mode Uni-Transistor Random Access Memory
K1S6416BCC SAMSUNG-K1S6416BCC Datasheet
138Kb / 10P
   4Mx16 bit Page Mode Uni-Transistor Random Access Memory
KM416C1000C SAMSUNG-KM416C1000C Datasheet
767Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
K1S1616BCA SAMSUNG-K1S1616BCA Datasheet
186Kb / 10P
   1Mx16 bit Page Mode Uni-Transistor Random Access Memory
K1S16161CA SAMSUNG-K1S16161CA Datasheet
186Kb / 10P
   1Mx16 bit Page Mode Uni-Transistor Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com