Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC47M14X Datasheet(PDF) 3 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
Download  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 3 Page - SMSC Corporation

  LPC47M14X Datasheet HTML 1Page - SMSC Corporation LPC47M14X Datasheet HTML 2Page - SMSC Corporation LPC47M14X Datasheet HTML 3Page - SMSC Corporation LPC47M14X Datasheet HTML 4Page - SMSC Corporation LPC47M14X Datasheet HTML 5Page - SMSC Corporation LPC47M14X Datasheet HTML 6Page - SMSC Corporation LPC47M14X Datasheet HTML 7Page - SMSC Corporation LPC47M14X Datasheet HTML 8Page - SMSC Corporation LPC47M14X Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 205 page
background image
SMSC DS – LPC47M14X
Page 3
Rev. 03/19/2001
GENERAL DESCRIPTION
The LPC47M14x* is a 3.3V (5V tolerant) PC99 compliant Super I/O controller with an LPC interface and a standalone
USB hub. It is designed to be compatible with a family of Super I/O Controllers (LPC47M13x, LPC47M14x, and
LPC47M15x). To the interested reader, the LPC47M15x offers hardware monitoring capabilities. The first one
hundred pins of all these packages are completely pin compatible and offer the designer added flexibility in their
board designs. In addition, any board designed to support the LPC47M14x will automatically offer the dual capability
of supporting the LPC47M13x, as well.
The LPC47M14x implements the LPC interface, a pin reduced ISA bus interface which provides the same or better
performance as the ISA/X-bus with a substantial savings in pins used. This interface makes use of the PCI clock,
which runs at 33MHz instead of the traditional 8MHz for the ISA bus, that eases some complications found in
synchronous designs. In addition, all legacy drivers used for Super I/O components are still supported making this
new interface transparent to the supporting software. The LPC bus also supports power management, such as
wake-up and sleep modes, in the same way as the PCI bus.
The LPC47M14X incorporates a standalone USB Hub, implementing one upstream port and up to four (4)
downstream ports, with an internal data path connection for programming the USB Vendor ID, Product ID and Device
Revision Number. The number of active downstream ports is also programmable or selectable with external jumpers.
This programming is done by BIOS accessing the hub control registers.
The LPC47M14x has incorporated the following Super I/O components: a parallel port that is compatible with IBM
PC/AT architecture, as well as the IEEE 1284 EPP and ECP; two serial ports that are 16C550A UART compatible; a
keyboard/mouse controller that uses an 8042 microcontroller; two floppy controllers, which use SMSC's true CMOS
765B core; two infrared ports that are IrDA 1.0 compliant; a MIDI interface, which is a MPU-401-compatible; and 37
General Purpose I/O control functions, which offer flexibility to the system designer. The true CMOS 765B core
provides 100% compatibility with IBM PC/XT and PC/AT architectures and is software and register compatible with
the 82077AA. This chip also controls two LED’s, a dual game port interface, and the speed of two fans with fan
tachometer inputs through the use of a pulse width modulation scheme.
The LPC47M14x is ACPI 1.0 compatible and therefore supports multiple low power-down modes. It incorporates
sophisticated power control circuitry (PCC) which includes support for keyboard and mouse wake-up events.
The LPC47M14X supports the ISA Plug-and-Play Standard (Version 1.0a). The I/O Address, DMA Channel and
hardware IRQ of each logical device in the LPC47M14X may be reprogrammed through the internal configuration
registers. There are 480 (960 for Parallel Port) I/O address location options, a Serialized IRQ interface, and four
DMA channels. On chip, Interrupt Generating Registers enable external software to generate IRQ1 through IRQ15 on
the Serial IRQ Interface.
The LPC47M14X does not require any external filter components and is therefore easy to use and offers lower
system costs and reduced board area.
* The “x” in the part number is a designator that changes depending upon the particular BIOS used inside the specific
chip.


Similar Part No. - LPC47M14X

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LPC47M102S-MC SMSC-LPC47M102S-MC Datasheet
244Kb / 5P
   100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
LPC47M102S-MC SMSC-LPC47M102S-MC Datasheet
1Mb / 188P
   100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
LPC47M102S-MS SMSC-LPC47M102S-MS Datasheet
244Kb / 5P
   100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
LPC47M102S-MS SMSC-LPC47M102S-MS Datasheet
1Mb / 188P
   100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
LPC47M107S-MC SMSC-LPC47M107S-MC Datasheet
244Kb / 5P
   100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
More results

Similar Description - LPC47M14X

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LPC47B27X SMSC-LPC47B27X Datasheet
1Mb / 196P
   100 PIN ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47B272 SMSC-LPC47B272 Datasheet
1Mb / 195P
   100 Pin Enhanced Super I/O Controller with LPC Interface
LPC47M112-MC SMSC-LPC47M112-MC Datasheet
1Mb / 193P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47M112 SMSC-LPC47M112 Datasheet
1Mb / 208P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47N217N SMSC-LPC47N217N Datasheet
410Kb / 5P
   56-Pin Super I/O with LPC Interface
LPC47M112 SMSC-LPC47M112_07 Datasheet
1Mb / 204P
   Enhanced Super I/O Controller with LPC Interface
LPC47N217 SMSC-LPC47N217_07 Datasheet
94Kb / 5P
   64-Pin Super I/O with LPC Interface
LPC47N217N-JV SMSC-LPC47N217N-JV Datasheet
167Kb / 5P
   64-Pin Super I/O with LPC Interface
LPC47B34X SMSC-LPC47B34X Datasheet
645Kb / 250P
   128 Pin Enhanced Super I/O with LPC Interface for Consumer Applications
LPC47N267 SMSC-LPC47N267_05 Datasheet
221Kb / 5P
   100 Pin LPC Super I/O with X-Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com