Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EL16DT Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC100EL16DT
Description  Differential Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL16DT Datasheet(HTML) 7 Page - ON Semiconductor

  MC100EL16DT Datasheet HTML 1Page - ON Semiconductor MC100EL16DT Datasheet HTML 2Page - ON Semiconductor MC100EL16DT Datasheet HTML 3Page - ON Semiconductor MC100EL16DT Datasheet HTML 4Page - ON Semiconductor MC100EL16DT Datasheet HTML 5Page - ON Semiconductor MC100EL16DT Datasheet HTML 6Page - ON Semiconductor MC100EL16DT Datasheet HTML 7Page - ON Semiconductor MC100EL16DT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MC10EL16, MC100EL16
http://onsemi.com
7
PACKAGE DIMENSIONS
SO−8
D SUFFIX
PLASTIC SOIC PACKAGE
CASE 751−07
ISSUE AA
SEATING
PLANE
1
4
5
8
N
J
X 45
_
K
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A AND B DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER
SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN
EXCESS OF THE D DIMENSION AT MAXIMUM
MATERIAL CONDITION.
6. 751−01 THRU 751−06 ARE OBSOLETE. NEW
STANDARD IS 751−07.
A
B
S
D
H
C
0.10 (0.004)
−X−
−Y−
G
M
Y
M
0.25 (0.010)
−Z−
Y
M
0.25 (0.010)
Z
S
X S
M
DIM
A
MIN
MAX
MIN
MAX
INCHES
4.80
5.00
0.189
0.197
MILLIMETERS
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.053
0.069
D
0.33
0.51
0.013
0.020
G
1.27 BSC
0.050 BSC
H
0.10
0.25
0.004
0.010
J
0.19
0.25
0.007
0.010
K
0.40
1.27
0.016
0.050
M
0
8
0
8
N
0.25
0.50
0.010
0.020
S
5.80
6.20
0.228
0.244
_
___


Similar Part No. - MC100EL16DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL16DT ONSEMI-MC100EL16DT Datasheet
153Kb / 9P
   5.0 V ECL Differential Receiver
December, 2006 ??Rev. 7
MC100EL16DTG ONSEMI-MC100EL16DTG Datasheet
153Kb / 9P
   5.0 V ECL Differential Receiver
December, 2006 ??Rev. 7
MC100EL16DTG ONSEMI-MC100EL16DTG Datasheet
169Kb / 8P
   5.0 V ECL Differential Receiver
July, 2016 ??Rev. 9
MC100EL16DTR2 ONSEMI-MC100EL16DTR2 Datasheet
153Kb / 9P
   5.0 V ECL Differential Receiver
December, 2006 ??Rev. 7
MC100EL16DTR2G ONSEMI-MC100EL16DTR2G Datasheet
153Kb / 9P
   5.0 V ECL Differential Receiver
December, 2006 ??Rev. 7
More results

Similar Description - MC100EL16DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL16 ONSEMI-MC100LVEL16 Datasheet
58Kb / 3P
   Differential Receiver
1996 REV 0
MC10EP16 ONSEMI-MC10EP16 Datasheet
87Kb / 8P
   Differential Receiver
Sep, 1999 ??Rev. 1.0
logo
SEMTECH ELECTRONICS LTD...
100EL16TA-TD SEMTECH_ELEC-100EL16TA-TD Datasheet
202Kb / 10P
   Differential Receiver
logo
Elantec Semiconductor
EL2142C ELANTEC-EL2142C Datasheet
163Kb / 8P
   Differential Line Receiver
logo
Arizona Microtek, Inc
AZ100EP16 AZM-AZ100EP16_12 Datasheet
421Kb / 7P
   LVPECL Differential Receiver
logo
Micrel Semiconductor
SY10EL16VA MICREL-SY10EL16VA Datasheet
158Kb / 9P
   ENHANCED DIFFERENTIAL RECEIVER
logo
Integral Corp.
IL34C86 INTEGRAL-IL34C86 Datasheet
129Kb / 5P
   Differential line receiver.
logo
Intersil Corporation
EL9110 INTERSIL-EL9110_07 Datasheet
178Kb / 10P
   Differential Receiver/Equalizer
EL2142 INTERSIL-EL2142 Datasheet
274Kb / 6P
   Differential Line Receiver
logo
Micrel Semiconductor
SY10EL16VA-VF MICREL-SY10EL16VA-VF Datasheet
147Kb / 9P
   ENHANCED DIFFERENTIAL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com