Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTN2010GTC Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXTN2010GTC
Description  60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTN2010GTC Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXTN2010GTC Datasheet HTML 1Page - Zetex Semiconductors ZXTN2010GTC Datasheet HTML 2Page - Zetex Semiconductors ZXTN2010GTC Datasheet HTML 3Page - Zetex Semiconductors ZXTN2010GTC Datasheet HTML 4Page - Zetex Semiconductors ZXTN2010GTC Datasheet HTML 5Page - Zetex Semiconductors ZXTN2010GTC Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
SEMICO NDUC TORS
SUMMARY
BVCEO = 60V : RSAT = 35m ; IC = 6A
DESCRIPTION
Packaged in the SOT223 outline this new low saturation 60V NPN transistor
offers extremely low on state losses making it ideal for use in DC-DC circuits
and various driving and power management functions.
FEATURES
Extremely low equivalent on-resistance; R
SAT = 35mV at 6A
6 amps continuous current
Up to 20 amps peak current
Very low saturation voltages
Excellent h
FE characteristics up to 10 amps
APPLICATIONS
Emergency lighting circuits
Motor driving (including DC fans)
Solenoid, relay and actuator drivers
DC Modules
Backlight Inverters
DEVICE MARKING
ZXTN
2010
ZXTN2010G
ISSUE 1 - JUNE 2005
60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
DEVICE
REEL
SIZE
TAPE
WIDTH
QUANTITY PER
REEL
ZXTN2010GTA
7”
12mm
embossed
1000 units
ZXTN2010GTC
13”
4000 units
ORDERING INFORMATION
PINOUT
TOP VIEW
SOT223


Similar Part No. - ZXTN2010GTC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN2010GTC DIODES-ZXTN2010GTC Datasheet
143Kb / 6P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
More results

Similar Description - ZXTN2010GTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T851G ZETEX-ZX5T851G Datasheet
122Kb / 6P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTN2010G DIODES-ZXTN2010G_15 Datasheet
143Kb / 6P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2010G DIODES-ZXTN2010G Datasheet
143Kb / 6P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZX5T851G DIODES-ZX5T851G_15 Datasheet
491Kb / 7P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZX5T851G DIODES-ZX5T851G Datasheet
132Kb / 6P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZX5T951G ZETEX-ZX5T951G Datasheet
123Kb / 6P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZX5T951G DIODES-ZX5T951G_15 Datasheet
540Kb / 7P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTP2012G DIODES-ZXTP2012G_15 Datasheet
132Kb / 6P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZX5T951G DIODES-ZX5T951G Datasheet
133Kb / 6P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTP2012G DIODES-ZXTP2012G Datasheet
132Kb / 6P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com