Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A67L9318E-4.2F Datasheet(PDF) 8 Page - AMIC Technology

Part # A67L9318E-4.2F
Description  512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A67L9318E-4.2F Datasheet(HTML) 8 Page - AMIC Technology

Back Button A67L9318E-4.2F Datasheet HTML 4Page - AMIC Technology A67L9318E-4.2F Datasheet HTML 5Page - AMIC Technology A67L9318E-4.2F Datasheet HTML 6Page - AMIC Technology A67L9318E-4.2F Datasheet HTML 7Page - AMIC Technology A67L9318E-4.2F Datasheet HTML 8Page - AMIC Technology A67L9318E-4.2F Datasheet HTML 9Page - AMIC Technology A67L9318E-4.2F Datasheet HTML 10Page - AMIC Technology A67L9318E-4.2F Datasheet HTML 11Page - AMIC Technology A67L9318E-4.2F Datasheet HTML 12Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
A67L9318/A67L8336
PRELIMINARY
(July, 2005, Version 0.0)
8
AMIC Technology, Corp.
Truth Table (Notes 5 - 7)
Operation
Address
Used
CE
CE2 CE2
ZZ
ADV/
LD
R/ W
BWx
OE
CEN
CLK
I/O
Notes
Deselected Cycle,
Power-down
None
H
X
X
L
L
X
X
X
L
L
→H
High-Z
Deselected Cycle,
Power-down
None
X
H
X
L
L
X
X
X
L
L
→H
High-Z
Deselected Cycle,
Power-down
None
X
X
L
L
L
X
X
X
L
L
→H
High-Z
Continue Deselect
Cycle
None
X
X
X
L
H
X
X
X
L
L
→H
High-Z
1
READ Cycle
(Begin Burst)
External
L
L
H
L
L
H
X
L
L
L
→H
Q
READ Cycle
(Continue Burst)
Next
X
X
X
L
H
X
X
L
L
L
→H
Q
1,7
NOP/Dummy READ
(Begin Burst)
External
L
L
H
L
L
H
X
H
L
L
→H
High-Z
2
Dummy READ
(Continue Burst)
Next
X
X
X
L
H
X
X
H
L
L
→H
High-Z
1,2,7
WRITE Cycle
(Begin Burst)
External
L
L
H
L
L
L
L
X
L
L
→H
D
3
WRITE Cycle
(Continue Burst)
Next
X
X
X
L
H
X
L
X
L
L
→H
D
1,3,7
NOP/WRITE Abort
(Begin Burst)
None
L
L
H
L
L
L
H
X
L
L
→H
High-Z
2,3
WRITE Abort
(Continue Burst)
Next
X
X
X
L
H
X
H
X
L
L
→H
High-Z
1,2,3,7
IGNORE Clock Edge
(Stall)
Current
X
X
X
L
X
X
X
X
H
L
→H
-
4
SLEEP Mode
None
X
X
X
H
X
X
X
X
X
X
High-Z
Notes:
1. Continue Burst cycles, whether READ or WRITE, use the same control inputs. The type of cycle performed (READ or
WRITE) is chosen in the initial Begin Burst cycle. A Continue Deselect cycle can only be entered if a Deselect cycle is
executed first.
2. Dummy READ and WRITE Abort cycles can be considered NOPs because the device performs no operation. A WRITE
Abort means a WRITE command is given, but no operation is performed.
3.
OE may be wired LOW to minimize the number of control signals to the SRAM. The device will automatically turn off the
output drivers during a WRITE cycle. Some users may use OE when the bus turn-on and turn-off times do not meet their
requirements.
4. If an Ignore Clock Edge command occurs during a READ operation, the I/O bus will remain active (Low-Z). If it occurs
during a WRITE cycle, the bus will remain in High-Z. No WRITE operations will be performed during the Ignored Clock
Edge cycle.
5. X means “Don’t Care.” H means logic HIGH. L means logic LOW. BWx = H means all byte write signals (BW1,BW2 ,BW3
and BW4 ) are HIGH. BWx = L means one or more byte write signals are LOW.
6. BW1enables WRITEs to Byte “a” (I/Oa pins); BW2 enables WRITEs to Byte “b” (I/Ob pins); BW3 enables WRITEs to
Byte “c” (I/Oc pins); BW4 enables WRITEs to Byte “d” (I/Od pins).
7. The address counter is incremented for all Continue Burst cycles.


Similar Part No. - A67L9318E-4.2F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A67L9318 AMICC-A67L9318 Datasheet
205Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L93181 AMICC-A67L93181 Datasheet
246Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
A67L93181E AMICC-A67L93181E Datasheet
246Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
A67L93181E-10.0 AMICC-A67L93181E-10.0 Datasheet
246Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
A67L93181E-10.0F AMICC-A67L93181E-10.0F Datasheet
246Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
More results

Similar Description - A67L9318E-4.2F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A67P9318 AMICC-A67P9318_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L8336 AMICC-A67L8336 Datasheet
205Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L9318 AMICC-A67L9318 Datasheet
205Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8318 AMICC-A67P8318 Datasheet
255Kb / 18P
   256K X 18, 128K X 36 LVTTL, Pipelined ZeBL SRAM
A67P9336 AMICC-A67P9336_15 Datasheet
203Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67L0618 AMICC-A67L0618 Datasheet
259Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67L0618 AMICC-A67L0618 Datasheet
252Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67P9336 AMICC-A67P9336 Datasheet
249Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com