Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM54HCT573 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HCT573
Description  TRI-STATE Octal D-Type Latch / TRI-STATE Octal D-Type Flip-Flop
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HCT573 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MM54HCT573 Datasheet HTML 1Page - National Semiconductor (TI) MM54HCT573 Datasheet HTML 2Page - National Semiconductor (TI) MM54HCT573 Datasheet HTML 3Page - National Semiconductor (TI) MM54HCT573 Datasheet HTML 4Page - National Semiconductor (TI) MM54HCT573 Datasheet HTML 5Page - National Semiconductor (TI) MM54HCT573 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Notes12)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
b
05 to a70V
DC Input Voltage (VIN)
b
15 to VCCa15V
DC Output Voltage (VOUT)
b
05 to VCCa05V
Clamp Diode Current (IIK IOK)
g
20 mA
DC Output Current per pin (IOUT)
g
35 mA
DC VCC or GND Current per pin (ICC)
g
70 mA
Storage Temperature Range (TSTG)
b
65 Cto a150 C
Power Dissipation (PD)
(Note 3)
600 mW
SO Package only
500 mW
Lead Temp (TL) (Soldering 10 seconds)
260 C
Operating Conditions
Min
Max
Units
Supply Voltage (VCC)
45
55
V
DC Input or Output Voltage
0
VCC
V
(VIN VOUT)
Operating Temp Range (TA)
MM74HCT
b
40
a
85
C
MM54HCT
b
55
a
125
C
Input Rise or Fall Times
(tr tf)
500
ns
DC Electrical Characteristics VCCe5V g10% (unless otherwise specified)
TAe25 C
74HCT
54HCT
Symbol
Parameter
Conditions
TAeb40 to 85 CTAeb55 to 125 C Units
Typ
Guaranteed Limits
VIH
Minimum High Level
20
20
20
V
Input Voltage
VIL
Maximum Low Level
08
08
08
V
Input Voltage
VOH
Minimum High Level
VINeVIH or VIL
Output Voltage
lIOUTle20 mAVCC VCCb01
VCCb01
VCCb01
V
lIOUTle60 mA VCCe45V 42
398
384
37
V
lIOUTle72 mA VCCe55V 57
498
484
47
V
VOL
Maximum Low Level
VINeVIH or VIL
Voltage
lIOUTle20 mA
0
01
01
01
V
lIOUTle60 mA VCCe45V 02
026
033
04
V
lIOUTle72 mA VCCe55V 02
026
033
04
V
IIN
Maximum Input
VINeVCC or GND
g
01
g
10
g
10
m
A
Current
VIH or VIL
IOZ
Maximum TRI-STATE
VOUTeVCC or GND
g
05
g
50
g
10
m
A
Output Leakage
EnableeVIH or VIL
Current
ICC
Maximum Quiescent
VINeVCC or GND
80
80
160
m
A
Supply Current
IOUTe0 mA
VINe24V or 05V (Note 4)
15
18
20
mA
Note 1
Absolute Maximum Ratings are those values beyond which damage to the device may occur
Note 2
Unless otherwise specified all voltages are referenced to ground
Note 3
Power Dissipation temperature derating
plastic ‘‘N’’ package b12 mW C from 65 Cto85 C ceramic ‘‘J’’ package b12 mW C from 100 Cto125 C
Note 4
Measured per pin All others tied to VCC or ground
2


Similar Part No. - MM54HCT573

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HCT521J NSC-MM54HCT521J Datasheet
99Kb / 4P
   8-Channel TRI-STATE-R Multiplexer
More results

Similar Description - MM54HCT573

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F574DM NSC-54F574DM Datasheet
169Kb / 8P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54FCT574 NSC-54FCT574 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54ABT374 NSC-54ABT374 Datasheet
334Kb / 12P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
DM74LS564 NSC-DM74LS564 Datasheet
109Kb / 4P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54FCT374 NSC-54FCT374 Datasheet
147Kb / 7P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54AC574 NSC-54AC574 Datasheet
166Kb / 10P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54ABT574 NSC-54ABT574 Datasheet
323Kb / 10P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54ACT564 NSC-54ACT564 Datasheet
131Kb / 8P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54F374DM NSC-54F374DM Datasheet
175Kb / 8P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54F534DM NSC-54F534DM Datasheet
170Kb / 8P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com