Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EL58 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100EL58
Description  2:1 Multiplexer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL58 Datasheet(HTML) 1 Page - ON Semiconductor

  MC100EL58 Datasheet HTML 1Page - ON Semiconductor MC100EL58 Datasheet HTML 2Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
3–1
REV 2
© Motorola, Inc. 1996
12/93
2:1 Multiplexer
The MC10EL/100EL58 is a 2:1 multiplexer. The device is functionally
equivalent to the E158 device with higher performance capabilities. With
propagation delays and output transition times significantly faster than
the E158 the EL58 is ideally suited for those applications which require
the ultimate in AC performance.
230ps Propagation Delay
High Bandwidth Output Transitions
75kΩ Internal Input Pulldown Resistors
>1000V ESD Protection
LOGIC DIAGRAM AND PINOUT ASSIGNMENT
1
2
3
4
5
6
7
8
Q
VEE
VCC
Da
Q
Db
SEL
NC
1
MUX
0
DC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = GND)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply
10EL
Current
100EL
14
14
17
17
14
14
17
17
14
14
17
17
14
16
17
19
mA
VEE
Power Supply
10EL
Voltage
100EL
–4.94
–4.20
–5.2
–4.5
–5.5
–5.5
–4.94
–4.20
–5.2
–4.5
–5.5
–5.5
–4.75
–4.20
–5.2
–4.5
–5.5
–5.5
–4.75
–4.20
–5.2
–4.5
–5.5
–5.5
V
IIH
Input HIGH Current
150
150
150
150
µA
AC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = GND)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
tPLH
tPHL
Propagation Delay
to Output
D to Q
SEL to Q
60
90
220
250
380
410
110
140
220
250
330
360
120
150
230
260
340
370
140
170
250
280
360
390
ps
tr
tf
Output Rise/Fall Times Q
(20% – 80%)
100
225
350
100
225
350
100
225
350
100
225
350
ps
MC10EL58
MC100EL58
PIN
FUNCTION
D0, D1
Data Inputs
Q
Data Outputs
PIN DESCRIPTION
SEL
H
L
FUNCTION TABLE
Data
a
b
1
8
D SUFFIX
PLASTIC SOIC PACKAGE
CASE 751-05


Similar Part No. - MC100EL58

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL58 ONSEMI-MC100EL58 Datasheet
143Kb / 9P
   5.0 V ECL 2:1 Multiplexer
December, 2006 ??Rev. 7
MC100EL58D ONSEMI-MC100EL58D Datasheet
143Kb / 9P
   5.0 V ECL 2:1 Multiplexer
December, 2006 ??Rev. 7
MC100EL58D ONSEMI-MC100EL58D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100EL58DG ONSEMI-MC100EL58DG Datasheet
143Kb / 9P
   5.0 V ECL 2:1 Multiplexer
December, 2006 ??Rev. 7
MC100EL58DG ONSEMI-MC100EL58DG Datasheet
153Kb / 8P
   5.0V ECL 2:1 Multiplexer
July, 2016 ??Rev. 9
More results

Similar Description - MC100EL58

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL58 ONSEMI-MC100LVEL58 Datasheet
66Kb / 4P
   2:1 Multiplexer
February, 2000 ??Rev. 1
logo
Micrel Semiconductor
SY10EL58 MICREL-SY10EL58_05 Datasheet
49Kb / 4P
   2:1 MULTIPLEXER
logo
ON Semiconductor
MC10EP58 ONSEMI-MC10EP58 Datasheet
80Kb / 8P
   2:1 Multiplexer
Sep, 1999 ??Rev. 1.0
logo
Micrel Semiconductor
SY10EL58 MICREL-SY10EL58 Datasheet
47Kb / 4P
   2:1 MULTIPLEXER
logo
ON Semiconductor
NLASB3157 ONSEMI-NLASB3157 Datasheet
70Kb / 10P
   2:1 Multiplexer
April, 2004 ??Rev. 6
logo
NXP Semiconductors
CBTL04DP211BS-518 NXP-CBTL04DP211BS-518 Datasheet
256Kb / 18P
   DisplayPort 2 : 1 multiplexer
Rev. 2-13 April 2012
logo
ON Semiconductor
MC10EP58 ONSEMI-MC10EP58_16 Datasheet
169Kb / 10P
   ECL 2:1 Multiplexer
August, 2016 ??Rev. 8
logo
Motorola, Inc
MC10E157 MOTOROLA-MC10E157 Datasheet
99Kb / 4P
   QUAD 2:1 MULTIPLEXER
logo
Micrel Semiconductor
SY10E157 MICREL-SY10E157_06 Datasheet
65Kb / 4P
   QUAD 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10E157 ONSEMI-MC10E157 Datasheet
99Kb / 4P
   QUAD 2:1 MULTIPLEXER
1996 REV 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com