Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A67P9336E-4.2 Datasheet(PDF) 4 Page - AMIC Technology

Part # A67P9336E-4.2
Description  1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A67P9336E-4.2 Datasheet(HTML) 4 Page - AMIC Technology

  A67P9336E-4.2 Datasheet HTML 1Page - AMIC Technology A67P9336E-4.2 Datasheet HTML 2Page - AMIC Technology A67P9336E-4.2 Datasheet HTML 3Page - AMIC Technology A67P9336E-4.2 Datasheet HTML 4Page - AMIC Technology A67P9336E-4.2 Datasheet HTML 5Page - AMIC Technology A67P9336E-4.2 Datasheet HTML 6Page - AMIC Technology A67P9336E-4.2 Datasheet HTML 7Page - AMIC Technology A67P9336E-4.2 Datasheet HTML 8Page - AMIC Technology A67P9336E-4.2 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
A67P0618/A67P9336 Series
PRELIMINARY
(September, 2004, Version 0.0)
4
AMIC Technology, Corp.
Block Diagram (512K X 36)
512K x 9 x 4
MEMORY
ARRAY
MODE
LOGIC
CLK
LOGIC
ADDRESS
REGISTERS
BURST
LOGIC
ADDRESS
COUNTER
CLR
WRITE
REGISTRY
&
CONTROL
LOGIC
BYTEa
WRITE
DRIVER
BYTEb
WRITE
DRIVER
BYTEc
WRITE
DRIVER
BYTEd
WRITE
DRIVER
9
9
9
9
9
9
9
9
OUTPUT
REGISTERS
&
OUTPUT
BUFFERS
DATA-IN
REGISTERS
CHIP
ENABLE
LOGIC
PIPELINED
ENABLE
LOGIC
OUTPUT
ENABLE
LOGIC
ZZ
MODE
ADV/LD
CLK
A0-A18
R/W
BW1
BW2
BW3
BW4
CE
CE2
CE2
OE
CEN
WRITE
ADDRESS
REGISTER
WRITE
ADDRESS
REGISTER
ADV/LD
DATA-IN
REGISTERS
I/Os
SENSE
AMPS


Similar Part No. - A67P9336E-4.2

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A67P93361 AMICC-A67P93361 Datasheet
243Kb / 18P
   1M X 18, 512K X 36 LVTTL, Flow-through ZeBL SRAM
A67P93361E AMICC-A67P93361E Datasheet
243Kb / 18P
   1M X 18, 512K X 36 LVTTL, Flow-through ZeBL SRAM
A67P93361E-6.5 AMICC-A67P93361E-6.5 Datasheet
243Kb / 18P
   1M X 18, 512K X 36 LVTTL, Flow-through ZeBL SRAM
A67P93361E-7.5 AMICC-A67P93361E-7.5 Datasheet
243Kb / 18P
   1M X 18, 512K X 36 LVTTL, Flow-through ZeBL SRAM
A67P93361E-8.5 AMICC-A67P93361E-8.5 Datasheet
243Kb / 18P
   1M X 18, 512K X 36 LVTTL, Flow-through ZeBL SRAM
More results

Similar Description - A67P9336E-4.2

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A67P9336 AMICC-A67P9336_15 Datasheet
203Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67L0618 AMICC-A67L0618 Datasheet
259Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67L0618 AMICC-A67L0618 Datasheet
252Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67P1618 AMICC-A67P1618 Datasheet
203Kb / 18P
   2M X 18, 1M X 36 LVTTL, Pipelined ZeBL SRAM
A67X1618A AMICC-A67X1618A Datasheet
207Kb / 18P
   2M X 18, 1M X 36 LVTTL, Pipelined ZeBL SRAM
A67L0636 AMICC-A67L0636 Datasheet
253Kb / 18P
   2M X 18, 1M X 36 LVTTL, Pipelined ZeBL SRAM
A67P9318 AMICC-A67P9318_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P1618A AMICC-A67P1618A Datasheet
205Kb / 18P
   2M X 18, 1M X 36 LVTTL, Pipelined ZeBL SRAM
A67L9318 AMICC-A67L9318 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com