Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT6522D Datasheet(PDF) 10 Page - Texas Instruments

Part # PT6522D
Description  8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6522D Datasheet(HTML) 10 Page - Texas Instruments

Back Button PT6522D Datasheet HTML 4Page - Texas Instruments PT6522D Datasheet HTML 5Page - Texas Instruments PT6522D Datasheet HTML 6Page - Texas Instruments PT6522D Datasheet HTML 7Page - Texas Instruments PT6522D Datasheet HTML 8Page - Texas Instruments PT6522D Datasheet HTML 9Page - Texas Instruments PT6522D Datasheet HTML 10Page - Texas Instruments PT6522D Datasheet HTML 11Page - Texas Instruments PT6522D Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
PT6526G
NRND
SIP MOD
ULE
EEG
14
12
TBD
Call TI
Level-1-215C-UNLIM
PT6526L
NRND
SIP MOD
ULE
EEL
14
12
TBD
Call TI
Level-1-215C-UNLIM
PT6526LT
NRND
SIP MOD
ULE
EEL
14
100
TBD
Call TI
Level-1-215C-UNLIM
PT6526M
NRND
SIP MOD
ULE
EEM
14
TBD
Call TI
Call TI
PT6526P
NRND
SIP MOD
ULE
EED
14
12
TBD
Call TI
Level-1-215C-UNLIM
PT6526Q
NRND
SIP MOD
ULE
EEQ
14
TBD
Call TI
Call TI
PT6526R
NRND
SIP MOD
ULE
EEE
14
12
TBD
Call TI
Level-1-215C-UNLIM
PT6527B
NRND
SIP MOD
ULE
EEK
14
12
TBD
Call TI
Level-1-215C-UNLIM
PT6527D
NRND
SIP MOD
ULE
EEA
14
TBD
Call TI
Call TI
PT6527E
NRND
SIP MOD
ULE
EEC
14
12
TBD
Call TI
Level-1-215C-UNLIM
PT6527F
NRND
SIP MOD
ULE
EEF
14
12
TBD
Call TI
Level-1-215C-UNLIM
PT6527G
NRND
SIP MOD
ULE
EEG
14
12
TBD
Call TI
Level-1-215C-UNLIM
PT6527L
NRND
SIP MOD
ULE
EEL
14
TBD
Call TI
Call TI
PT6527M
NRND
SIP MOD
ULE
EEM
14
TBD
Call TI
Call TI
PT6527P
NRND
SIP MOD
ULE
EED
14
12
TBD
Call TI
Level-1-215C-UNLIM
PT6527Q
NRND
SIP MOD
ULE
EEQ
14
TBD
Call TI
Call TI
PT6527R
NRND
SIP MOD
ULE
EEE
14
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
PACKAGE OPTION ADDENDUM
www.ti.com
19-Aug-2005
Addendum-Page 3


Similar Part No. - PT6522D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6522 TI-PT6522 Datasheet
193Kb / 8P
[Old version datasheet]   8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
logo
Princeton Technology Co...
PT6522 PTC-PT6522 Datasheet
698Kb / 13P
   LCD Display Driver
PT6522-Q PTC-PT6522-Q Datasheet
698Kb / 13P
   LCD Display Driver
PT6522LQ PTC-PT6522LQ Datasheet
698Kb / 13P
   LCD Display Driver
More results

Similar Description - PT6522D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6510 TI-PT6510 Datasheet
432Kb / 19P
[Old version datasheet]   8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
PT652X TI-PT652X Datasheet
193Kb / 8P
[Old version datasheet]   8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
PT6500 TI-PT6500 Datasheet
291Kb / 7P
[Old version datasheet]   8 AMP ADJUSTABLE ISR WITH SHORT-CIRCUIT PROTECTION
PTH04070W TI-PTH04070W_07 Datasheet
436Kb / 16P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04070W TI-PTH04070W_15 Datasheet
380Kb / 17P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04070W TI-PTH04070W Datasheet
402Kb / 15P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PT5406 TI-PT5406 Datasheet
315Kb / 16P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable SWIFT Power Module
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5502 TI-PT5502 Datasheet
174Kb / 2P
[Old version datasheet]   3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6440 TI-PT6440 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com