Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WJ1142AS109VDC3.5 Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # WJ1142AS109VDC3.5
Description  CIT SWTICH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

WJ1142AS109VDC3.5 Datasheet(HTML) 1 Page - CIT Relay & Switch

  WJ1142AS109VDC3.5 Datasheet HTML 1Page - CIT Relay & Switch WJ1142AS109VDC3.5 Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
FEATURES:
Switching capacity 16A
Small size suitable for high density mounting
PC board mounting
UL/CUL certified
E197852
29.0 x 12.6 x 20.6 mm
CONTACT DATA
Contact Arrangement
1A = SPST N.O.
1C = SPDT
2A = DPST N.O.
2C = DPDT
Contact Rating
1A & 1C: 10A @ 250VAC
1A & 1C: 16A @ 250VAC
2A & 2C: 5A @ 220VAC
1hp, 250VAC; 1/2hp, 125VAC; TV-5, 120VAC
Contact Resistance
< 50 milliohms initial
Contact Material
AgCdO
Maximum Switching Power
480W, 4000VA
Maximum Switching Voltage
380VAC, 110VDC
Maximum Switching Current
16A
COIL DATA
Coil Voltage
VDC
Coil Resistance
Ω ± 10%
Rated
Max.
.53W
.80W
Pick Up Voltage
VDC (max)
75%
of rated voltage
Release Voltage
VDC (min)
10%
of rated voltage
Coil Power
W
Operate
Time
ms
Release
Time
ms
3
3.9
17
11
2.25
0.3
5
6.5
47
31
3.75
0.5
6
7.8
68
45
4.50
0.6
9
11.7
153
101
6.75
0.9
12
15.6
272
180
9.00
1.2
15
23.4
425
319
11.30
1.5
24
31.2
1087
720
18.00
2.4
.53
.80
10
5
CAUTION:
1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay.
2. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
GENERAL DATA
Electrical Life @ rated load
Mechanical Life
100K cycles, typical
10M cycles, typical
Insulation Resistance
100M
Ω min @ 500VDC
Dielectric Strength, Coil to Contact
Contact to Contact
5000V rms min. @ sea level
2000V rms min. @ sea level
Shock Resistance
500m/s
2 for 11ms
Vibration Resistance
1.50mm double amplitude 10-40Hz
Operating Temperature
Storage Temperature
-40
°C to + 85 °C
-40
°C to + 155 °C
Solderability
230
°C ± 2 °C for 10 ± 0.5s
Weight
20g
WJ114


Similar Part No. - WJ1142AS109VDC3.5

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
WJ114FL CIT-WJ114FL Datasheet
175Kb / 2P
   CIT SWITCH
WJ114FL1AS12110VDC3.5 CIT-WJ114FL1AS12110VDC3.5 Datasheet
175Kb / 2P
   CIT SWITCH
WJ114FL1AS12110VDC5.0 CIT-WJ114FL1AS12110VDC5.0 Datasheet
175Kb / 2P
   CIT SWITCH
WJ114FL1AS1212VDC3.5 CIT-WJ114FL1AS1212VDC3.5 Datasheet
175Kb / 2P
   CIT SWITCH
WJ114FL1AS1212VDC5.0 CIT-WJ114FL1AS1212VDC5.0 Datasheet
175Kb / 2P
   CIT SWITCH
More results

Similar Description - WJ1142AS109VDC3.5

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
MS1201 CIT-MS1201 Datasheet
119Kb / 1P
   CIT SWITCH
MS1202 CIT-MS1202 Datasheet
121Kb / 1P
   CIT SWITCH
MS1270 CIT-MS1270 Datasheet
110Kb / 1P
   CIT SWITCH
MS2202 CIT-MS2202 Datasheet
125Kb / 1P
   CIT SWITCH
MS2215 CIT-MS2215 Datasheet
125Kb / 1P
   CIT SWITCH
MS4208 CIT-MS4208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102VS CIT-CT1102VS Datasheet
172Kb / 2P
   CIT SWITCH
LP2203 CIT-LP2203 Datasheet
271Kb / 3P
   CIT SWITCH
LP2284 CIT-LP2284 Datasheet
124Kb / 1P
   CIT SWITCH
WJ102 CIT-WJ102 Datasheet
269Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com