Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A67P8336E-2.8F Datasheet(PDF) 7 Page - AMIC Technology

Part # A67P8336E-2.8F
Description  512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A67P8336E-2.8F Datasheet(HTML) 7 Page - AMIC Technology

Back Button A67P8336E-2.8F Datasheet HTML 3Page - AMIC Technology A67P8336E-2.8F Datasheet HTML 4Page - AMIC Technology A67P8336E-2.8F Datasheet HTML 5Page - AMIC Technology A67P8336E-2.8F Datasheet HTML 6Page - AMIC Technology A67P8336E-2.8F Datasheet HTML 7Page - AMIC Technology A67P8336E-2.8F Datasheet HTML 8Page - AMIC Technology A67P8336E-2.8F Datasheet HTML 9Page - AMIC Technology A67P8336E-2.8F Datasheet HTML 10Page - AMIC Technology A67P8336E-2.8F Datasheet HTML 11Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
A67P9318/A67P8336
PRELIMINARY
(July, 2005, Version 0.0)
7
AMIC Technology, Corp.
Pin Description (continued)
Pin No.
Symbol
Description
LQFP (X18)
LQFP (X36)
64
64
ZZ
Snooze Enable : This active high asynchronous input causes
the device to enter a low-power standby mode in which all
data in the memory array is retained. When active, all other
inputs are ignored.
88
88
R/ W
Read/Write : This active input determines the cycle type
when ADV/LD is LOW. This is the only means for
determining READs and WRITEs. READ cycles may not be
converted into WRITEs (and vice versa) other than by
loading a new address. A LOW on this pin permits BYTE
WRITE operations and must meet the setup and hold times
around the rising edge of CLK. Full bus width WRITEs occur
if all byte write enables are LOW.
74, 73, 72, 69, 68,
63, 62, 59, 58,
24, 23, 22, 19, 18
13, 12, 9, 8
51, 52, 53, 56, 57,
58, 59, 62, 63
68, 69, 72, 73, 74,
75, 78, 79, 80
1, 2, 3, 6, 7, 8, 9,
12, 13,
18, 19, 22, 23, 24,
25, 28, 29, 30
I/Oa
I/Ob
I/Oc
I/Od
SRAM Data I/O : Byte “a” is I/Oa pins; Byte “b” is I/Ob pins;
Byte “c” is I/Oc pins; Byte “d” is I/Od pins. Input data must
meet setup and hold times around CLK rising edge.
31
31
MODE
Mode : This input selects the burst sequence. A LOW on this
pin selects linear burst. NC or HIGH on this pin selects
interleaved burst. Do not alter input state while device is
operating.
1, 2, 3, 6, 7, 25, 28,
29, 30, 38, 39,
42,43 51, 52, 53,
56, 57, 75, 78, 79,
95, 96
38,39,42,43
NC
No Connect : These pins can be left floating or connected to
GND to minimize thermal impedance.
15, 41, 65, 91
15, 41, 65, 91
VCC
Power Supply : See DC Electrical Characteristics and
Operating Conditions for range.
14, 16, 66
14, 16, 66
VCC
These pins do not have to be connected directly to VCC as
long as the input voltage is
≥ VIH. This input is not connected
to VCC bus internally.
4, 11, 20, 27,
54, 61, 70, 77
4, 11, 20, 27,
54,
61, 70, 77
VCCQ
Isolated Output Buffer Supply : See DC Electrical
Characteristics and Operating Conditions for range.
17, 40, 90
17, 40, 90
VSS
Ground : GND.
5,10,21,26,
55,60,71,76
5,10,21,26,
55,60,71,76
VSSQ
Isolated Output Buffer Ground


Similar Part No. - A67P8336E-2.8F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A67P83361 AMICC-A67P83361 Datasheet
251Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
A67P83361E-10.0 AMICC-A67P83361E-10.0 Datasheet
246Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
A67P83361E-10.0F AMICC-A67P83361E-10.0F Datasheet
246Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
A67P83361E-7.5 AMICC-A67P83361E-7.5 Datasheet
246Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
A67P83361E-7.5F AMICC-A67P83361E-7.5F Datasheet
246Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
More results

Similar Description - A67P8336E-2.8F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A67P9318 AMICC-A67P9318_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L9318 AMICC-A67L9318 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L8336 AMICC-A67L8336 Datasheet
205Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L9318 AMICC-A67L9318 Datasheet
205Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8318 AMICC-A67P8318 Datasheet
255Kb / 18P
   256K X 18, 128K X 36 LVTTL, Pipelined ZeBL SRAM
A67P9336 AMICC-A67P9336_15 Datasheet
203Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67L0618 AMICC-A67L0618 Datasheet
259Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67L0618 AMICC-A67L0618 Datasheet
252Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67P9336 AMICC-A67P9336 Datasheet
249Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com