Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A67P8336E-2.6F Datasheet(PDF) 6 Page - AMIC Technology

Part # A67P8336E-2.6F
Description  512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A67P8336E-2.6F Datasheet(HTML) 6 Page - AMIC Technology

Back Button A67P8336E-2.6F Datasheet HTML 2Page - AMIC Technology A67P8336E-2.6F Datasheet HTML 3Page - AMIC Technology A67P8336E-2.6F Datasheet HTML 4Page - AMIC Technology A67P8336E-2.6F Datasheet HTML 5Page - AMIC Technology A67P8336E-2.6F Datasheet HTML 6Page - AMIC Technology A67P8336E-2.6F Datasheet HTML 7Page - AMIC Technology A67P8336E-2.6F Datasheet HTML 8Page - AMIC Technology A67P8336E-2.6F Datasheet HTML 9Page - AMIC Technology A67P8336E-2.6F Datasheet HTML 10Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
A67P9318/A67P8336
PRELIMINARY
(July, 2005, Version 0.0)
6
AMIC Technology, Corp.
Pin Description
Pin No.
Symbol
Description
LQFP (X18)
LQFP (X36)
37
36
35, 34, 33, 32,
100, 99, 82, 81,
44, 45, 46, 47,
48, 49, 50, 83
83
37
36
35, 34, 33, 32,
100, 99, 82, 81,
45, 46, 47, 48,
49, 50, 83
44
A0
A1
A2 - A9
A11 - A17
A18
A10
Synchronous Address Inputs : These inputs are registered
and must meet the setup and hold times around the rising
edge of CLK. A0 and A1 are the two lest significant bits
(LSB) of the address field and set the internal burst counter if
burst is desired.
93 (BW1)
94 (BW2 )
93 (BW1)
94 (BW2 )
95 (BW3 )
96 (BW4 )
BW1
BW2
BW3
BW4
Synchronous Byte Write Enables : These active low inputs
allow individual bytes to be written when a WRITE cycle is
active and must meet the setup and hold times around the
rising edge of CLK. BYTE WRITEs need to be asserted on
the same cycle as the address, BWs are associated with
addresses and apply to subsequent data. BW1 controls I/Oa
pins; BW2 controls I/Ob pins; BW3 controls I/Oc pins;
BW4 controls I/Od pins.
89
89
CLK
Clock: This signal registers the address, data, chip enables,
byte write enables and burst control inputs on its rising edge.
All synchronous inputs must meet setup and hold times
around the clock are rising edge.
98
98
CE
Synchronous Chip Enable : This active low input is used to
enable the device. This input is sampled only when a new
external address is loaded (ADV/LD LOW).
92
92
CE2
Synchronous Chip Enable : This active low input is used to
enable the device and is sampled only when a new external
address is loaded (ADV/LD LOW). This input can be used
for memory depth expansion.
97
97
CE2
Synchronous Chip Enable : This active high input is used to
enable the device and is sampled only when a new external
address is loaded (ADV/LD LOW). This input can be used
for memory depth expansion.
86
86
OE
Output Enable : This active low asynchronous input enables
the data I/O output drivers.
85
85
ADV/LD
Synchronous Address Advance/Load : When HIGH, this
input is used to advance the internal burst counter,
controlling burst access after the external address is loaded.
When HIGH, R/ W is ignored. A LOW on this pin permits a
new address to be loaded at CLK rising edge.
87
87
CEN
Synchronous Clock Enable : This active low input permits
CLK to propagate throughout the device. When HIGH, the
device ignores the CLK input and effectively internally
extends the previous CLK cycle. This input must meet setup
and hold times around the rising edge of CLK.


Similar Part No. - A67P8336E-2.6F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A67P83361 AMICC-A67P83361 Datasheet
251Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
A67P83361E-10.0 AMICC-A67P83361E-10.0 Datasheet
246Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
A67P83361E-10.0F AMICC-A67P83361E-10.0F Datasheet
246Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
A67P83361E-7.5 AMICC-A67P83361E-7.5 Datasheet
246Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
A67P83361E-7.5F AMICC-A67P83361E-7.5F Datasheet
246Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
More results

Similar Description - A67P8336E-2.6F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A67P9318 AMICC-A67P9318_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L9318 AMICC-A67L9318 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L8336 AMICC-A67L8336 Datasheet
205Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L9318 AMICC-A67L9318 Datasheet
205Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8318 AMICC-A67P8318 Datasheet
255Kb / 18P
   256K X 18, 128K X 36 LVTTL, Pipelined ZeBL SRAM
A67P9336 AMICC-A67P9336_15 Datasheet
203Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67L0618 AMICC-A67L0618 Datasheet
259Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67L0618 AMICC-A67L0618 Datasheet
252Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67P9336 AMICC-A67P9336 Datasheet
249Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com